Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP1248 Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCP1248
Description  Fixed Frequency Current Mode Controller
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1248 Datasheet(HTML) 1 Page - ON Semiconductor

  NCP1248 Datasheet HTML 1Page - ON Semiconductor NCP1248 Datasheet HTML 2Page - ON Semiconductor NCP1248 Datasheet HTML 3Page - ON Semiconductor NCP1248 Datasheet HTML 4Page - ON Semiconductor NCP1248 Datasheet HTML 5Page - ON Semiconductor NCP1248 Datasheet HTML 6Page - ON Semiconductor NCP1248 Datasheet HTML 7Page - ON Semiconductor NCP1248 Datasheet HTML 8Page - ON Semiconductor NCP1248 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
© Semiconductor Components Industries, LLC, 2014
December, 2014 − Rev. 0
1
Publication Order Number:
NCP1248/D
NCP1248
Fixed Frequency Current
Mode Controller for Flyback
Converters
The NCP1248 is a new fixed-frequency current-mode controller
featuring the Dynamic Self-Supply. This function greatly simplifies
the design of the auxiliary supply and the VCC capacitor by activating
the internal startup current source to supply the controller during
start-up, transients, latch, stand-by etc. This device contains a special
HV detector which detect the application unplug from the AC input
line and triggers the X2 discharge current. This HV structure allows
the brown-out detection as well.
It features a timer-based fault detection that ensures the detection of
overload and an adjustable compensation to help keep the maximum
power independent of the input voltage.
Due to frequency foldback, the controller exhibits excellent
efficiency in light load condition while still achieving very low
standby power consumption. Internal frequency jittering, ramp
compensation, and a versatile latch input make this controller an
excellent candidate for the robust power supply designs.
A dedicated Off mode allows to reach the extremely low no load
input power consumption via “sleeping” whole device and thus
minimize the power consumption of the control circuitry.
Features
Fixed-Frequency Current-Mode Operation using 65 kHz/100 kHz
Switching Frequency
Frequency Foldback then Skip Mode for Maximized Performance
in Light Load and Standby Conditions
Timer-Based Overload Protection with Latched (Option A)
Operation
High-voltage Current Source with Brown-Out Detection and
Dynamic Self-Supply, Simplifying the Design of the VCC
Circuitry
Frequency Modulation for Softened EMI Signature
Adjustable Overpower Protection Dependant on the Bulk Voltage
Latch-off Input Combined with the Overpower Protection
Sensing Input
VCC Operation up to 28 V, With Overvoltage Detection
500/800 mA Source/Sink Drive Peak Current Capability
10 ms Soft-Start
Internal Thermal Shutdown
No-Load Standby Power < 30 mW
X2 Capacitor in EMI Filter Discharging Feature
These Devices are Pb-Free and Halogen Free/BFR Free
Typical Applications
AC-DC Adapters for Notebooks, LCD, and Printers
Offline Battery Chargers
Consumer Electronic Power Supplies
Auxiliary/Housekeeping Power Supplies
Offline Adapters for Notebooks
http://onsemi.com
SOIC−7
CASE 751U
MARKING DIAGRAM
48Axxx
ALYWX
G
1
8
48Axxx
= Specific Device Code
xxx = 065 for 65 kHz
= 100 for 100 kHz
A
= Assembly Location
L
= Wafer Lot
Y
= Year
W
= Work Week
G
= Pb-Free Package
1
8
5
3
4
(Top View)
Latch
CS
HV
PIN CONNECTIONS
6
2
FB
GND
DRV
VCC
See detailed ordering and shipping information on page 35 of
this data sheet.
ORDERING INFORMATION


Similar Part No. - NCP1248

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1240 ONSEMI-NCP1240 Datasheet
1Mb / 45P
   Fixed Frequency Current Mode Controller
July, 2015 ??Rev. 1
NCP12400 ONSEMI-NCP12400 Datasheet
4Mb / 46P
   Fixed Frequency Current Mode Controller for Flyback Converters
October, 2019 ??Rev. 5
NCP12400 ONSEMI-NCP12400 Datasheet
4Mb / 47P
   Fixed Frequency Current Mode Controller for Flyback Converters
February, 2022 - Rev. 8
NCP12400AAAAA0 ONSEMI-NCP12400AAAAA0 Datasheet
4Mb / 46P
   Fixed Frequency Current Mode Controller for Flyback Converters
October, 2019 ??Rev. 5
NCP12400AAAAA1 ONSEMI-NCP12400AAAAA1 Datasheet
4Mb / 46P
   Fixed Frequency Current Mode Controller for Flyback Converters
October, 2019 ??Rev. 5
More results

Similar Description - NCP1248

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1236 ONSEMI-NCP1236_16 Datasheet
243Kb / 34P
   Fixed Frequency Current Mode Controller
January, 2016 ??Rev. 5
NCP1240 ONSEMI-NCP1240 Datasheet
1Mb / 45P
   Fixed Frequency Current Mode Controller
July, 2015 ??Rev. 1
NCP1246 ONSEMI-NCP1246_15 Datasheet
1Mb / 39P
   Fixed Frequency Current Mode Controller
March, 2015 ??Rev. 6
SCY99194 ONSEMI-SCY99194 Datasheet
1Mb / 40P
   Fixed Frequency Current Mode Controller
December, 2014 ??Rev. 0
NCP1235 ONSEMI-NCP1235 Datasheet
243Kb / 34P
   Fixed Frequency Current Mode Controller
January, 2015 ??Rev. P0
NCP1244 ONSEMI-NCP1244 Datasheet
1Mb / 40P
   Fixed Frequency Current Mode Controller
July, 2014 ??Rev. 1
logo
Estek Electronics Co. L...
KA3842 ESTEK-KA3842 Datasheet
321Kb / 7P
   fixed frequency current mode PWM controller
logo
IK Semicon Co., Ltd
IL3842 IKSEMICON-IL3842 Datasheet
124Kb / 5P
   Fixed Frequency Current Mode PWM Controller
logo
Integral Corp.
IL3842 INTEGRAL-IL3842 Datasheet
204Kb / 5P
   Fixed Frequency Current Mode PWM Controller
logo
IK Semicon Co., Ltd
IL3843 IKSEMICON-IL3843_11 Datasheet
141Kb / 5P
   Fixed Frequency Current Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com