Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GDSSF2300B Datasheet(PDF) 2 Page - GOOD-ARK Electronics

Part # GDSSF2300B
Description  GENERAL FEATURES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

GDSSF2300B Datasheet(HTML) 2 Page - GOOD-ARK Electronics

  GDSSF2300B_15 Datasheet HTML 1Page - GOOD-ARK Electronics GDSSF2300B_15 Datasheet HTML 2Page - GOOD-ARK Electronics GDSSF2300B_15 Datasheet HTML 3Page - GOOD-ARK Electronics GDSSF2300B_15 Datasheet HTML 4Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Suzhou Goodark Electronics Co., Ltd
Version 1.0
GDSSF2300B
ELECTRICAL CHARACTERISTICS (TA=25℃unless otherwise noted)
Parameter
Symbol
Condition
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
VGS=0V ID=250μA
20
V
Zero Gate Voltage Drain Current
IDSS
VDS=20V,VGS=0V
1
μA
Gate-Body Leakage Current
IGSS
VGS=±10V,VDS=0V
±100
nA
ON CHARACTERISTICS (Note 3)
Gate Threshold Voltage
VGS(th)
VDS=VGS,ID=250μA
0.65
0.95
1.2
V
Drain-Source On-State Resistance
RDS(ON)
VGS=2.5V, ID=3.1A
70
115
VGS=4.5V, ID=3.6A
45
60
Forward Transconductance
gFS
VDS=10V,ID=4.5A
8
S
DYNAMIC CHARACTERISTICS (Note4)
Input Capacitance
Clss
VDS=10V,VGS=0V,
F=1.0MHz
500
PF
Output Capacitance
Coss
250
PF
Reverse Transfer Capacitance
Crss
90
PF
SWITCHING CHARACTERISTICS (Note 4)
Turn-on Delay Time
td(on)
VDD=10V, RL = 2.8 Ω
VGS=4.5V,RGEN=6Ω,
ID=3.6A,
7
nS
Turn-on Rise Time
tr
55
nS
Turn-Off Delay Time
td(off)
16
nS
Turn-Off Fall Time
tf
10
nS
Total Gate Charge
Qg
VDS=10V,ID=4.2A,VGS=4.5V
10
nC
Gate-Source Charge
Qgs
2.3
nC
Gate-Drain Charge
Qgd
2.9
nC
DRAIN-SOURCE DIODE CHARACTERISTICS
Diode Forward Voltage (Note 3)
VSD
VGS=0V,IS=1.3A
1.2
V
NOTES:
1. Repetitive Rating: Pulse width limited by maximum junction temperature.
2. Surface Mounted on FR4 Board, t ≤ 10 sec.
3. Pulse Test: Pulse Width ≤ 300μs, Duty Cycle ≤ 2%.
4. Guaranteed by design, not subject to production testing.


Similar Part No. - GDSSF2300B_15

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
GDSSF2300B GOOD-ARK-GDSSF2300B Datasheet
375Kb / 4P
   High Power and current handing capability
More results

Similar Description - GDSSF2300B_15

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
GDSSF2429 GOOD-ARK-GDSSF2429_15 Datasheet
305Kb / 4P
   GENERAL FEATURES
GDSSF2305 GOOD-ARK-GDSSF2305_15 Datasheet
527Kb / 6P
   GENERAL FEATURES
GDSSF2318E GOOD-ARK-GDSSF2318E_15 Datasheet
295Kb / 4P
   GENERAL FEATURES
GDSSF2301A GOOD-ARK-GDSSF2301A_15 Datasheet
304Kb / 4P
   GENERAL FEATURES
GDSSF2418EBK GOOD-ARK-GDSSF2418EBK_15 Datasheet
483Kb / 4P
   GENERAL FEATURES
GDSSF2316E GOOD-ARK-GDSSF2316E_15 Datasheet
269Kb / 4P
   GENERAL FEATURES
GDSSF2300A GOOD-ARK-GDSSF2300A_15 Datasheet
579Kb / 6P
   GENERAL FEATURES
GDSSF2449 GOOD-ARK-GDSSF2449_15 Datasheet
331Kb / 4P
   GENERAL FEATURES
GDSSF2418EB GOOD-ARK-GDSSF2418EB_15 Datasheet
507Kb / 4P
   GENERAL FEATURES
GDSSF2418B GOOD-ARK-GDSSF2418B_15 Datasheet
483Kb / 4P
   GENERAL FEATURES
GDSSF2336 GOOD-ARK-GDSSF2336_15 Datasheet
279Kb / 4P
   GENERAL FEATURES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com