Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1301460092 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 1301460092
Description  Watertite Connector with Locking Blade, 3 Pole/3 Wire, Non-NEMA, 15A/125V
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

1301460092 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  1301460092 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 09/14/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
1301460092
Status:
Active
Overview:
Watertite® Wet-Location Wiring Solutions
Description:
Watertite® Connector with Locking Blade, 3 Pole/3 Wire, Non-NEMA, 15A/125V,
10A/250V, Cord Grip Body Size F2
Documents:
RoHS Certificate of Compliance (PDF)
Product Literature (PDF)
General
Product Family
Wiring Devices
Series
130146
IP Rating
IP67
NEMA Configuration
Non-NEMA
Overview
Watertite® Wet-Location Wiring Solutions
Product Literature Order No
987650-8067
Product Name
Watertite®
Receptacle Type
Single
Specialty
N/A
Type
Connector
UPC
78678871380
Woodhead
Yes
Physical
Cord Grip Body Size
F2 1/2"
Flange
No
Flip Lid
No
Gender
Female
Length
N/A
Locking Blade
Yes
Poles
3-pole/3-wire
Electrical
Cord Type
N/A
Current - Maximum per Contact
15.0A
GFCI
No
Lighted Connector
No
Voltage - Maximum
250V
Material Info
Old Part Number
25W07
Series image - Reference only
EU ELV
Not Relevant
EU RoHS
China RoHS
Not Reviewed
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Not Reviewed
ELV
Not Relevant
Search Parts in this Series
130146 Series
This document was generated on 09/14/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 1301460092

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1301460090 MOLEX11-1301460090 Datasheet
52Kb / 1P
   Watertite Connector with Locking Blade, 2 Pole/2 Wire, NEMA L1-15, 125V, Cord Grip Body Size F2
1301460094 MOLEX11-1301460094 Datasheet
41Kb / 1P
   Watertite Connector for Male Receptacle with Locking Blade, 3 Pole/3 Wire
1301460095 MOLEX11-1301460095 Datasheet
30Kb / 1P
   Watertite Connector with Locking Blade, 2 Pole/3 Wire
1301460096 MOLEX11-1301460096 Datasheet
35Kb / 1P
   Watertite Extra Hard Outdoor Receptacle with Locking Blade, 2 Pole/3 Wire
1301460097 MOLEX11-1301460097 Datasheet
41Kb / 1P
   Watertite Connector for Male Receptacle with Locking Blade, 2 Pole/3 Wire
More results

Similar Description - 1301460092

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1301460078 MOLEX11-1301460078 Datasheet
34Kb / 1P
   Watertite Plug with Locking Blade, 3 Pole/3 Wire, Non-NEMA, 15A/125V
1301440030 MOLEX11-1301440030 Datasheet
30Kb / 1P
   Safeway Connector with Locking Blade, 3 Pole/3 Wire, Non-NEMA, 15A/125V
1301440029 MOLEX11-1301440029 Datasheet
34Kb / 1P
   Safeway Connector with Locking Blade, 3 Pole/3 Wire, Non-NEMA, 15A/125V,
1301410053 MOLEX11-1301410053 Datasheet
31Kb / 1P
   Super-Safeway Connector with Locking Blade, 3 Pole/3 Wire, Non-NEMA, 15A/125V
130146-0146 MOLEX11-130146-0146 Datasheet
49Kb / 1P
   Watertite Receptacle Duplex Flip Coverplate with Locking Blade, 3 Pole/3 Wire, Non-NEMA 15A/125V, 10A/250V
130147-0089 MOLEX11-130147-0089 Datasheet
42Kb / 1P
   Watertite Connector with Locking Blade, 3 Pole/3 Wire, Non-NEMA, 250V
1301470089 MOLEX11-1301470089 Datasheet
35Kb / 1P
   Watertite Connector with Locking Blade, 3 Pole/3 Wire, Non-NEMA, 250V
130146-0094 MOLEX11-130146-0094 Datasheet
48Kb / 1P
   Watertite Connector for Male Receptacle with Locking Blade, 3 Pole/3 Wire, Non-NEMA 15A/125V, 10A/250V, F2
1301440028 MOLEX11-1301440028 Datasheet
30Kb / 1P
   Safeway Plug with Locking Blade, 3 Pole/3 Wire, Non-NEMA, 15A/125V, 10A/250V,
130144-0027 MOLEX11-130144-0027 Datasheet
44Kb / 1P
   Safeway Plug with Locking Blade, 3 Pole/3 Wire, Non-NEMA, 15A/125V, 10A/250V
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com