Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5017-011 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 5017-011
Description  NEMA 17 Step Motor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

5017-011 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  5017-011 Datasheet HTML 1Page - List of Unclassifed Manufacturers 5017-011 Datasheet HTML 2Page - List of Unclassifed Manufacturers 5017-011 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Part Number:
5017-011
Frame Size:
NEMA 17
Motor Type:
Standard torque
Part Number w/Double
Shaft:
5017-011D
Motor Length:
1.54 inches
Number of Lead
Wires:
6
Lead Wire
Configuration:
flying leads, no connector
Lead Wire/Cable
Length:
12 inches inches
Lead Wire Gauge:
22 AWG
Unipolar Holding
Torque:
22.2 oz-in
Bipolar Holding
Torque:
31.4 oz-in
Step Angle:
1.8 deg
Bipolar Series
Current:
0.14 A/phase
Bipolar Series
Resistance:
240 Ohms/phase
Bipolar Series
Inductance:
420 mH/phase
Unipolar Current:
0.20 A/phase
Unipolar Resistance:
120 Ohms/phase
Unipolar Inductance:
105 mH/phase
Rotor Inertia:
3.82E-04 oz-in-sec
Integral Gearhead:
No
Storage Temperature:
-40 to 70 °C
Operating
Temperature:
-20 to 50 °C
Insulation Class:
Class B (130 ºC)
Shaft Run Out:
0.001 inch T.I.R. max
Radial Play:
0.001 inch max w/ 4.4 lb load
End Play:
0.001 inch max w/ 6.6 lb load
Perpendicularity:
0.003 inches
Concentricity:
0.002 inches
Specifications
2


Similar Part No. - 5017-011

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
5017-013 ETC2-5017-013 Datasheet
170Kb / 3P
   Closeout sale in progress
5017-014 ETC2-5017-014 Datasheet
136Kb / 3P
   NEMA 17 Step Motor
More results

Similar Description - 5017-011

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
5017-014 ETC2-5017-014 Datasheet
136Kb / 3P
   NEMA 17 Step Motor
HT17-275 ETC2-HT17-275 Datasheet
111Kb / 3P
   NEMA 17 High Torque Step Motor
HT17-075 ETC2-HT17-075 Datasheet
80Kb / 3P
   NEMA 17 High Torque Step Motor
HT17-269 ETC2-HT17-269 Datasheet
80Kb / 3P
   NEMA 17 High Torque Step Motor
HT17-271 ETC2-HT17-271 Datasheet
108Kb / 3P
   NEMA 17 High Torque Step Motor
HT17-273 ETC2-HT17-273 Datasheet
79Kb / 3P
   NEMA 17 High Torque Step Motor
HT17-277 ETC2-HT17-277 Datasheet
80Kb / 3P
   NEMA 17 High Torque Step Motor
HT17-274 ETC2-HT17-274 Datasheet
79Kb / 3P
   NEMA 17 High Torque Step Motor
HT17-276 ETC2-HT17-276 Datasheet
80Kb / 3P
   NEMA 17 High Torque Step Motor
HT17-272 ETC2-HT17-272 Datasheet
79Kb / 3P
   NEMA 17 High Torque Step Motor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com