Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SG7905IG Datasheet(PDF) 1 Page - Micro Electronics

Part # SG7905IG
Description  NEGATIVE FIXED VOLTAGE REGULATOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-ELECTRONICS [Micro Electronics]
Direct Link  http://www.microelectr.com.hk
Logo MICRO-ELECTRONICS - Micro Electronics

SG7905IG Datasheet(HTML) 1 Page - Micro Electronics

  SG7905IG Datasheet HTML 1Page - Micro Electronics SG7905IG Datasheet HTML 2Page - Micro Electronics SG7905IG Datasheet HTML 3Page - Micro Electronics SG7905IG Datasheet HTML 4Page - Micro Electronics SG7905IG Datasheet HTML 5Page - Micro Electronics SG7905IG Datasheet HTML 6Page - Micro Electronics SG7905IG Datasheet HTML 7Page - Micro Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SG7900A/SG7900 SERIES
05/01 Rev 1.5
LINFINITY Microelectronics Inc.
Copyright
 1999
11861 Western Avenue ∞
∞ Garden Grove, CA 92841
1
(714) 898-8121 ∞
∞FAX: (714) 893-2570
NEGATIVE FIXED VOLTAGE REGULATOR
The SG7900A/SG7900 series of negative regulators offer self-contained,
fixed-voltage capability with up to 1.5A of load current. With a variety of
output voltages and four package options this regulator series is an
optimum complement to the SG7800A/SG7800, SG140 line of three
terminal regulators.
These units feature a unique band gap reference which allows the
SG7900A series to be specified with an output voltage tolerance of
±1.5%.
The SG7900A versions also offer much improved line regulation character-
istics.
All protective features of thermal shutdown, current limiting, and safe-area
control have been designed into these units and since these regulators
require only a single output capacitor (SG7900 series) or a capacitor and
5mA minimum load (SG120 series) for satisfactory performance, ease of
application is assured.
Although designed as fixed-voltage regulators, the output voltage can be
increased through the use of a simple voltage divider. The low quiescent
drain current of the device insures good regulation when this method is
used, especially for the SG120 series.
These devices are available in hermetically sealed TO-257, TO-3, TO-39
and LCC package.
DESCRIPTION
FEATURES
••••• Output voltage set internally to ±±±±±1.5% on SG7900A
••••• Output current to 1.5A
••••• Excellent line and load regulation
••••• Foldback current limiting
••••• Thermal overload protection
••••• Voltages available: -5V, -12V, -15V
••••• Contact factory for other voltage options
••••• Available in surface mount package
HIGH RELIABILITY FEATURES
- SG7900A/SG7900
♦ Available to MIL-STD - 883
♦ MIL-M38510/11501BXA - JAN7905T
♦ MIL-M38510/11505BYA - JAN7905K
♦ MIL-M38510/11502BXA - JAN7912T
♦ MIL-M38510/11506BYA - JAN7912K
♦ MIL-M38510/11503BXA - JAN7915T
♦ MIL-M38510/11507BYA - JAN7915K
♦ LMI level "S" processing available
SCHEMATIC DIAGRAM
SG7900A/SG7900
**
**
For normal
operation the (V
OS)
Sense Pin must be
externally
connected to the
load.


Similar Part No. - SG7905IG

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SG7905 MICROSEMI-SG7905 Datasheet
1Mb / 12P
   Negative Fixed Voltage Regulator
SG7905A MICROSEMI-SG7905A Datasheet
1Mb / 12P
   Negative Fixed Voltage Regulator
SG7905AG-DESC MICROSEMI-SG7905AG-DESC Datasheet
1Mb / 12P
   Negative Fixed Voltage Regulator
SG7905AG/DESC MICROSEMI-SG7905AG/DESC Datasheet
417Kb / 9P
   Negative Fixed Voltage Regulator
SG7905AGDESC MICROSEMI-SG7905AGDESC Datasheet
405Kb / 9P
   Negative Fixed Voltage Regulator
More results

Similar Description - SG7905IG

ManufacturerPart #DatasheetDescription
logo
AUK corp
S79XXPI AUK-S79XXPI Datasheet
270Kb / 8P
   Fixed-Negative-Voltage Regulator
S79XXPIC AUK-S79XXPIC_1 Datasheet
301Kb / 8P
   Fixed-Negative-Voltage Regulator
logo
Microsemi Corporation
SG79XXA MICROSEMI-SG79XXA Datasheet
1Mb / 12P
   Negative Fixed Voltage Regulator
SG120 MICROSEMI-SG120 Datasheet
167Kb / 8P
   NEGATIVE FIXED VOLTAGE REGULATOR
logo
AUK corp
S79XXPIC AUK-S79XXPIC Datasheet
271Kb / 8P
   Fixed-Negative-Voltage Regulator
logo
Microsemi Corporation
SG7912AR MICROSEMI-SG7912AR Datasheet
405Kb / 9P
   Negative Fixed Voltage Regulator
logo
AUK corp
S79XXPI AUK-S79XXPI_1 Datasheet
302Kb / 8P
   Fixed-Negative-Voltage Regulator
logo
Microsemi Corporation
SG7900A MICROSEMI-SG7900A Datasheet
375Kb / 7P
   NEGATIVE FIXED VOLTAGE REGULATOR
SG120 MICROSEMI-SG120_1 Datasheet
379Kb / 8P
   NEGATIVE FIXED VOLTAGE REGULATOR
SG79XXA MICROSEMI-SG79XXA_10 Datasheet
417Kb / 9P
   Negative Fixed Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com