Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5023-124 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 5023-124
Description  NEMA 23 Step Motor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

5023-124 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  5023-124 Datasheet HTML 1Page - List of Unclassifed Manufacturers 5023-124 Datasheet HTML 2Page - List of Unclassifed Manufacturers 5023-124 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Part Number:
5023-124
Frame Size:
NEMA 23
Motor Type:
Standard torque
Part Number w/Double
Shaft:
5023-124D
Motor Length:
3.99 inches
Number of Lead
Wires:
8
Lead Wire
Configuration:
flying leads, no connector
Lead Wire/Cable
Length:
18 inches inches
Lead Wire Gauge:
22 AWG
Unipolar Holding
Torque:
160 oz-in
Bipolar Holding
Torque:
226 oz-in
Step Angle:
1.8 deg
Bipolar Series
Current:
1.75 A/phase
Bipolar Series
Resistance:
3.26 Ohms/phase
Bipolar Series
Inductance:
16.8 mH/phase
Bipolar Parallel
Current:
3.49 A/phase
Bipolar Parallel
Resistance:
0.815 Ohms/phase
Bipolar Parallel
Inductance:
4.2 mH/phase
Unipolar Current:
2.47 A/phase
Unipolar Resistance:
1.63 Ohms/phase
Unipolar Inductance:
4.2 mH/phase
Rotor Inertia:
4.46E-03 oz-in-sec
Integral Gearhead:
No
Weight:
2.8 lbs
Storage Temperature:
-40 to 70 °C
Operating
Temperature:
-20 to 50 °C
Specifications
2


Similar Part No. - 5023-124

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
5023-122 ETC2-5023-122 Datasheet
74Kb / 3P
   NEMA 23 Step Motor
More results

Similar Description - 5023-124

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
4023-998 ETC2-4023-998 Datasheet
72Kb / 3P
   NEMA 23 Step Motor
5023-019 ETC2-5023-019 Datasheet
72Kb / 3P
   NEMA 23 Step Motor
5023-122 ETC2-5023-122 Datasheet
74Kb / 3P
   NEMA 23 Step Motor
4023-820 ETC2-4023-820 Datasheet
177Kb / 3P
   NEMA 23 Step Motor
5023-499 ETC2-5023-499 Datasheet
72Kb / 3P
   NEMA 23 Step Motor
HT23-593 ETC2-HT23-593 Datasheet
81Kb / 3P
   NEMA 23 High Torque Step Motor
HT23-397 ETC2-HT23-397 Datasheet
83Kb / 3P
   NEMA 23 High Torque Step Motor
HT23-398 ETC2-HT23-398 Datasheet
83Kb / 3P
   NEMA 23 High Torque Step Motor
HT23-595 ETC2-HT23-595 Datasheet
82Kb / 3P
   NEMA 23 High Torque Step Motor
HT23-552 ETC2-HT23-552 Datasheet
83Kb / 3P
   NEMA 23 High Torque Step Motor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com