Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

23828-2-05S Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # 23828-2-05S
Description  NEMA 23 Stepper Gearmotor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

23828-2-05S Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  23828-2-05S Datasheet HTML 1Page - List of Unclassifed Manufacturers 23828-2-05S Datasheet HTML 2Page - List of Unclassifed Manufacturers 23828-2-05S Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
23828-2-05S
Part No. w/ Single Shaft
1pc.
$175.00
25pc.
50pc.
100pc.
Request a Quote for 100+ piece pricing.
Pricing
Maximum Radial Load:
15 lbs
Maximum Thrust
Load:
20 lbs
Radial Play:
0.002
End Play:
0.010
Family Datasheet:
StepMotorWiring-6-lead.pdf
Datasheet:
http://s3.amazonaws.com/applied-motion-pdf/23828-2-05S.pdf
2D Drawing:
23-2-05_RevC.pdf
4023-828P_RevC.pdf
Downloads


Similar Part No. - 23828-2-05S

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2382 KR-2382 Datasheet
19Kb / 1P
   HDTV Filter
logo
Pomona Electronics
2382 POMONA-2382 Datasheet
70Kb / 1P
   Single Insulated Miniature Binding Post
2382-0 POMONA-2382-0 Datasheet
70Kb / 1P
   Single Insulated Miniature Binding Post
2382-2 POMONA-2382-2 Datasheet
70Kb / 1P
   Single Insulated Miniature Binding Post
2382-3 POMONA-2382-3 Datasheet
70Kb / 1P
   Single Insulated Miniature Binding Post
More results

Similar Description - 23828-2-05S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
23820-2-05S ETC2-23820-2-05S Datasheet
83Kb / 3P
   NEMA 23 Stepper Gearmotor
17071-2-05S ETC2-17071-2-05S Datasheet
168Kb / 3P
   NEMA 17 Stepper Gearmotor
17068-2-05S ETC2-17068-2-05S Datasheet
168Kb / 3P
   NEMA 17 Stepper Gearmotor
17071-2-18S ETC2-17071-2-18S Datasheet
168Kb / 3P
   NEMA 17 Stepper Gearmotor
17075-2-05S ETC2-17075-2-05S Datasheet
167Kb / 3P
   NEMA 17 Stepper Gearmotor
17068-2-10S ETC2-17068-2-10S Datasheet
168Kb / 3P
   NEMA 17 Stepper Gearmotor
17068-2-18S ETC2-17068-2-18S Datasheet
168Kb / 3P
   NEMA 17 Stepper Gearmotor
17071-2-10S ETC2-17071-2-10S Datasheet
168Kb / 3P
   NEMA 17 Stepper Gearmotor
17075-2-10S ETC2-17075-2-10S Datasheet
167Kb / 3P
   NEMA 17 Stepper Gearmotor
17075-2-18S ETC2-17075-2-18S Datasheet
167Kb / 3P
   NEMA 17 Stepper Gearmotor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com