Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP5424A Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCP5424A
Description  Dual Synchronous Buck Controller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP5424A Datasheet(HTML) 1 Page - ON Semiconductor

  NCP5424A Datasheet HTML 1Page - ON Semiconductor NCP5424A Datasheet HTML 2Page - ON Semiconductor NCP5424A Datasheet HTML 3Page - ON Semiconductor NCP5424A Datasheet HTML 4Page - ON Semiconductor NCP5424A Datasheet HTML 5Page - ON Semiconductor NCP5424A Datasheet HTML 6Page - ON Semiconductor NCP5424A Datasheet HTML 7Page - ON Semiconductor NCP5424A Datasheet HTML 8Page - ON Semiconductor NCP5424A Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
© Semiconductor Components Industries, LLC, 2003
August, 2003 − Rev. 0
1
Publication Order Number:
NCP5424A/D
NCP5424A
Dual Synchronous
Buck Controller with Input
Current Sharing
The NCP5424A is a flexible dual N−channel synchronous buck
controller utilizing V2
™ control for fast transient response and
excellent line and load regulation. This highly versatile controller can
be configured as a single two phase output converter that draws
programmable amounts of current from two different input voltages or
all current from one supply. The NCP5424A can also be configured as
two independent out−of−phase controllers.
Using the NCP5424A in a current sharing input configuration is
ideal for applications where more power is required than is available
from one supply, such as video cards or other plug−in boards. When
configured as a dual output controller, the output of one controller can
be divided down and used as the reference for the second controller.
This tracking capability is useful in applications such as Double Data
Rate (DDR) Memory power where the termination voltage must track
VDD.
The NCP5424A provides a cycle−to−cycle current limit allowing
the system to handle transient overcurrent events. In addition, the
NCP5424A provides Soft Start, undervoltage lockout, and built−in
adaptive FET nonoverlap time to prevent shoot through.
Features
Cycle−to−Cycle Current Limit
Programmable Soft Start
100% Duty Cycle for Enhanced Transient Response
150 kHz to 600 kHz Programmable Frequency Operation
Switching Frequency Set by Single Resistor
Out−Of−Phase Synchronization Between the Channels Reduces the
Input Filter Requirement
Undervoltage Lockout
Applications
Video Graphics Card
DDR Memory
High Current (Two−Phase) Power Supplies
Dual Output DC−DC Converters
NCP5424ADR2
A
= Assembly Location
WL = Wafer Lot
Y
= Year
WW = Work Week
Device
Package
Shipping
ORDERING INFORMATION
NCP5424AD
SO−16
48 Units/Rail
SO−16
2500 Tape & Reel
VFB1
COMP1
IS+1
GATE(H)1
PIN CONNECTIONS AND
MARKING DIAGRAM
GATE(L)1
GND
BST
IS−
SO−16
D SUFFIX
CASE 751B
1
16
GATE(H)2
GATE(L)2
VCC
ROSC
IS+2
VFB+2
VFB−2
COMP2
16
1
http://onsemi.com


Similar Part No. - NCP5424A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5424 ONSEMI-NCP5424 Datasheet
131Kb / 20P
   Dual Synchronous Buck Controller with Input Current Sharing
June, 2003 - Rev. 3
NCP5424 ONSEMI-NCP5424 Datasheet
137Kb / 18P
   Dual Synchronous Buck Controller with Input Current Sharing
March, 2005 ??Rev. 4
NCP5424D ONSEMI-NCP5424D Datasheet
131Kb / 20P
   Dual Synchronous Buck Controller with Input Current Sharing
June, 2003 - Rev. 3
NCP5424D ONSEMI-NCP5424D Datasheet
137Kb / 18P
   Dual Synchronous Buck Controller with Input Current Sharing
March, 2005 ??Rev. 4
NCP5424DG ONSEMI-NCP5424DG Datasheet
137Kb / 18P
   Dual Synchronous Buck Controller with Input Current Sharing
March, 2005 ??Rev. 4
More results

Similar Description - NCP5424A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5425SOEVB ONSEMI-NCP5425SOEVB Datasheet
178Kb / 22P
   Dual Synchronous Buck Controller
July, 2006 ??Rev. 9
logo
Semtech Corporation
SC415 SEMTECH-SC415_08 Datasheet
763Kb / 30P
   Dual Synchronous Buck Controller
logo
ON Semiconductor
NCP5425 ONSEMI-NCP5425 Datasheet
155Kb / 22P
   Dual Synchronous Buck Controller
January, 2005 ??Rev. 6
logo
Semtech Corporation
SC415 SEMTECH-SC415 Datasheet
927Kb / 30P
   Dual Synchronous Buck Controller
logo
ON Semiconductor
NCP5425 ONSEMI-NCP5425_06 Datasheet
173Kb / 22P
   Dual Synchronous Buck Controller
July, 2006 ??Rev. 9
NCP5425 ONSEMI-NCP5425_09 Datasheet
172Kb / 22P
   Dual Synchronous Buck Controller
July, 2006 ??Rev. 9
logo
Sipex Corporation
SP6134HV SIPEX-SP6134HV Datasheet
141Kb / 14P
   Dual Supply Synchronous Buck Controller
SP6137HV SIPEX-SP6137HV Datasheet
265Kb / 13P
   Dual Supply Synchronous Buck Controller
logo
Texas Instruments
LM2647 TI1-LM2647 Datasheet
3Mb / 43P
[Old version datasheet]   Dual Synchronous Buck Regulator Controller
logo
National Semiconductor ...
LM2647 NSC-LM2647 Datasheet
763Kb / 25P
   Dual Synchronous Buck Regulator Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com