Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP6133MNTWG Datasheet(PDF) 6 Page - ON Semiconductor

Part # NCP6133MNTWG
Description  Phase Controller 1/0 Phase Controller
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP6133MNTWG Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NCP6133MNTWG Datasheet HTML 2Page - ON Semiconductor NCP6133MNTWG Datasheet HTML 3Page - ON Semiconductor NCP6133MNTWG Datasheet HTML 4Page - ON Semiconductor NCP6133MNTWG Datasheet HTML 5Page - ON Semiconductor NCP6133MNTWG Datasheet HTML 6Page - ON Semiconductor NCP6133MNTWG Datasheet HTML 7Page - ON Semiconductor NCP6133MNTWG Datasheet HTML 8Page - ON Semiconductor NCP6133MNTWG Datasheet HTML 9Page - ON Semiconductor NCP6133MNTWG Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
NCP6133
http://onsemi.com
6
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL INFORMATION
Pin Symbol
VMAX
VMIN
COMP, COMPA
VCC + 0.3 V
−0.3 V
CSCOMP, CSCOMPA
VCC + 0.3 V
−0.3 V
VSN
GND + 300 mV
GND – 300 mV
DIFFOUT, DIFFOUTA
VCC + 0.3 V
−0.3 V
VR_RDY, VR_RDYA
VCC + 0.3 V
−0.3 V
VCC
6.5 V
−0.3 V
ROSC
VCC + 0.3 V
−0.3 V
IOUT, IOUTA Output
2.0 V
−0.3 V
VRMP
+25 V
−0.3 V
All Other Pins
VCC + 0.3 V
−0.3 V
*All signals referenced to GND unless noted otherwise.
THERMAL INFORMATION
Description
Symbol
Typ
Unit
Thermal Characteristic − QFN Package, (Note 1)
RqJA
68
°C/W
Operating Junction Temperature Range, (Note 2)
TJ
−10 to 125
°C
Operating Ambient Temperature Range
−10 to 100
°C
Maximum Storage Temperature Range
TSTG
−40 to +150
°C
Moisture Sensitivity Level − QFN Package
MSL
1
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
*The maximum package power dissipation must be observed.
1. JESD 51−5 (1S2P Direct−Attach Method) with 0 LFM
2. JESD 51−7 (1S2P Direct−Attach Method) with 0 LFM
NCP6133 ELECTRICAL CHARACTERISTICS Unless otherwise stated: −10°C < TA < 100°C; VCC = 5 V; CVCC = 0.1 mF
Parameter
Test Conditions
Min
Typ
Max
Unit
ERROR AMPLIFIER
Input Bias Current
@ 1.3 V
−400
400
nA
Open Loop DC Gain
CL = 20 pF to GND,
RL = 10 kW to GND
80
dB
Open Loop Unity Gain Bandwidth
CL = 20 pF to GND,
RL = 10 kW to GND
50
MHz
Slew Rate
DVin = 100 mV, G = 10 V/V,
DVout = 1.5 V – 2.5 V,
CL = 20 pF to GND,
DC Load = 10 k to GND
20
V/ms
Maximum Output Voltage
ISOURCE = 2.0 mA
3.5
V
Minimum Output Voltage
ISINK = 2.0 mA
1
V
DIFFERENTIAL SUMMING AMPLIFIER
Input Bias Current
VSP, VSPA ,VSN, VSNA = 1.3 V
−400
400
nA
VSP Input Voltage Range
−0.3
3.0
V
VSN Input Voltage Range
−0.3
0.3
V
3. Guaranteed by design or characterization data, not in production test.


Similar Part No. - NCP6133MNTWG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP6131NS52MNR2G ONSEMI-NCP6131NS52MNR2G Datasheet
14Kb / 1P
   NCP6131: IMVP7 1-, 2-, 3-Phase CPU Controller 1-Phase GPU Controller
5/4/2012
NCP6131S52MNR2G ONSEMI-NCP6131S52MNR2G Datasheet
14Kb / 1P
   NCP6131: IMVP7 1-, 2-, 3-Phase CPU Controller 1-Phase GPU Controller
5/4/2012
NCP6132 ONSEMI-NCP6132 Datasheet
90Kb / 2P
   Dual Output 3 Phase & 2 Phase Controller with single SVID Interface for Desktop and Notebook CPU Applications
August, 2011 - Rev. 0
NCP6132A ONSEMI-NCP6132A Datasheet
270Kb / 31P
   Dual Output 3 Phase & 2 Phase Controller with Single SVID Interface for Desktop and Notebook CPU Applications
December, 2010 ??Rev. 0
NCP6132ADMNR2G ONSEMI-NCP6132ADMNR2G Datasheet
270Kb / 31P
   Dual Output 3 Phase & 2 Phase Controller with Single SVID Interface for Desktop and Notebook CPU Applications
December, 2010 ??Rev. 0
More results

Similar Description - NCP6133MNTWG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP6121 ONSEMI-NCP6121 Datasheet
315Kb / 28P
   Dual Output 3 Phase 1/0 Phase Controller
January, 2013 ??Rev. 2
NCP6151A ONSEMI-NCP6151A Datasheet
576Kb / 34P
   Dual Output 4 Phase 1/0 Phase Controller
Rev1, 032012
NCP6153 ONSEMI-NCP6153 Datasheet
394Kb / 29P
   Dual Output 3/4 Phase 1/0 Phase Controller
October, 2012 ??Rev. 1
logo
uPI Group Inc.
UP1664 UPI-UP1664 Datasheet
408Kb / 31P
   2-Phase 1-Phase PWM Controller
logo
ON Semiconductor
NCP6131NS52MNR2G ONSEMI-NCP6131NS52MNR2G Datasheet
14Kb / 1P
   NCP6131: IMVP7 1-, 2-, 3-Phase CPU Controller 1-Phase GPU Controller
5/4/2012
NCP6151S52MNR2G ONSEMI-NCP6151S52MNR2G Datasheet
47Kb / 1P
   VR12 2-, 3-, 4-Phase CPU Controller 1-Phase GPU Controller
6/16/2013
logo
Maxim Integrated Produc...
MAX17409 MAXIM-MAX17409 Datasheet
511Kb / 32P
   1-Phase Quick-PWM GPU Controller
Rev 1; 7/09
logo
celduc-relais
SO445120 CELDUC-SO445120 Datasheet
962Kb / 5P
   Phase angle controller
SO465320 CELDUC-SO465320 Datasheet
968Kb / 5P
   Phase angle controller
SO468020 CELDUC-SO468020 Datasheet
962Kb / 5P
   Phase angle controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com