Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NIMD6001N Datasheet(PDF) 2 Page - ON Semiconductor

Part # NIMD6001N
Description  Dual N-Channel Driver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NIMD6001N Datasheet(HTML) 2 Page - ON Semiconductor

  NIMD6001N Datasheet HTML 1Page - ON Semiconductor NIMD6001N Datasheet HTML 2Page - ON Semiconductor NIMD6001N Datasheet HTML 3Page - ON Semiconductor NIMD6001N Datasheet HTML 4Page - ON Semiconductor NIMD6001N Datasheet HTML 5Page - ON Semiconductor NIMD6001N Datasheet HTML 6Page - ON Semiconductor NIMD6001N Datasheet HTML 7Page - ON Semiconductor NIMD6001N Datasheet HTML 8Page - ON Semiconductor NIMD6001N Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
NIMD6001N, NIMD6001AN
http://onsemi.com
2
PIN DESCRIPTIONS
Pin #
Symbol
Description
1
S1
FET 1 Source and Body
2
G1
FET 1 Gate
3
S2
FET 2 Source and Body
4
G2
FET 2 Gate
5
Diag/Fbk
Diagnostic Feedback − This pin will be logic high when either FET Drain-Source voltage exceeds the Drain
Diagnostic threshold.
6
D2
FET 2 Drain
7
Disable
Gate Disable − Pull this pin low to disable both FETs. A logic low will override voltage applied to G1 or G2.
8
D1
FET 1 Drain
THERMAL RESISTANCE
Parameter
Symbol
Value
Units
Junction-to-Ambient − min. pad footprint (Notes 1 and 2)
RqJA
96
°C/W
Junction-to-Ambient − 1″ Cu pad (Notes 1 and 3)
RqJA
75
ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise specified)
Parameter
Symbol
Test Condition
Min
Typ
Max
Units
OFF CHARACTERISTICS
Drain-to-Source Breakdown Voltage
V(BR)DSS
VGS = 0 V; ID = 5 mA
60
67
V
Zero Gate Voltage Drain Current
(Note 1)
IDSS
VGS = 0 V; VDS = 15 V
VGS = 0 V; VDS = 15 V; TA = 150°C
10
80
20
250
mA
Gate Input Current
IGSS
VGS = ±20 V; VDS = 0 V
−100
±25
+100
nA
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(TH)
VDS = VGS; ID = 250 mA
1.0
1.7
3.0
Static Drain-to-Source On-Resistance
RDS(ON)
VGS = 10 V; ID = 3.3 A
60
110
mW
Static Drain-to-Source On-Resistance
RDS(ON)
VGS = 5 V; ID = 3.0 A
72
130
mW
DYNAMIC CHARACTERISTICS (Note 1)
Input Capacitance
CISS
VGS = 0 V; VDS = 15 V;
f = 75 kHz
150
175
pF
Output Capacitance
COSS
150
170
Reverse Transfer Capacitance
CRSS
25
30
Gate Resistance
RG
8
15
kW
Total Gate Charge
Qg(TOT)
VGS = 0 V to 5 V; VDD = 30 V;
ID = 3.3 A; IG = 1.0 mA,
8.3
9.0
nC
Gate-to-Source Gate Charge
Qgs
1.1
1.6
Gate-to-Drain Miller Charge
Qgd
4.2
5
1. These values are established by statistical characterization and may not be tested.
2. Surface-mounted on FR4 board using the minimum recommended pad size (Cu area = 40 sq. mm; 1 oz.)
3. Surface-mounted on FR4 board using 1 sq. inch heat spreader (Cu area = 625 sq. mm, 2 oz.)
4. Refer to Figure 1 for definition of switching characteristics symbols.


Similar Part No. - NIMD6001N

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NIMD6001NR2G ONSEMI-NIMD6001NR2G Datasheet
227Kb / 9P
   Dual N-Channel Driver with Diagnostic Output 60 V, 3 A, 110 m
September, 2009 ??Rev. 4
More results

Similar Description - NIMD6001N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1707 TI-UC1707 Datasheet
335Kb / 8P
[Old version datasheet]   Dual Channel Power Driver
UC1707-SP TI1-UC1707-SP_16 Datasheet
670Kb / 20P
[Old version datasheet]   Dual-Channel Power Driver
UC1707 TI1-UC1707_13 Datasheet
981Kb / 16P
[Old version datasheet]   DUAL CHANNEL POWER DRIVER
UC1707-SP TI1-UC1707-SP Datasheet
578Kb / 15P
[Old version datasheet]   DUAL CHANNEL POWER DRIVER
UC3707N TI1-UC3707N Datasheet
981Kb / 16P
[Old version datasheet]   DUAL CHANNEL POWER DRIVER
UC1707 TI1-UC1707_16 Datasheet
982Kb / 16P
[Old version datasheet]   DUAL CHANNEL POWER DRIVER
logo
Infineon Technologies A...
2N7002DW INFINEON-2N7002DW_14 Datasheet
448Kb / 9P
   Dual N-channel
Rev.2.3 2014-09-19
BSD840N INFINEON-BSD840N_14 Datasheet
442Kb / 9P
   Dual N-channel
Rev 2.4 2014-09-19
logo
TriQuint Semiconductor
TGA4892-SL TRIQUINT-TGA4892-SL_15 Datasheet
218Kb / 1P
   16QAM Dual Channel Linear Driver
logo
SHENZHEN FUMAN ELECTRON...
FM1919 FUMAN-FM1919 Datasheet
379Kb / 5P
   Dual channel DC motor driver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com