Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NIMD6001ANR2G Datasheet(PDF) 5 Page - ON Semiconductor

Part # NIMD6001ANR2G
Description  Dual N-Channel Driver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NIMD6001ANR2G Datasheet(HTML) 5 Page - ON Semiconductor

  NIMD6001ANR2G Datasheet HTML 1Page - ON Semiconductor NIMD6001ANR2G Datasheet HTML 2Page - ON Semiconductor NIMD6001ANR2G Datasheet HTML 3Page - ON Semiconductor NIMD6001ANR2G Datasheet HTML 4Page - ON Semiconductor NIMD6001ANR2G Datasheet HTML 5Page - ON Semiconductor NIMD6001ANR2G Datasheet HTML 6Page - ON Semiconductor NIMD6001ANR2G Datasheet HTML 7Page - ON Semiconductor NIMD6001ANR2G Datasheet HTML 8Page - ON Semiconductor NIMD6001ANR2G Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
NIMD6001N, NIMD6001AN
http://onsemi.com
5
Figure 8. Single Pulse Maximum Switch−off
Current vs. Load Inductance
LOAD INDUCTANCE (mH)
10
1
10
100
TJstart = 25°C
LOAD INDUCTANCE (mH)
1000
100
10
10
100
Figure 9. Single Pulse Maximum Switching
Energy vs. Load Inductance
Figure 10. Single Pulse Peak Drain Current and
Avalanche Energy Test Circuit
TJstart = 150°C
TJstart = 25°C
TJstart = 150°C


Similar Part No. - NIMD6001ANR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NIMD6001 ONSEMI-NIMD6001 Datasheet
227Kb / 9P
   Dual N-Channel Driver with Diagnostic Output 60 V, 3 A, 110 m
September, 2009 ??Rev. 4
NIMD6001NR2G ONSEMI-NIMD6001NR2G Datasheet
227Kb / 9P
   Dual N-Channel Driver with Diagnostic Output 60 V, 3 A, 110 m
September, 2009 ??Rev. 4
More results

Similar Description - NIMD6001ANR2G

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1707 TI-UC1707 Datasheet
335Kb / 8P
[Old version datasheet]   Dual Channel Power Driver
UC1707-SP TI1-UC1707-SP_16 Datasheet
670Kb / 20P
[Old version datasheet]   Dual-Channel Power Driver
UC1707 TI1-UC1707_13 Datasheet
981Kb / 16P
[Old version datasheet]   DUAL CHANNEL POWER DRIVER
UC1707-SP TI1-UC1707-SP Datasheet
578Kb / 15P
[Old version datasheet]   DUAL CHANNEL POWER DRIVER
UC3707N TI1-UC3707N Datasheet
981Kb / 16P
[Old version datasheet]   DUAL CHANNEL POWER DRIVER
UC1707 TI1-UC1707_16 Datasheet
982Kb / 16P
[Old version datasheet]   DUAL CHANNEL POWER DRIVER
logo
Infineon Technologies A...
2N7002DW INFINEON-2N7002DW_14 Datasheet
448Kb / 9P
   Dual N-channel
Rev.2.3 2014-09-19
BSD840N INFINEON-BSD840N_14 Datasheet
442Kb / 9P
   Dual N-channel
Rev 2.4 2014-09-19
logo
TriQuint Semiconductor
TGA4892-SL TRIQUINT-TGA4892-SL_15 Datasheet
218Kb / 1P
   16QAM Dual Channel Linear Driver
logo
SHENZHEN FUMAN ELECTRON...
FM1919 FUMAN-FM1919 Datasheet
379Kb / 5P
   Dual channel DC motor driver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com