Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NIMD6001ANR2G Datasheet(PDF) 8 Page - ON Semiconductor

Part # NIMD6001ANR2G
Description  Dual N-Channel Driver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NIMD6001ANR2G Datasheet(HTML) 8 Page - ON Semiconductor

  NIMD6001ANR2G Datasheet HTML 1Page - ON Semiconductor NIMD6001ANR2G Datasheet HTML 2Page - ON Semiconductor NIMD6001ANR2G Datasheet HTML 3Page - ON Semiconductor NIMD6001ANR2G Datasheet HTML 4Page - ON Semiconductor NIMD6001ANR2G Datasheet HTML 5Page - ON Semiconductor NIMD6001ANR2G Datasheet HTML 6Page - ON Semiconductor NIMD6001ANR2G Datasheet HTML 7Page - ON Semiconductor NIMD6001ANR2G Datasheet HTML 8Page - ON Semiconductor NIMD6001ANR2G Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
NIMD6001N, NIMD6001AN
http://onsemi.com
8
TYPICAL APPLICATION CIRCUIT
Figure 17. 4 Cylinder Engine Fuel Injection
D1
S1
G1
S2
G2
D2
Disable
Diag
D1
S1
G1
S2
G2
D2
Disable
Diag
Master
Disable
Injector 3
Injector 2
Injector 4
Injector 1
C1
C4
C2
C3
FBK
U1
NIMD6001/A
U2
NIMD6001/A
C1
C2
C3
C4
FBK
+VDD
CONTROLLER
4-Cycle engine; 1 injector pulse during intake stroke
To optimize transient thermal resistance of the
NIMD6001/A devices, the injector drive pulses are
alternated between U1 and U2.
Cylinder firing order is 1-3-4-2
The coincident FBK pulse will be missing if any
injector is open or shorted.


Similar Part No. - NIMD6001ANR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NIMD6001 ONSEMI-NIMD6001 Datasheet
227Kb / 9P
   Dual N-Channel Driver with Diagnostic Output 60 V, 3 A, 110 m
September, 2009 ??Rev. 4
NIMD6001NR2G ONSEMI-NIMD6001NR2G Datasheet
227Kb / 9P
   Dual N-Channel Driver with Diagnostic Output 60 V, 3 A, 110 m
September, 2009 ??Rev. 4
More results

Similar Description - NIMD6001ANR2G

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1707 TI-UC1707 Datasheet
335Kb / 8P
[Old version datasheet]   Dual Channel Power Driver
UC1707-SP TI1-UC1707-SP_16 Datasheet
670Kb / 20P
[Old version datasheet]   Dual-Channel Power Driver
UC1707 TI1-UC1707_13 Datasheet
981Kb / 16P
[Old version datasheet]   DUAL CHANNEL POWER DRIVER
UC1707-SP TI1-UC1707-SP Datasheet
578Kb / 15P
[Old version datasheet]   DUAL CHANNEL POWER DRIVER
UC3707N TI1-UC3707N Datasheet
981Kb / 16P
[Old version datasheet]   DUAL CHANNEL POWER DRIVER
UC1707 TI1-UC1707_16 Datasheet
982Kb / 16P
[Old version datasheet]   DUAL CHANNEL POWER DRIVER
logo
Infineon Technologies A...
2N7002DW INFINEON-2N7002DW_14 Datasheet
448Kb / 9P
   Dual N-channel
Rev.2.3 2014-09-19
BSD840N INFINEON-BSD840N_14 Datasheet
442Kb / 9P
   Dual N-channel
Rev 2.4 2014-09-19
logo
TriQuint Semiconductor
TGA4892-SL TRIQUINT-TGA4892-SL_15 Datasheet
218Kb / 1P
   16QAM Dual Channel Linear Driver
logo
SHENZHEN FUMAN ELECTRON...
FM1919 FUMAN-FM1919 Datasheet
379Kb / 5P
   Dual channel DC motor driver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com