Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NL17SG07 Datasheet(PDF) 2 Page - ON Semiconductor

Part # NL17SG07
Description  Buffer with Open Drain Output
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NL17SG07 Datasheet(HTML) 2 Page - ON Semiconductor

  NL17SG07 Datasheet HTML 1Page - ON Semiconductor NL17SG07 Datasheet HTML 2Page - ON Semiconductor NL17SG07 Datasheet HTML 3Page - ON Semiconductor NL17SG07 Datasheet HTML 4Page - ON Semiconductor NL17SG07 Datasheet HTML 5Page - ON Semiconductor NL17SG07 Datasheet HTML 6Page - ON Semiconductor NL17SG07 Datasheet HTML 7Page - ON Semiconductor NL17SG07 Datasheet HTML 8Page - ON Semiconductor NL17SG07 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
NL17SG07
http://onsemi.com
2
MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VCC
DC Supply Voltage
−0.5 to +5.5
V
VIN
DC Input Voltage
VCC ≥ 0.9 V
VCC < 0.9 V
−0.5 to +5.5
−0.5 to +4.6
V
VOUT
DC Output Voltage
−0.5 to VCC + 0.5
V
IIK
DC Input Diode Current
VIN < GND
−20
mA
IOK
DC Output Diode Current
VOUT < GND
−20
mA
IOUT
DC Output Source/Sink Current
±20
mA
ICC
DC Supply Current per Supply Pin
±20
mA
IGND
DC Ground Current per Ground Pin
±20
mA
TSTG
Storage Temperature Range
−65 to +150
°C
TL
Lead Temperature, 1 mm from Case for 10 Seconds
260
°C
TJ
Junction Temperature Under Bias
+150
°C
MSL
Moisture Sensitivity
Level 1
FR
Flammability Rating
Oxygen Index: 28 to 34
UL 94 V−0 @ 0.125 in
VESD
ESD Withstand Voltage
Human Body Model (Note 2)
Machine Model (Note 3)
>2000
>100
V
ILATCHUP
Latch−up Performance above VCC and below GND at 125°C (Note 4)
±75
mA
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
1. Measured with minimum pad spacing on an FR4 board, using 10 mm−by−1 inch, 2−ounce copper trace with no air flow.
2. Tested to EIA/JESD22−A114−A.
3. Tested to EIA/JESD22−A115−A.
4. Tested to EIA/JESD78.
RECOMMENDED OPERATING CONDITIONS
Symbol
Characteristics
Min
Max
Unit
VCC
Positive DC Supply Voltage
0.9
3.6
V
VIN
Digital Input Voltage
0.0
3.6
V
VOUT
Output Voltage
Output at High or Low State
Tri−State Mode (Note 5)
Power−Down Mode (VCC = 0 V)
0.0
0.0
0.0
VCC
3.6
3.6
V
TA
Operating Temperature Range
−55
+125
°C
Dt / DV
Input Transition Rise or Fail Rate
VCC = 3.3 V ± 0.3 V
0
10
ns/V
Functional operation above the stresses listed in the Recommended Operating Ranges is not implied. Extended exposure to stresses beyond
the Recommended Operating Ranges limits may affect device reliability.
5. Applicable to devices with outputs that may be tri−stated.


Similar Part No. - NL17SG07

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NL17SG07 ONSEMI-NL17SG07 Datasheet
212Kb / 10P
   Buffer with Open Drain Output
February, 2020 - Rev. 7
NL17SG07AMUTCG ONSEMI-NL17SG07AMUTCG Datasheet
212Kb / 10P
   Buffer with Open Drain Output
February, 2020 - Rev. 7
NL17SG07CMUTBG ONSEMI-NL17SG07CMUTBG Datasheet
212Kb / 10P
   Buffer with Open Drain Output
February, 2020 - Rev. 7
NL17SG07DFT2G ONSEMI-NL17SG07DFT2G Datasheet
212Kb / 10P
   Buffer with Open Drain Output
February, 2020 - Rev. 7
NL17SG07E ONSEMI-NL17SG07E Datasheet
72Kb / 6P
   Buffer with Open Drain Output
August, 2018 ??Rev. 2
More results

Similar Description - NL17SG07

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC1G07 PHILIPS-74LVC1G07 Datasheet
67Kb / 15P
   Buffer with open-drain output
2004 Sep 07
logo
Unisonic Technologies
U74HCT3G07 UTC-U74HCT3G07_15 Datasheet
161Kb / 4P
   BUFFER WITH OPEN-DRAIN OUTPUT
logo
ON Semiconductor
NL17SG07E ONSEMI-NL17SG07E Datasheet
72Kb / 6P
   Buffer with Open Drain Output
August, 2018 ??Rev. 2
logo
Nexperia B.V. All right...
74AHC1G07 NEXPERIA-74AHC1G07 Datasheet
205Kb / 10P
   Buffer with open-drain output
Rev. 9 - 11 January 2022
74LVC1G07-Q100 NEXPERIA-74LVC1G07-Q100 Datasheet
219Kb / 12P
   Buffer with open-drain output
Rev. 5 - 3 February 2022
logo
Unisonic Technologies
U74AHC1G07 UTC-U74AHC1G07 Datasheet
145Kb / 5P
   BUFFER WITH OPEN-DRAIN OUTPUT
logo
NXP Semiconductors
74AHC1G07 PHILIPS-74AHC1G07 Datasheet
77Kb / 16P
   Buffer with open-drain output
2002 Oct 02
74AHC_AHCT1G07 PHILIPS-74AHC_AHCT1G07_15 Datasheet
140Kb / 12P
   Buffer with open-drain output
Rev. 7-18 November 2014
74LVC1G07 NXP-74LVC1G07 Datasheet
86Kb / 14P
   Buffer with open-drain output
Rev. 08-17 July 2007
logo
Nexperia B.V. All right...
74LVC1G07 NEXPERIA-74LVC1G07 Datasheet
266Kb / 17P
   Buffer with open-drain output
Rev. 16 - 3 February 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com