Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NL17SG125P5T5G Datasheet(PDF) 8 Page - ON Semiconductor

Part # NL17SG125P5T5G
Description  Bus Buffer with 3-State Output
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NL17SG125P5T5G Datasheet(HTML) 8 Page - ON Semiconductor

Back Button NL17SG125P5T5G Datasheet HTML 3Page - ON Semiconductor NL17SG125P5T5G Datasheet HTML 4Page - ON Semiconductor NL17SG125P5T5G Datasheet HTML 5Page - ON Semiconductor NL17SG125P5T5G Datasheet HTML 6Page - ON Semiconductor NL17SG125P5T5G Datasheet HTML 7Page - ON Semiconductor NL17SG125P5T5G Datasheet HTML 8Page - ON Semiconductor NL17SG125P5T5G Datasheet HTML 9Page - ON Semiconductor NL17SG125P5T5G Datasheet HTML 10Page - ON Semiconductor NL17SG125P5T5G Datasheet HTML 11Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
NL17SG125
http://onsemi.com
8
PACKAGE DIMENSIONS
SOT−953
CASE 527AE
ISSUE E
*For additional information on our Pb−Free strategy and soldering
details, please download the ON Semiconductor Soldering and
Mounting Techniques Reference Manual, SOLDERRM/D.
SOLDERING FOOTPRINT*
E
D
C
A
HE
12 3
4
5
NOTES:
1. DIMENSIONING AND TOLERANCING PER ASME
Y14.5M, 1994.
2. CONTROLLING DIMENSION: MILLIMETERS
3. MAXIMUM LEAD THICKNESS INCLUDES LEAD
FINISH. MINIMUM LEAD THICKNESS IS THE
MINIMUM THICKNESS OF THE BASE MATERIAL.
4. DIMENSIONS D AND E DO NOT INCLUDE MOLD
FLASH, PROTRUSIONS, OR GATE BURRS.
DIM
MIN
NOM
MAX
MILLIMETERS
A
0.34
0.37
0.40
b
0.10
0.15
0.20
C
0.07
0.12
0.17
D
0.95
1.00
1.05
E
0.75
0.80
0.85
e
0.35 BSC
L
0.95
1.00
1.05
HE
X
Y
PIN ONE
INDICATOR
b
5X
X
0.08
Y
L
5X
L3
L2
e
5X
5X
L2
0.05
0.10
0.15
L3
−−−
−−−
0.15
0.175 REF
TOP VIEW
SIDE VIEW
BOTTOM VIEW
1.20
DIMENSIONS: MILLIMETERS
0.20
5X
1
PACKAGE
OUTLINE
0.35
PITCH
0.35
5X


Similar Part No. - NL17SG125P5T5G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NL17SG125P5T5G ONSEMI-NL17SG125P5T5G Datasheet
156Kb / 11P
   Bus Buffer with 3-State Output
November, 2018 ??Rev. 5
More results

Similar Description - NL17SG125P5T5G

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RD74LVC1G126 RENESAS-RD74LVC1G126 Datasheet
2Mb / 8P
   Bus Buffer with 3-state Output
logo
Toshiba Semiconductor
TC7SG125FE TOSHIBA-TC7SG125FE_09 Datasheet
169Kb / 8P
   Bus Buffer with 3-STATE Output
TC7SG125FE TOSHIBA-TC7SG125FE Datasheet
166Kb / 8P
   Bus Buffer with 3-STATE Output
TC7SG125FU TOSHIBA-TC7SG125FU Datasheet
169Kb / 8P
   Bus Buffer with 3-STATE Output
TC7SZ125AFE TOSHIBA-TC7SZ125AFE_07 Datasheet
139Kb / 6P
   Bus Buffer with 3-STATE Output
logo
ON Semiconductor
NL17SG126 ONSEMI-NL17SG126 Datasheet
127Kb / 11P
   Bus Buffer with 3-State Output
July, 2014 ??Rev. 5
logo
Toshiba Semiconductor
TC7SG126AFS TOSHIBA-TC7SG126AFS Datasheet
194Kb / 8P
   Bus Buffer with 3-STATE Output
2009-09-18
TC7SG125AFS TOSHIBA-TC7SG125AFS Datasheet
174Kb / 8P
   Bus Buffer with 3-STATE Output
TC7SZ126AFS TOSHIBA-TC7SZ126AFS Datasheet
212Kb / 6P
   Bus Buffer With 3-STATE Output
TC7WH126FK TOSHIBA-TC7WH126FK_09 Datasheet
184Kb / 7P
   Bus Buffer with 3-STATE Output
TC7SZ126AFE TOSHIBA-TC7SZ126AFE Datasheet
138Kb / 6P
   Bus Buffer with 3-STATE Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com