Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NL17SG125DFT2G Datasheet(PDF) 9 Page - ON Semiconductor

Part # NL17SG125DFT2G
Description  Bus Buffer with 3-State Output
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NL17SG125DFT2G Datasheet(HTML) 9 Page - ON Semiconductor

Back Button NL17SG125DFT2G Datasheet HTML 3Page - ON Semiconductor NL17SG125DFT2G Datasheet HTML 4Page - ON Semiconductor NL17SG125DFT2G Datasheet HTML 5Page - ON Semiconductor NL17SG125DFT2G Datasheet HTML 6Page - ON Semiconductor NL17SG125DFT2G Datasheet HTML 7Page - ON Semiconductor NL17SG125DFT2G Datasheet HTML 8Page - ON Semiconductor NL17SG125DFT2G Datasheet HTML 9Page - ON Semiconductor NL17SG125DFT2G Datasheet HTML 10Page - ON Semiconductor NL17SG125DFT2G Datasheet HTML 11Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
NL17SG125
http://onsemi.com
9
PACKAGE DIMENSIONS
UDFN6 1.0x1.0, 0.35P
CASE 517BX
ISSUE O
NOTES:
1. DIMENSIONING AND TOLERANCING PER
ASME Y14.5M, 1994.
2. CONTROLLING DIMENSION: MILLIMETERS.
3. DIMENSION b APPLIES TO PLATED
TERMINAL AND IS MEASURED BETWEEN
0.15 AND 0.20 MM FROM TERMINAL TIP.
4. PACKAGE DIMENSIONS EXCLUSIVE OF
BURRS AND MOLD FLASH.
*For additional information on our Pb−Free strategy and soldering
details, please download the ON Semiconductor Soldering and
Mounting Techniques Reference Manual, SOLDERRM/D.
SOLDERING FOOTPRINT*
RECOMMENDED
DIM
MIN
MAX
MILLIMETERS
A
0.45
0.55
A1
0.00
0.05
A3
0.13 REF
b
0.12
0.22
D
1.00 BSC
E
1.00 BSC
e
0.35 BSC
L
0.25
0.35
L1
0.30
0.40
A B
E
D
0.10 C
PIN ONE
REFERENCE
TOP VIEW
0.10 C
A
A1
0.05 C
0.05 C
C SEATING
PLANE
SIDE VIEW
2X
2X
A3
BOTTOM VIEW
b
e
6X
0.10
B
0.05
A
C
C
L
5X
NOTE 3
L1
1
3
4
6
M
M
DIMENSIONS: MILLIMETERS
0.22
5X
0.48
6X
1.18
0.53
PITCH
0.35
1
PKG
OUTLINE


Similar Part No. - NL17SG125DFT2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NL17SG125DFT2G ONSEMI-NL17SG125DFT2G Datasheet
156Kb / 11P
   Bus Buffer with 3-State Output
November, 2018 ??Rev. 5
More results

Similar Description - NL17SG125DFT2G

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RD74LVC1G126 RENESAS-RD74LVC1G126 Datasheet
2Mb / 8P
   Bus Buffer with 3-state Output
logo
Toshiba Semiconductor
TC7SG125FE TOSHIBA-TC7SG125FE_09 Datasheet
169Kb / 8P
   Bus Buffer with 3-STATE Output
TC7SG125FE TOSHIBA-TC7SG125FE Datasheet
166Kb / 8P
   Bus Buffer with 3-STATE Output
TC7SG125FU TOSHIBA-TC7SG125FU Datasheet
169Kb / 8P
   Bus Buffer with 3-STATE Output
TC7SZ125AFE TOSHIBA-TC7SZ125AFE_07 Datasheet
139Kb / 6P
   Bus Buffer with 3-STATE Output
logo
ON Semiconductor
NL17SG126 ONSEMI-NL17SG126 Datasheet
127Kb / 11P
   Bus Buffer with 3-State Output
July, 2014 ??Rev. 5
logo
Toshiba Semiconductor
TC7SG126AFS TOSHIBA-TC7SG126AFS Datasheet
194Kb / 8P
   Bus Buffer with 3-STATE Output
2009-09-18
TC7SG125AFS TOSHIBA-TC7SG125AFS Datasheet
174Kb / 8P
   Bus Buffer with 3-STATE Output
TC7SZ126AFS TOSHIBA-TC7SZ126AFS Datasheet
212Kb / 6P
   Bus Buffer With 3-STATE Output
TC7WH126FK TOSHIBA-TC7WH126FK_09 Datasheet
184Kb / 7P
   Bus Buffer with 3-STATE Output
TC7SZ126AFE TOSHIBA-TC7SZ126AFE Datasheet
138Kb / 6P
   Bus Buffer with 3-STATE Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com