Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NLAS5223C Datasheet(PDF) 5 Page - ON Semiconductor

Part # NLAS5223C
Description  Dual SPDT Analog Switch
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLAS5223C Datasheet(HTML) 5 Page - ON Semiconductor

  NLAS5223C Datasheet HTML 1Page - ON Semiconductor NLAS5223C Datasheet HTML 2Page - ON Semiconductor NLAS5223C Datasheet HTML 3Page - ON Semiconductor NLAS5223C Datasheet HTML 4Page - ON Semiconductor NLAS5223C Datasheet HTML 5Page - ON Semiconductor NLAS5223C Datasheet HTML 6Page - ON Semiconductor NLAS5223C Datasheet HTML 7Page - ON Semiconductor NLAS5223C Datasheet HTML 8Page - ON Semiconductor NLAS5223C Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
NLAS5223C, NLAS5223CL
www.onsemi.com
5
AC ELECTRICAL CHARACTERISTICS (Input tr = tf = 3.0 ns)
Symbol
Parameter
Test Conditions
VCC
(V)
VIS
(V)
Guaranteed Maximum Limit
Unit
25
°C
−40
°C to +85°C
Min
Typ*
Max
Min
Max
tON
Turn−On Time
RL = 50 W, CL = 35 pF
(Figures 3 and 4)
2.3 − 4.5
1.5
50
60
ns
tOFF
Turn−Off Time
RL = 50 W, CL = 35 pF
(Figures 3 and 4)
2.3 − 4.5
1.5
30
40
ns
tBBM
Minimum Break−Before−Make
Time
VIS = 3.0
RL = 50 W, CL = 35 pF
(Figure 2)
3.0
1.5
2
15
ns
Typical @ 25, VCC = 3.6 V
CIN
Control Pin Input Capacitance
3.5
pF
CNO/NC
NO, NC Port Capacitance
60
pF
CCOM
COM Port Capacitance When Switch is Enabled
200
pF
*Typical Characteristics are at 25
°C.
ADDITIONAL APPLICATION CHARACTERISTICS (Voltages Referenced to GND Unless Noted)
Symbol
Parameter
Condition
VCC
(V)
25
°C
Unit
Typical
BW
Maximum On−Channel −3 dB
Bandwidth or Minimum
Frequency Response
VIN centered between VCC and GND
(Figure 5)
1.65 − 4.5
24
MHz
VONL
Maximum Feed−through On Loss
VIN = 0 dBm @ 100 kHz to 50 MHz
VIN centered between VCC and GND (Figure 5)
1.65 − 4.5
−0.06
dB
VISO
Off−Channel Isolation
f = 100 kHz; VIS = 1 V RMS; CL = 5.0 pF
VIN centered between VCC and GND (Figure 5)
1.65 − 4.5
−68
dB
Q
Charge Injection Select Input to
Common I/O
VIN = VCC to GND, RIS = 0 W, CL = 1.0 nF
Q = CL x DVOUT (Figure 6)
1.65 − 4.5
38
pC
THD
Total Harmonic Distortion
THD + Noise
FIS = 20 Hz to 20 kHz, RL = Rgen = 600 W, CL = 50 pF
VIS = 2.0 V RMS
3.0
0.08
%
VCT
Channel−to−Channel Crosstalk
f = 100 kHz; VIS = 1.0 V RMS, CL = 5.0 pF, RL = 50 W
VIN centered between VCC and GND (Figure 5)
1.65 − 4.5
−70
dB
10. Off−Channel Isolation = 20log10 (VCOM/VNO), VCOM = output, VNO = input to off switch.


Similar Part No. - NLAS5223C

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLAS5223 ONSEMI-NLAS5223 Datasheet
114Kb / 11P
   Ultra?묹ow 0.5ohm Dual SPDT Analog Switch
December, 2005 ??Rev. 0
NLAS5223 ONSEMI-NLAS5223 Datasheet
115Kb / 11P
   Ultra-Low 0.5 ohm Dual SPDT Analog Switch
September, 2006 ??Rev. 4
NLAS5223 ONSEMI-NLAS5223 Datasheet
108Kb / 10P
   Ultra-Low 0.5 Dual SPDT Analog Switch
September, 2015 ??Rev. 6
NLAS52231 ONSEMI-NLAS52231 Datasheet
149Kb / 9P
   Ultra-Low 0.4廓 Dual SPDT Analog Switch with Overshoot
September, 2007 - Rev. 1
NLAS52231 ONSEMI-NLAS52231 Datasheet
155Kb / 9P
   Ultra-Low Dual SPDT Analog Switch
September, 2008 ??Rev. 2
More results

Similar Description - NLAS5223C

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG9236 VISHAY-DG9236 Datasheet
269Kb / 12P
   Dual SPDT Analog Switch
Rev. B, 25-Apr-11
logo
Protek Devices
PA2268 PROTEC-PA2268_15 Datasheet
154Kb / 9P
   DUAL SPDT ANALOG SWITCH
logo
Vishay Siliconix
DG9636 VISHAY-DG9636 Datasheet
185Kb / 10P
   Dual SPDT Analog Switch
Rev. B, 06-Sep-10
DG9636 VISHAY-DG9636_V01 Datasheet
185Kb / 12P
   Dual SPDT Analog Switch
08-Feb-17
DG9236 VISHAY-DG9236_V01 Datasheet
256Kb / 13P
   Dual SPDT Analog Switch
01-Jan-2022
logo
SG Micro Corp
SGM4717 SGMICRO-SGM4717_15 Datasheet
365Kb / 12P
   Dual, SPDT Analog Switch
logo
Protek Devices
PA4684 PROTEC-PA4684 Datasheet
170Kb / 9P
   Dual SPDT Analog Switch
logo
Intersil Corporation
HI-303 INTERSIL-HI-303 Datasheet
327Kb / 11P
   Dual, SPDT CMOS Analog Switch
logo
Protek Devices
PA2223 PROTEC-PA2223 Datasheet
134Kb / 9P
   LoPro??Dual SPDT Analog Switch
PAM22LOPR2268 PROTEC-PAM22LOPR2268 Datasheet
324Kb / 10P
   LoPro??Dual SPDT Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com