Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NLAS5223CMUTAG Datasheet(PDF) 4 Page - ON Semiconductor

Part # NLAS5223CMUTAG
Description  Dual SPDT Analog Switch
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLAS5223CMUTAG Datasheet(HTML) 4 Page - ON Semiconductor

  NLAS5223CMUTAG Datasheet HTML 1Page - ON Semiconductor NLAS5223CMUTAG Datasheet HTML 2Page - ON Semiconductor NLAS5223CMUTAG Datasheet HTML 3Page - ON Semiconductor NLAS5223CMUTAG Datasheet HTML 4Page - ON Semiconductor NLAS5223CMUTAG Datasheet HTML 5Page - ON Semiconductor NLAS5223CMUTAG Datasheet HTML 6Page - ON Semiconductor NLAS5223CMUTAG Datasheet HTML 7Page - ON Semiconductor NLAS5223CMUTAG Datasheet HTML 8Page - ON Semiconductor NLAS5223CMUTAG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
NLAS5223C, NLAS5223CL
www.onsemi.com
4
NLAS5223CL DC CHARACTERISTICS − DIGITAL SECTION (Voltages Referenced to GND)
Symbol
Parameter
Condition
VCC
Guaranteed Limit
Unit
25
°C
−40
°C to +85°C
VIH
Minimum High−Level Input Voltage, Select
Inputs
3.0
4.3
1.3
1.6
1.3
1.6
V
VIL
Maximum Low−Level Input Voltage, Select
Inputs
3.0
4.3
0.5
0.6
0.5
0.6
V
IIN
Maximum Input Leakage Current, Select
Inputs
VIN = 4.5 V or GND
4.3
±0.1
±1.0
mA
IOFF
Power Off Leakage Current
VIN = 4.5 V or GND
0
±0.5
±2.0
mA
ICC
Maximum Quiescent Supply Current
Select and VIS = VCC or GND
1.65 to 4.5
±1.0
±2.0
mA
ICCV
Maximum Quiescent Supply Current, Low
Voltage Driving (Note 6)
VIS = VCC or GND
VIN = 1.65 V
4.3
±145
±150
mA
VIS = VCC or GND
VIN = 1.80 V
±125
±130
VIS = VCC or GND
VIN = 2.60 V
±50
±55
6. Guaranteed by design. Resistance measurements do not include test circuit or package resistance.
NLAS5223CL DC ELECTRICAL CHARACTERISTICS − ANALOG SECTION
Symbol
Parameter
Condition
VCC
Guaranteed Maximum Limit
Unit
25
°C
−40
°C to +85°C
Min
Max
Min
Max
RON
NC/NO On−Resistance
(Note 7)
VIN = VIL or VIN = VIH
VIS = GND to VCC
ICOM = 100 mA
3.0
4.3
0.4
0.35
0.5
0.4
W
RFLAT
NC/NO On−Resistance Flatness
(Notes 7 and 8)
ICOM = 100 mA
VIS = 0 to VCC
3.0
4.3
0.16
0.11
0.20
0.14
W
DRON
On−Resistance Match Between Channels
(Notes 7 and 9)
VIS = 1.5 V;
ICOM = 100 mA
VIS = 2.2 V;
ICOM = 100 mA
3.0
4.3
0.05
0.05
0.05
0.05
W
INC(OFF)
INO(OFF)
NC or NO Off Leakage Current (Note 7)
VIN = VIL or VIH
VNO or VNC = 0.3 V
VCOM = 4.0 V
4.3
−10
10
−100
100
nA
ICOM(ON)
COM ON
Leakage Current
(Note 7)
VIN = VIL or VIH
VNO 0.3 V or 4.0 V with
VNC floating or
VNC 0.3 V or 4.0 V with
VNO floating
VCOM = 0.3 V or 4.0 V
4.3
−10
10
−100
100
nA
7. Guaranteed by design. Resistance measurements do not include test circuit or package resistance.
8. Flatness is defined as the difference between the maximum and minimum value of On−resistance as measured over the specified analog
signal ranges.
9.
DRON = RON(MAX) − RON(MIN) between NC1 and NC2 or between NO1 and NO2.


Similar Part No. - NLAS5223CMUTAG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLAS5223 ONSEMI-NLAS5223 Datasheet
114Kb / 11P
   Ultra?묹ow 0.5ohm Dual SPDT Analog Switch
December, 2005 ??Rev. 0
NLAS5223 ONSEMI-NLAS5223 Datasheet
115Kb / 11P
   Ultra-Low 0.5 ohm Dual SPDT Analog Switch
September, 2006 ??Rev. 4
NLAS5223 ONSEMI-NLAS5223 Datasheet
108Kb / 10P
   Ultra-Low 0.5 Dual SPDT Analog Switch
September, 2015 ??Rev. 6
NLAS52231 ONSEMI-NLAS52231 Datasheet
149Kb / 9P
   Ultra-Low 0.4廓 Dual SPDT Analog Switch with Overshoot
September, 2007 - Rev. 1
NLAS52231 ONSEMI-NLAS52231 Datasheet
155Kb / 9P
   Ultra-Low Dual SPDT Analog Switch
September, 2008 ??Rev. 2
More results

Similar Description - NLAS5223CMUTAG

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG9236 VISHAY-DG9236 Datasheet
269Kb / 12P
   Dual SPDT Analog Switch
Rev. B, 25-Apr-11
logo
Protek Devices
PA2268 PROTEC-PA2268_15 Datasheet
154Kb / 9P
   DUAL SPDT ANALOG SWITCH
logo
Vishay Siliconix
DG9636 VISHAY-DG9636 Datasheet
185Kb / 10P
   Dual SPDT Analog Switch
Rev. B, 06-Sep-10
DG9636 VISHAY-DG9636_V01 Datasheet
185Kb / 12P
   Dual SPDT Analog Switch
08-Feb-17
DG9236 VISHAY-DG9236_V01 Datasheet
256Kb / 13P
   Dual SPDT Analog Switch
01-Jan-2022
logo
SG Micro Corp
SGM4717 SGMICRO-SGM4717_15 Datasheet
365Kb / 12P
   Dual, SPDT Analog Switch
logo
Protek Devices
PA4684 PROTEC-PA4684 Datasheet
170Kb / 9P
   Dual SPDT Analog Switch
logo
Intersil Corporation
HI-303 INTERSIL-HI-303 Datasheet
327Kb / 11P
   Dual, SPDT CMOS Analog Switch
logo
Protek Devices
PA2223 PROTEC-PA2223 Datasheet
134Kb / 9P
   LoPro??Dual SPDT Analog Switch
PAM22LOPR2268 PROTEC-PAM22LOPR2268 Datasheet
324Kb / 10P
   LoPro??Dual SPDT Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com