Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NLAS5223CLMUTAG Datasheet(PDF) 2 Page - ON Semiconductor

Part # NLAS5223CLMUTAG
Description  Dual SPDT Analog Switch
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLAS5223CLMUTAG Datasheet(HTML) 2 Page - ON Semiconductor

  NLAS5223CLMUTAG Datasheet HTML 1Page - ON Semiconductor NLAS5223CLMUTAG Datasheet HTML 2Page - ON Semiconductor NLAS5223CLMUTAG Datasheet HTML 3Page - ON Semiconductor NLAS5223CLMUTAG Datasheet HTML 4Page - ON Semiconductor NLAS5223CLMUTAG Datasheet HTML 5Page - ON Semiconductor NLAS5223CLMUTAG Datasheet HTML 6Page - ON Semiconductor NLAS5223CLMUTAG Datasheet HTML 7Page - ON Semiconductor NLAS5223CLMUTAG Datasheet HTML 8Page - ON Semiconductor NLAS5223CLMUTAG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
NLAS5223C, NLAS5223CL
www.onsemi.com
2
NC
IN
NO
COM
Figure 1. Logic Equivalent Circuit
PIN DESCRIPTION
QFN PIN #
Symbol
Name and Function
2, 5, 7, 10
NC1 to NC2, NO1 to NO2
Independent Channels
4, 8
IN1 and IN2
Controls
3, 9
COM1 and COM2
Common Channels
6
GND
Ground (V)
1
VCC
Positive Supply Voltage
MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VCC
Positive DC Supply Voltage
−0.5 to +7.0
V
VIS
Analog Input Voltage (VNO, VNC, or VCOM)
−0.5
v VIS v VCC + 0.5
V
VIN
Digital Select Input Voltage
−0.5
v VIN v +5.5
V
Ianl1
Continuous DC Current from COM to NC/NO
±320
mA
Ianl−pk1
Peak Current from COM to NC/NO, 10% Duty Cycle, 100 ms = tON (Note 1)
±600
mA
Ianl−pk2
Instantaneous Peak Current from COM to NC/NO, 10% Duty Cycle, tON < 1 ms
±850
mA
Iclmp
Continuous DC Current into COM/NO/NC with Respect to VCC or GND
±100
mA
ESD
ESD Withstand Voltage
Human Body Model (HBM)
>3000
V
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
1. Defined as 10% ON, 90% OFF Duty Cycle.
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Min
Max
Unit
VCC
DC Supply Voltage
1.65
4.5
V
VIN
Digital Select Input Voltage (OVT) Overvoltage Tolerance
GND
4.5
V
VIS
Analog Input Voltage (NC, NO, COM)
GND
VCC
V
TA
Operating Temperature Range
−40
+85
°C
tr, tf
Input Rise or Fall Time, SELECT
VCC = 1.6 V − 2.7 V
VCC = 3.0 V − 4.5 V
20
10
ns/V
Functional operation above the stresses listed in the Recommended Operating Ranges is not implied. Extended exposure to stresses beyond
the Recommended Operating Ranges limits may affect device reliability.


Similar Part No. - NLAS5223CLMUTAG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLAS5223 ONSEMI-NLAS5223 Datasheet
114Kb / 11P
   Ultra?묹ow 0.5ohm Dual SPDT Analog Switch
December, 2005 ??Rev. 0
NLAS5223 ONSEMI-NLAS5223 Datasheet
115Kb / 11P
   Ultra-Low 0.5 ohm Dual SPDT Analog Switch
September, 2006 ??Rev. 4
NLAS5223 ONSEMI-NLAS5223 Datasheet
108Kb / 10P
   Ultra-Low 0.5 Dual SPDT Analog Switch
September, 2015 ??Rev. 6
NLAS52231 ONSEMI-NLAS52231 Datasheet
149Kb / 9P
   Ultra-Low 0.4廓 Dual SPDT Analog Switch with Overshoot
September, 2007 - Rev. 1
NLAS52231 ONSEMI-NLAS52231 Datasheet
155Kb / 9P
   Ultra-Low Dual SPDT Analog Switch
September, 2008 ??Rev. 2
More results

Similar Description - NLAS5223CLMUTAG

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG9236 VISHAY-DG9236 Datasheet
269Kb / 12P
   Dual SPDT Analog Switch
Rev. B, 25-Apr-11
logo
Protek Devices
PA2268 PROTEC-PA2268_15 Datasheet
154Kb / 9P
   DUAL SPDT ANALOG SWITCH
logo
Vishay Siliconix
DG9636 VISHAY-DG9636 Datasheet
185Kb / 10P
   Dual SPDT Analog Switch
Rev. B, 06-Sep-10
DG9636 VISHAY-DG9636_V01 Datasheet
185Kb / 12P
   Dual SPDT Analog Switch
08-Feb-17
DG9236 VISHAY-DG9236_V01 Datasheet
256Kb / 13P
   Dual SPDT Analog Switch
01-Jan-2022
logo
SG Micro Corp
SGM4717 SGMICRO-SGM4717_15 Datasheet
365Kb / 12P
   Dual, SPDT Analog Switch
logo
Protek Devices
PA4684 PROTEC-PA4684 Datasheet
170Kb / 9P
   Dual SPDT Analog Switch
logo
Intersil Corporation
HI-303 INTERSIL-HI-303 Datasheet
327Kb / 11P
   Dual, SPDT CMOS Analog Switch
logo
Protek Devices
PA2223 PROTEC-PA2223 Datasheet
134Kb / 9P
   LoPro??Dual SPDT Analog Switch
PAM22LOPR2268 PROTEC-PAM22LOPR2268 Datasheet
324Kb / 10P
   LoPro??Dual SPDT Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com