Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NLAS9099 Datasheet(PDF) 4 Page - ON Semiconductor

Part # NLAS9099
Description  Dual DPDT Ultra-Low R Switch
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLAS9099 Datasheet(HTML) 4 Page - ON Semiconductor

  NLAS9099 Datasheet HTML 1Page - ON Semiconductor NLAS9099 Datasheet HTML 2Page - ON Semiconductor NLAS9099 Datasheet HTML 3Page - ON Semiconductor NLAS9099 Datasheet HTML 4Page - ON Semiconductor NLAS9099 Datasheet HTML 5Page - ON Semiconductor NLAS9099 Datasheet HTML 6Page - ON Semiconductor NLAS9099 Datasheet HTML 7Page - ON Semiconductor NLAS9099 Datasheet HTML 8Page - ON Semiconductor NLAS9099 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
NLAS9099
http://onsemi.com
4
DC CHARACTERISTICS - Digital Section (Voltages Referenced to GND)
Symbol
Parameter
Condition
VCC
Guaranteed Limit
Unit
*405C to 255C
t855C
VIH
Minimum High-Level Input
Voltage, Select Inputs
1.8
2.5
3.6
4.3
1.2
1.7
2.2
2.6
1.2
1.7
2.2
2.6
V
VIL
Maximum Low-Level Input
Voltage, Select Inputs
1.8
2.5
3.6
4.3
0.4
0.5
0.7
0.9
0.4
0.5
0.7
0.9
V
IIN
Maximum Input Leakage
Current, Select Inputs
VIN = VCC or GND
4.3
$0.1
$1.0
mA
IOFF
Power Off Leakage Current
VIN = VCC or GND
0
$0.5
$2.0
mA
ICC
Maximum Quiescent Supply
Current (Note NO TAG)
Select and VIS = VCC or GND
1.65 to 4.5
$1.0
$2.0
mA
DC ELECTRICAL CHARACTERISTICS - Analog Section
Symbol
Parameter
Condition
VCC
Guaranteed Maximum Limit
Unit
-40
5C to 255C
t855C
Min
Max
Min
Max
RON
NC/NO On-Resistance
(Note NO TAG)
VIN v VIL or VIN w VIH
VIS = GND to VCC
IINI v 100 mA
2.5
3.0
4.3
0.65
0.6
0.55
0.75
0.75
0.70
W
RFLAT
NC/NO On-Resistance Flatness
(Notes NO TAG, NO TAG)
ICOM = 100 mA
VIS = 0 to VCC
2.5
3.0
4.3
0.15
0.15
0.15
0.15
0.15
0.15
W
DRON
On-Resistance Match Between Channels
(Notes NO TAG and NO TAG)
VIS = 1.3 V;
ICOM = 100 mA
VIS = 1.5 V;
ICOM = 100 mA
VIS = 2.2 V;
ICOM = 100 mA
2.5
3.0
4.3
0.06
0.05
0.05
0.06
0.05
0.05
W
INC(OFF)
INO(OFF)
NC or NO Off Leakage Current (Note
NO TAG)
VIN = VIL or VIH
VNO or VNC = 0.3 V
VCOM = 4.0 V
4.3
-10
10
-100
100
nA
ICOM(ON)
COM ON
Leakage Current
(Note NO TAG)
VIN = VIL or VIH
VNO 0.3 V or 4.0 V with
VNC floating or
VNC 0.3 V or 4.0 V with
VNO floating
VCOM = 0.3 V or 4.0 V
4.3
-10
10
-100
100
nA
Guaranteed by design. Resistance measurements do
not include test circuit or package resistance.
DRON = RON(M
AX) - RON(MIN) between nS1 or nS2.
Flatness is defined as the difference between the
maximum and minimum value of on-resistance as measured over the specified
analog
signal ranges.


Similar Part No. - NLAS9099

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLAS9031 ONSEMI-NLAS9031 Datasheet
164Kb / 10P
   SPDT Switch
April, 2007 ??Rev. 0
NLAS9031DFT2G ONSEMI-NLAS9031DFT2G Datasheet
164Kb / 10P
   SPDT Switch
April, 2007 ??Rev. 0
NLAS9031MTR2G ONSEMI-NLAS9031MTR2G Datasheet
164Kb / 10P
   SPDT Switch
April, 2007 ??Rev. 0
NLAS9041 ONSEMI-NLAS9041 Datasheet
171Kb / 9P
   SPDT, Switch
April, 2007 ??Rev. 0
NLAS9041DFT2G ONSEMI-NLAS9041DFT2G Datasheet
171Kb / 9P
   SPDT, Switch
April, 2007 ??Rev. 0
More results

Similar Description - NLAS9099

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM3699A UNIONSEMI-UM3699A_16 Datasheet
334Kb / 11P
   Dual DPDT Ultra-Low R ON Analog Switch
logo
ON Semiconductor
NLAS3699 ONSEMI-NLAS3699_05 Datasheet
97Kb / 10P
   Dual DPDT Ultra-Low RON Switch
October, 2005 ??Rev. 3
NLAS3799B ONSEMI-NLAS3799B_08 Datasheet
177Kb / 12P
   Dual DPDT Ultra-Low RON Switch
July, 2008 ??Rev. 3
NLAS3699 ONSEMI-NLAS3699 Datasheet
80Kb / 10P
   Dual DPDT Ultra-Low RON Switch
October, 2004 ??Rev. 0
logo
Union Semiconductor, In...
UM3699A UNIONSEMI-UM3699A Datasheet
341Kb / 11P
   Dual DPDT Ultra-Low RON Analog Switch
logo
ON Semiconductor
NLAS3699B ONSEMI-NLAS3699B Datasheet
97Kb / 10P
   Dual DPDT Ultra?묹ow RON Switch
March, 2006 ??Rev. 0
NLAS3799 ONSEMI-NLAS3799_06 Datasheet
98Kb / 11P
   Dual DPDT Ultra?묹ow RON Switch
January, 2006 ??Rev. 1
NLAS3799B ONSEMI-NLAS3799B Datasheet
99Kb / 11P
   Dual DPDT Ultra?묹ow RON Switch
March, 2006 ??Rev. 0
NLAS3799 ONSEMI-NLAS3799 Datasheet
98Kb / 11P
   Dual DPDT Ultra?묹ow RON Switch
October, 2005 ??Rev. 0
NLAS3899B ONSEMI-NLAS3899B_12 Datasheet
137Kb / 10P
   Dual DPDT Low RON, Low Capacitance Switch
August, 2012 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com