Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NOA2301 Datasheet(PDF) 4 Page - ON Semiconductor

Part # NOA2301
Description  Digital Proximity Sensor
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NOA2301 Datasheet(HTML) 4 Page - ON Semiconductor

  NOA2301 Datasheet HTML 1Page - ON Semiconductor NOA2301 Datasheet HTML 2Page - ON Semiconductor NOA2301 Datasheet HTML 3Page - ON Semiconductor NOA2301 Datasheet HTML 4Page - ON Semiconductor NOA2301 Datasheet HTML 5Page - ON Semiconductor NOA2301 Datasheet HTML 6Page - ON Semiconductor NOA2301 Datasheet HTML 7Page - ON Semiconductor NOA2301 Datasheet HTML 8Page - ON Semiconductor NOA2301 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
NOA2301
www.onsemi.com
4
Table 4. ELECTRICAL CHARACTERISTICS (Unless otherwise specified, these specifications apply over 2.3 V < VDD < 3.6 V,
1.7 V < VDD_I2C < 1.9 V, −40
°C < TA < 80°C, 10 pF < Cb < 100 pF) (See Note 4)
Parameter
Symbol
Min
Typ
Max
Unit
LED pulse current
ILED_pulse
10
160
mA
LED pulse current step size
ILED_pulse_step
5
mA
LED pulse current accuracy
ILED_acc
−20
+20
%
Interval Timer Tolerance
Tolf_timer
−35
+35
%
Edge Triggered Interrupt Pulse Width
PWINT
50
mS
SCL clock frequency
fSCL_std
10
100
kHz
fSCL_fast
100
400
fSCL_hs
100
3400
Hold time for START condition. After this period, the first
clock pulse is generated.
THD;STA_std
4.0
mS
tHD;STA_fast
0.6
tHD;STA_hs
0.160
Low period of SCL clock
tLOW_std
4.7
mS
tLOW_fast
1.3
tLOW_hs
0.160
High period of SCL clock
tHIGH_std
4.0
mS
tHIGH_fast
0.6
tHIGH_hs
0.060
SDA Data hold time
tHD;DAT_d_std
0
3.45
mS
tHD;DAT_d_fast
0
0.9
tHD;DAT_d_hs
0
0.070
SDA Data set−up time
tSU;DAT_std
250
nS
tSU;DAT_fast
100
tSU;DAT_hs
10
Rise time of both SDA and SCL (input signals) (Note 5)
tr_INPUT_std
20
1000
nS
tr_INPUT_fast
20
300
tr_INPUT_hs
10
40
Fall time of both SDA and SCL (input signals) (Note 5)
tf_INPUT_std
20
300
nS
tf_INPUT_fast
20
300
tf_INPUT_hs
10
40
Rise time of SDA output signal (Note 5)
tr_OUT_std
20
300
nS
tr_OUT_fast
20 + 0.1 Cb
300
tr_OUT_hs
10
80
Fall time of SDA output signal (Note 5)
tf_OUT_std
20
300
nS
tf_OUT_fast
20 + 0.1 Cb
300
tf_OUT_hs
10
80
Set−up time for STOP condition
tSU;STO_std
4.0
mS
tSU;STO_fast
0.6
tSU;STO_hs
0.160
4. Refer to Figure 2 and Figure 3 for more information on AC characteristics.
5. The rise time and fall time are dependent on both the bus capacitance (Cb) and the bus pull−up resistor Rp. Max and min pull−up resistor
values are determined as follows: Rp(max) = tr (max)/(0.8473 x Cb) and Rp(min) = (Vdd_I2C – Vol(max))/Iol.
6. Cb = capacitance of one bus line, maximum value of which including all parasitic capacitances should be less than 100 pF. Bus capacitance
up to 400 pF is supported, but at relaxed timing.


Similar Part No. - NOA2301

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NOA2301 ONSEMI-NOA2301 Datasheet
171Kb / 19P
   Digital Proximity Sensor
January, 2017 ??Rev. 2
NOA2301CUTAG ONSEMI-NOA2301CUTAG Datasheet
171Kb / 19P
   Digital Proximity Sensor
January, 2017 ??Rev. 2
NOA2301W ONSEMI-NOA2301W Datasheet
198Kb / 19P
   Digital Proximity Sensor
March, 2015 ??Rev. 0
NOA2301 ONSEMI-NOA2301_17 Datasheet
171Kb / 19P
   Digital Proximity Sensor
January, 2017 ??Rev. 2
More results

Similar Description - NOA2301

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
APDS-9190 AVAGO-APDS-9190 Datasheet
1Mb / 24P
   Digital Proximity Sensor
APDS-9130 AVAGO-APDS-9130 Datasheet
1Mb / 31P
   Digital Proximity Sensor
logo
ON Semiconductor
NOA3315W ONSEMI-NOA3315W Datasheet
330Kb / 26P
   Digital Proximity Sensor
March, 2015 ??Rev. 0
NOA2301W ONSEMI-NOA2301W Datasheet
198Kb / 19P
   Digital Proximity Sensor
March, 2015 ??Rev. 0
NOA2301 ONSEMI-NOA2301_17 Datasheet
171Kb / 19P
   Digital Proximity Sensor
January, 2017 ??Rev. 2
NOA3302 ONSEMI-NOA3302 Datasheet
323Kb / 23P
   Digital Proximity Sensor
March, 2013 ??Rev. 1
NOA3315 ONSEMI-NOA3315 Datasheet
287Kb / 26P
   Digital Proximity Sensor
December, 2016 ??Rev. 0
logo
AVAGO TECHNOLOGIES LIMI...
APDS-9900 AVAGO-APDS-9900 Datasheet
1Mb / 28P
   Digital Proximity and Ambient Light Sensor
APDS-9930 AVAGO-APDS-9930 Datasheet
1Mb / 34P
   Digital Proximity and Ambient Light Sensor
logo
Intersil Corporation
ISL29021 INTERSIL-ISL29021 Datasheet
583Kb / 12P
   Digital Proximity Sensor with Interrupt Function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com