Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EB20-12 Datasheet(PDF) 1 Page - B. B. Battery Co., Ltd.

Part # EB20-12
Description  VRLA Rechargeable Battery
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BB-BATTERY [B. B. Battery Co., Ltd.]
Direct Link  http://www.bb-battery.com
Logo BB-BATTERY - B. B. Battery Co., Ltd.

EB20-12 Datasheet(HTML) 1 Page - B. B. Battery Co., Ltd.

  EB20-12_15 Datasheet HTML 1Page - B. B. Battery Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Nominal Voltage
Nominal Capacity
20Ah @ 20 hour rate F.V.(1.75V/cell)
Terminals
11m
6.0 A
oo
o
o
Charge
0 C~40 C(32 F~104 F)
oo
o
o
Discharge
-20 C~50 C(-4 F~122 F)
oo
o
o
Storage.
-20 C~40 C(-4 F~104 F)
Internal Resistance
Length
181±1.5
Width
76±1.5
Container Height
166±1.5
Total Height
OUTER DIMENSIONS
TERMINAL TYPE
12 V
Max. Charge Current
Container Material
DIMENSION(mm/inch)
6450g(14.22lbs.)
VRLA Rechargeable Battery
EB20-12
Technology
Measures
Innovation
Values
166±1.5
B.B. Battery Co., Ltd.
Powered by
REV. Jul. 2013
A/2
SPECIFICATIONS
Approx. Weight
Max. Discharge Current
300 A (5 sec.)
(Fully Charged )
Operating Temperature Range
(7.13±0.06)
(2.99±0.06)
(6.54±0.06)
(6.54±0.06)
All data and artworks shall be changed without prior notice, BB reserves the right to explain and update the information contained hereinto.
IEC 61056-1
JIS C 8702-1
GB/T 19639.1
B1 (Fitting M5 bolt & nut) I1 is optional
Terminal Hardware Initial Torque:B1(2.5Nm±5%),I1(4.0Nm±5%)
Terminal B1
[M5 BOLT & NUT]
12.0(0.47)
2.0(0.08)
Terminal I1
[M5 BOLT & NUT]
M5x0.8
(V/cell)
F.V.
Discharge
Time
10 Min
15 Min
30 Min
40 Min
Unit: W
o
o
Constant power discharge characteristics at 25 C/77 F
1 Hr
2 Hr
3 Hr
10 Hr
20 Hr
5 Hr
(V/cell)
F.V.
Discharge
Time
10 Min
15 Min
30 Min
40 Min
Unit: A
1 Hr
2 Hr
3 Hr
10 Hr
20 Hr
5 Hr
538.5
583.5
604.8
619.3
631.6
643.9
436.1
456.8
470.6
481.6
490.8
500.9
274.2
285.1
291.2
295.5
298.3
301.1
217.4
225.4
229.7
233.0
235.4
237.7
162.8
167.5
170.3
172.6
174.5
176.3
85.5
87.8
88.7
89.6
90.0
90.5
70.1
71.5
72.0
72.5
73.0
73.4
44.4
44.9
45.2
45.6
45.7
45.7
22.44
22.80
22.92
23.04
23.04
23.04
11.76
12.00
12.12
12.24
12.24
12.24
47.4
51.4
53.2
54.5
55.6
56.7
37.9
39.7
40.9
41.9
42.7
43.6
23.2
24.2
24.7
25.0
25.3
25.5
18.4
19.0
19.4
19.7
19.9
20.1
13.68
14.07
14.31
14.50
14.66
14.82
7.13
7.31
7.39
7.46
7.50
7.54
5.84
5.96
6.00
6.04
6.08
6.12
3.70
3.74
3.77
3.80
3.81
3.81
1.87
1.90
1.91
1.92
1.92
1.92
0.98
1.00
1.01
1.02
1.02
1.02
1.80V
1.75V
1.70V
1.65V
1.60V
1.50V
1.80V
1.75V
1.70V
1.65V
1.60V
1.50V
APPLICATION
FEATURES
Absorbent Glass Mat technology for efficient gas recombination
Maintenance free(no water topping-up required)
No free acid(Non-spillable battery)
Can be used in any orientation(excluding used inverted)
The battery is designed for high power & high cyclic usage
Low self-discharge rate, lower than 3% capacity loss per month
UPS
E-bike
Wheelchairs
Lawn Mowers
Golf-Carts
Electrical Scooter
Standard: ABS( UL 94-HB)
EB20-12
EB20-12FR
Optional: Flame Retardant ABS(UL 94-V0)
o
o
Constant current discharge characteristics at 25 C/77 F


Similar Part No. - EB20-12_15

ManufacturerPart #DatasheetDescription
logo
B. B. Battery Co., Ltd.
EB20-12-B1 BB-BATTERY-EB20-12-B1 Datasheet
186Kb / 1P
   VRLA Rechargeable Battery
EB20-12FR BB-BATTERY-EB20-12FR Datasheet
203Kb / 1P
   VRLA Rechargeable Battery
More results

Similar Description - EB20-12_15

ManufacturerPart #DatasheetDescription
logo
B. B. Battery Co., Ltd.
BP10-6 BB-BATTERY-BP10-6 Datasheet
200Kb / 1P
   VRLA Rechargeable Battery
BP10-12 BB-BATTERY-BP10-12 Datasheet
207Kb / 1P
   VRLA Rechargeable Battery
BP17-12 BB-BATTERY-BP17-12 Datasheet
216Kb / 1P
   VRLA Rechargeable Battery
BP26-12 BB-BATTERY-BP26-12 Datasheet
394Kb / 1P
   VRLA Rechargeable Battery
BP45-12 BB-BATTERY-BP45-12 Datasheet
218Kb / 1P
   VRLA Rechargeable Battery
BP55-12RT BB-BATTERY-BP55-12RT Datasheet
269Kb / 1P
   VRLA Rechargeable Battery
BP65-12 BB-BATTERY-BP65-12 Datasheet
219Kb / 1P
   VRLA Rechargeable Battery
BPL12-12 BB-BATTERY-BPL12-12 Datasheet
199Kb / 1P
   VRLA Rechargeable Battery
EB20-12 BB-BATTERY-EB20-12 Datasheet
203Kb / 1P
   VRLA Rechargeable Battery
EP26-12 BB-BATTERY-EP26-12 Datasheet
221Kb / 1P
   VRLA Rechargeable Battery
EP40-12 BB-BATTERY-EP40-12 Datasheet
404Kb / 1P
   VRLA Rechargeable Battery
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com