Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP12-12 Datasheet(PDF) 1 Page - B. B. Battery Co., Ltd.

Part # EP12-12
Description  VRLA Rechargeable Battery
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BB-BATTERY [B. B. Battery Co., Ltd.]
Direct Link  http://www.bb-battery.com
Logo BB-BATTERY - B. B. Battery Co., Ltd.

EP12-12 Datasheet(HTML) 1 Page - B. B. Battery Co., Ltd.

  EP12-12_15 Datasheet HTML 1Page - B. B. Battery Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Nominal Voltage
Nominal Capacity
12Ah @ 20 hour rate F.V.(1.75V/cell)
Terminals
16m
3.6 A
oo
o
o
Charge
0 C~40 C(32 F~104 F)
oo
o
o
Discharge
-20 C~50 C(-4 F~122 F)
oo
o
o
Storage.
-20 C~40 C(-4 F~104 F)
Internal Resistance
Length
151±1.5
Width
98±1.5
Container Height
94±1.5
Total Height
OUTER DIMENSIONS
TERMINAL TYPE
12 V
Max. Charge Current
Container Material
DIMENSION(mm/inch)
4200g(9.26lbs.)
VRLA Rechargeable Battery
EP12-12
Technology
Measures
Innovation
Values
98±2.0
B.B. Battery Co., Ltd.
Powered by
REV. Mar. 2013
A/3
APPLICATION
SPECIFICATIONS
IEC 61056-1
JIS C 8702-1
GB/T 19639.1
Approx. Weight
Max. Discharge Current
180 A (5 sec.)
(Fully Charged )
Operating Temperature Range
(5.94±0.06)
(3.86±0.06)
(3.70±0.06)
(3.86±0.08)
All data and artworks shall be changed without prior notice, BB reserves the right to explain and update the information contained hereinto.
UPS
Power Packs
Fishing Lights
FEATURES
Absorbent Glass Mat technology for efficient gas recombination
Maintenance free(no water topping-up required)
No free acid(Non-spillable battery)
Can be used in any orientation(excluding used inverted)
The battery is designed for heavy duty cyclic application
Low self-discharge rate, lower than 3% capacity loss per month
Electric Vehicle
Unit: W
Lawn mower
T2 (Faston Tab 250) T1 is optional
151
1.5(5.94
0.06)
98
1.5(3.86
0.06)
Terminal T1
Terminal T2
3.2(0.13)
3.4(0.13)
6.35(0.25)
7.95(0.31)
o
o
Constant power discharge characteristics at 25 C/77 F
(V/cell)
F.V.
Discharge
Time
5 Min
10 Min
15 Min
30 Min
1 Hr
3 Hr
5 Hr
10 Hr
35.23
41.47
44.04
46.06
47.52
25.86
28.02
29.03
29.73
30.32
20.70
21.65
22.32
22.83
23.29
6.97
7.18
7.31
7.39
7.47
2.92
2.98
3.00
3.03
3.04
2.008
2.042
2.050
2.058
2.067
1.123
1.140
1.146
1.150
1.150
20 Hr
0.588
0.600
0.603
0.604
0.604
Unit: A
o
o
Constant current discharge characteristics at 25 C/77 F
12.14
12.59
12.88
13.07
13.19
1.80V
1.75V
1.70V
1.65V
1.60V
(V/cell)
F.V.
Discharge
Time
5 Min
10 Min
15 Min
30 Min
1 Hr
3 Hr
5 Hr
10 Hr
391.0
452.0
480.0
502.0
518.0
293.8
318.3
329.8
337.7
344.4
238.1
249.0
256.7
262.6
267.8
143.2
148.6
152.0
154.2
155.7
83.0
85.5
87.0
88.0
88.9
35.0
35.7
36.0
36.3
36.5
24.10
24.50
24.60
24.70
24.80
13.48
13.68
13.75
13.80
13.80
20 Hr
7.05
7.20
7.23
7.25
7.25
Unit: W
o
o
Constant power discharge characteristics at 25 C/77 F
1.80V
1.75V
1.70V
1.65V
1.60V
Standard: ABS( UL 94-HB)
EP12-12
EP12-12FR
Optional: Flame Retardant ABS(UL 94-V0)


Similar Part No. - EP12-12_15

ManufacturerPart #DatasheetDescription
logo
B. B. Battery Co., Ltd.
EP12-12FR BB-BATTERY-EP12-12FR Datasheet
364Kb / 1P
   VRLA Rechargeable Battery
More results

Similar Description - EP12-12_15

ManufacturerPart #DatasheetDescription
logo
B. B. Battery Co., Ltd.
BP10-6 BB-BATTERY-BP10-6 Datasheet
200Kb / 1P
   VRLA Rechargeable Battery
BP10-12 BB-BATTERY-BP10-12 Datasheet
207Kb / 1P
   VRLA Rechargeable Battery
BP17-12 BB-BATTERY-BP17-12 Datasheet
216Kb / 1P
   VRLA Rechargeable Battery
BP26-12 BB-BATTERY-BP26-12 Datasheet
394Kb / 1P
   VRLA Rechargeable Battery
BP45-12 BB-BATTERY-BP45-12 Datasheet
218Kb / 1P
   VRLA Rechargeable Battery
BP55-12RT BB-BATTERY-BP55-12RT Datasheet
269Kb / 1P
   VRLA Rechargeable Battery
BP65-12 BB-BATTERY-BP65-12 Datasheet
219Kb / 1P
   VRLA Rechargeable Battery
BPL12-12 BB-BATTERY-BPL12-12 Datasheet
199Kb / 1P
   VRLA Rechargeable Battery
EB20-12 BB-BATTERY-EB20-12 Datasheet
203Kb / 1P
   VRLA Rechargeable Battery
EP26-12 BB-BATTERY-EP26-12 Datasheet
221Kb / 1P
   VRLA Rechargeable Battery
EP40-12 BB-BATTERY-EP40-12 Datasheet
404Kb / 1P
   VRLA Rechargeable Battery
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com