Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NSBA123TDP6 Datasheet(PDF) 2 Page - ON Semiconductor

Part # NSBA123TDP6
Description  Dual PNP Bias Resistor Transistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NSBA123TDP6 Datasheet(HTML) 2 Page - ON Semiconductor

  NSBA123TDP6 Datasheet HTML 1Page - ON Semiconductor NSBA123TDP6 Datasheet HTML 2Page - ON Semiconductor NSBA123TDP6 Datasheet HTML 3Page - ON Semiconductor NSBA123TDP6 Datasheet HTML 4Page - ON Semiconductor NSBA123TDP6 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
NSBA123TDP6
http://onsemi.com
2
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
NSBA123TDP6 (SOT−963) ONE JUNCTION HEATED
Total Device Dissipation
TA = 25C
(Note 1)
(Note 2)
Derate above 25C
(Note 1)
(Note 2)
PD
231
269
1.9
2.2
MW
mW/C
Thermal Resistance,
Junction to Ambient
(Note 1)
(Note 2)
RqJA
540
464
C/W
NSBA123TDP6 (SOT−963) BOTH JUNCTION HEATED (Note 3)
Total Device Dissipation
TA = 25C
(Note 1)
(Note 2)
Derate above 25C
(Note 1)
(Note 2)
PD
339
408
2.7
3.3
MW
mW/C
Thermal Resistance,
Junction to Ambient
(Note 1)
(Note 2)
RqJA
369
306
C/W
Junction and Storage Temperature Range
TJ, Tstg
−55 to +150
C
1. FR−4 @ 100 mm2, 1 oz. copper traces, still air.
2. FR−4 @ 500 mm2, 1 oz. copper traces, still air.
3. Both junction heated values assume total power is sum of two equally powered channels.


Similar Part No. - NSBA123TDP6

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NSBA123TDP6T5G ONSEMI-NSBA123TDP6T5G Datasheet
102Kb / 6P
   Dual Digital Transistors (BRT)
October, 2008 ??Rev. 5
More results

Similar Description - NSBA123TDP6

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MUN5115DW1 ONSEMI-MUN5115DW1 Datasheet
162Kb / 8P
   Dual PNP Bias Resistor Transistors
September, 2012 ??Rev. 0
MUN5133DW1 ONSEMI-MUN5133DW1 Datasheet
123Kb / 8P
   Dual PNP Bias Resistor Transistors
May, 2013 ??Rev. 1
MUN5116DW1 ONSEMI-MUN5116DW1 Datasheet
141Kb / 6P
   Dual PNP Bias Resistor Transistors
September, 2012 ??Rev. 0
NSBA115TDP6 ONSEMI-NSBA115TDP6 Datasheet
134Kb / 5P
   Dual PNP Bias Resistor Transistors
September, 2012 ??Rev. 0
MUN5130DW1 ONSEMI-MUN5130DW1 Datasheet
75Kb / 6P
   Dual PNP Bias Resistor Transistors
November, 2013 ??Rev. 2
MUN5113DW1 ONSEMI-MUN5113DW1 Datasheet
88Kb / 8P
   Dual PNP Bias Resistor Transistors
March, 2014 ??Rev. 1
MUN5137DW1 ONSEMI-MUN5137DW1 Datasheet
128Kb / 8P
   Dual PNP Bias Resistor Transistors
October, 2013 ??Rev. 1
MUN5135DW1 ONSEMI-MUN5135DW1_16 Datasheet
90Kb / 8P
   Dual PNP Bias Resistor Transistors
September, 2016 ??Rev. 2
MUN5132DW1 ONSEMI-MUN5132DW1 Datasheet
123Kb / 8P
   Dual PNP Bias Resistor Transistors
September, 2012 ??Rev. 0
MUN5136DW1 ONSEMI-MUN5136DW1 Datasheet
114Kb / 6P
   Dual PNP Bias Resistor Transistors
January, 2014 ??Rev. 1
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com