Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NSEMP11XV6T1 Datasheet(PDF) 4 Page - ON Semiconductor

Part # NSEMP11XV6T1
Description  Common Anode Quad Array Switching Diod
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NSEMP11XV6T1 Datasheet(HTML) 4 Page - ON Semiconductor

  NSEMP11XV6T1 Datasheet HTML 1Page - ON Semiconductor NSEMP11XV6T1 Datasheet HTML 2Page - ON Semiconductor NSEMP11XV6T1 Datasheet HTML 3Page - ON Semiconductor NSEMP11XV6T1 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
NSDEMP11XV6T1, NSDEMP11XV6T5
http://onsemi.com
4
PACKAGE DIMENSIONS
SOT-563, 6 LEAD
CASE 463A-01
ISSUE O
G
M
0.08 (0.003)
X
D 65 PL
C
J
-X-
-Y-
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: MILLIMETERS
3. MAXIMUM LEAD THICKNESS INCLUDES LEAD
FINISH THICKNESS. MINIMUM LEAD THICKNESS
IS THE MINIMUM THICKNESS OF BASE
MATERIAL.
DIM
A
MIN
MAX
MIN
MAX
INCHES
1.50
1.70
0.059
0.067
MILLIMETERS
B
1.10
1.30
0.043
0.051
C
0.50
0.60
0.020
0.024
D
0.17
0.27
0.007
0.011
G
0.50 BSC
0.020 BSC
J
0.08
0.18
0.003
0.007
K
S
STYLE 1:
PIN 1. EMITTER 1
2. BASE 1
3. COLLECTOR 2
4. EMITTER 2
5. BASE 2
6. COLLECTOR 1
A
B
Y
12
3
4
5
S
K
STYLE 2:
PIN 1. EMITTER 1
2. EMITTER2
3. BASE 2
4. COLLECTOR 2
5. BASE 1
6. COLLECTOR 1
0.004
0.012
0.059
0.067
0.10
0.30
1.50
1.70
6
STYLE 3:
PIN 1. CATHODE 1
2. CATHODE 1
3. ANODE/ANODE 2
4. CATHODE 2
5. CATHODE 2
6. ANODE/ANODE 1
STYLE 4:
PIN 1. COLLECTOR
2. COLLECTOR
3. BASE
4. EMITTER
5. COLLECTOR
6. COLLECTOR
ON Semiconductor and
are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make
changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any
particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all
liability, including without limitation special, consequential or incidental damages. “Typical” parameters which may be provided in SCILLC data sheets and/or
specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including “Typicals” must be
validated for each customer application by customer’s technical experts. SCILLC does not convey any license under its patent rights nor the rights of others.
SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications
intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death
may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC
and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees
arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that
SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer.
PUBLICATION ORDERING INFORMATION
JAPAN: ON Semiconductor, Japan Customer Focus Center
2-9-1 Kamimeguro, Meguro-ku, Tokyo, Japan 153-0051
Phone: 81-3-5773-3850
ON Semiconductor Website: http://onsemi.com
For additional information, please contact your local
Sales Representative.
NSDEMP11XV6T1/D
Thermal Clad is a trademark of the Bergquist Company.
Literature Fulfillment:
Literature Distribution Center for ON Semiconductor
P.O. Box 5163, Denver, Colorado 80217 USA
Phone: 303-675-2175 or 800-344-3860 Toll Free USA/Canada
Fax: 303-675-2176 or 800-344-3867 Toll Free USA/Canada
Email: ONlit@hibbertco.com
N. American Technical Support: 800-282-9855 Toll Free USA/Canada


Similar Part No. - NSEMP11XV6T1

ManufacturerPart #DatasheetDescription
logo
ams AG
NSE-5310 AMSCO-NSE-5310 Datasheet
1Mb / 21P
   Miniature Position Encoder SOIC with Zero Reference and I짼C Output
NSE-5310 AMSCO-NSE-5310 Datasheet
437Kb / 22P
   Miniature Position Encoder with Zero Reference and IC Output
NSE-5310ASDF AMSCO-NSE-5310ASDF Datasheet
1Mb / 21P
   Miniature Position Encoder SOIC with Zero Reference and I짼C Output
NSE-5310ASST AMSCO-NSE-5310ASST Datasheet
1Mb / 21P
   Miniature Position Encoder SOIC with Zero Reference and I짼C Output
NSE-5310ASST AMSCO-NSE-5310ASST Datasheet
437Kb / 22P
   Miniature Position Encoder with Zero Reference and IC Output
More results

Similar Description - NSEMP11XV6T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NSDEMP11XV6T1 ONSEMI-NSDEMP11XV6T1_06 Datasheet
51Kb / 3P
   Common Anode Quad Array Switching Diode
May, 2006 ??Rev. 3
NSDEMP11XV6T1 ONSEMI-NSDEMP11XV6T1 Datasheet
49Kb / 4P
   Common Anode Quad Array Switching Diode
February, 2003 - Rev. 1
NSDEMN11XV6T1 ONSEMI-NSDEMN11XV6T1 Datasheet
50Kb / 6P
   Common Cathode Quad Array Switching Diode
February, 2003 - Rev. 1
NSDEMN11DXV6T1 ONSEMI-NSDEMN11DXV6T1 Datasheet
54Kb / 4P
   Common Cathode Quad Array Switching Diode
May, 2006 ??Rev. 2
SC-74 ONSEMI-SC-74 Datasheet
67Kb / 6P
   MMQA Quad Common Anode Series
April, 2004 ??Rev. 4
logo
Siemens Semiconductor G...
BAW56 SIEMENS-BAW56 Datasheet
97Kb / 4P
   Silicon Switching Diode Array (For high-speed switching applications Common anode)
BAW56W SIEMENS-BAW56W Datasheet
70Kb / 4P
   Silicon Switching Diode Array (For high speed switching applications Common anode)
BAW56S SIEMENS-BAW56S Datasheet
43Kb / 4P
   Silicon Switching Diode Array (For high-speed switching applications Common anode)
logo
Rohm
DA221MFH ROHM-DA221MFH Datasheet
2Mb / 9P
   Switching Diod
logo
ON Semiconductor
BAS116LT1 ONSEMI-BAS116LT1_04 Datasheet
40Kb / 4P
   Switching Diod
April, 2004 ??Rev. 4
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com