Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NSVC2050JBT3G Datasheet(PDF) 5 Page - ON Semiconductor

Part # NSVC2050JBT3G
Description  Constant Current Regulator & LED Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NSVC2050JBT3G Datasheet(HTML) 5 Page - ON Semiconductor

  NSVC2050JBT3G Datasheet HTML 1Page - ON Semiconductor NSVC2050JBT3G Datasheet HTML 2Page - ON Semiconductor NSVC2050JBT3G Datasheet HTML 3Page - ON Semiconductor NSVC2050JBT3G Datasheet HTML 4Page - ON Semiconductor NSVC2050JBT3G Datasheet HTML 5Page - ON Semiconductor NSVC2050JBT3G Datasheet HTML 6Page - ON Semiconductor NSVC2050JBT3G Datasheet HTML 7Page - ON Semiconductor NSVC2050JBT3G Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
NSIC2050JBT3G
http://onsemi.com
5
APPLICATIONS INFORMATION
The CCR is a self biased transistor designed to regulate the
current through itself and any devices in series with it. The
device has a slight negative temperature coefficient, as
shown in Figure 2 – Tri Temp. (i.e. if the temperature
increases the current will decrease). This negative
temperature coefficient will protect the LEDS by reducing
the current as temperature rises.
The CCR turns on immediately and is typically at 20% of
regulation with only 0.5 V across it.
The device is capable of handling voltage for short
durations of up to 120 V so long as the die temperature does
not exceed 175
°C. The determination will depend on the
thermal pad it is mounted on, the ambient temperature, the
pulse duration, pulse shape and repetition.
AC Applications
The CCR is a DC device; however, it can be used with full
wave rectified AC as shown in application notes
AND8433/D
and
AND8492/D
and
design
notes
DN05013/D and DN06065/D. Figure 8 shows the basic
circuit configuration.
Figure 8. Basic AC Application
Single LED String
The CCR can be placed in series with LEDs as a High Side
or a Low Side Driver. The number of the LEDs can vary
from one to an unlimited number. The designer needs to
calculate the maximum voltage across the CCR by taking the
maximum input voltage less the voltage across the LED
string (Figures 9 and 10).
Figure 9.
Figure 10.


Similar Part No. - NSVC2050JBT3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NSVC2020JBT3G ONSEMI-NSVC2020JBT3G Datasheet
159Kb / 8P
   Constant Current Regulator & LED Driver
April, 2014 ??Rev. 1
NSVC2030JBT3G ONSEMI-NSVC2030JBT3G Datasheet
160Kb / 8P
   Constant Current Regulator & LED Driver
April, 2014 ??Rev. 1
More results

Similar Description - NSVC2050JBT3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NSI45030AT1G ONSEMI-NSI45030AT1G Datasheet
147Kb / 6P
   Constant Current Regulator & LED Driver
November, 2009 ??Rev. 3
NSI45030AT1G ONSEMI-NSI45030AT1G_11 Datasheet
172Kb / 7P
   Constant Current Regulator & LED Driver
September, 2011 ??Rev. 4
NSI45025AZ ONSEMI-NSI45025AZ Datasheet
174Kb / 7P
   Constant Current Regulator & LED Driver
July, 2013 ??Rev. 3
NSI45030A ONSEMI-NSI45030A Datasheet
133Kb / 8P
   Constant Current Regulator & LED Driver
October, 2017 ??Rev. 5
NSI45030AZT1G ONSEMI-NSI45030AZT1G_11 Datasheet
170Kb / 7P
   Constant Current Regulator & LED Driver
October, 2011 ??Rev. 2
NSI45015W ONSEMI-NSI45015W_14 Datasheet
159Kb / 8P
   Constant Current Regulator & LED Driver
June, 2014 ??Rev. 2
NSI45025T1G ONSEMI-NSI45025T1G_14 Datasheet
159Kb / 8P
   Constant Current Regulator & LED Driver
June, 2014 ??Rev. 5
NSI50350AD ONSEMI-NSI50350AD_14 Datasheet
155Kb / 8P
   Constant Current Regulator & LED Driver
June, 2014 ??Rev. 4
NSI45025ZT1G ONSEMI-NSI45025ZT1G_11 Datasheet
170Kb / 7P
   Constant Current Regulator & LED Driver
October, 2011 ??Rev. 2
NSI45030AZT1G ONSEMI-NSI45030AZT1G Datasheet
143Kb / 6P
   Constant Current Regulator & LED Driver
September, 2009 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com