Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NRVTS1545EMFST1G Datasheet(PDF) 3 Page - ON Semiconductor

Part # NRVTS1545EMFST1G
Description  Exceptionally Low Leakage Trench-based Schottky Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NRVTS1545EMFST1G Datasheet(HTML) 3 Page - ON Semiconductor

  NRVTS1545EMFST1G Datasheet HTML 1Page - ON Semiconductor NRVTS1545EMFST1G Datasheet HTML 2Page - ON Semiconductor NRVTS1545EMFST1G Datasheet HTML 3Page - ON Semiconductor NRVTS1545EMFST1G Datasheet HTML 4Page - ON Semiconductor NRVTS1545EMFST1G Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
NTS1545EMFS, NRVTS1545EMFS
http://onsemi.com
3
TYPICAL CHARACTERISTICS
Figure 1. Typical Instantaneous Forward
Characteristics
Figure 2. Maximum Instantaneous Forward
Characteristics
VF, INSTANTANEOUS FORWARD VOLTAGE (V)
VF, INSTANTANEOUS FORWARD VOLTAGE (V)
0.7
0.5
0.9
0.4
0.3
0.2
0.1
0
0.1
1
10
100
0.8
0.6
0.5
0.3
0.2
0.1
0
0.1
1
10
100
Figure 3. Typical Reverse Characteristics
Figure 4. Maximum Reverse Characteristics
VR, INSTANTANEOUS REVERSE VOLTAGE (V)
VR, INSTANTANEOUS REVERSE VOLTAGE (V)
40
30
25
20
15
10
5
0
1.E−06
45
35
30
20
10
5
0
Figure 5. Typical Junction Capacitance
VR, REVERSE VOLTAGE (V)
1
100
1000
10,000
0.9
35
45
1.E−05
1.E−04
1.E−03
1.E−02
1.E−01
1.E+00
15
25
1.E−05
1.E−04
1.E−03
1.E−02
1.E+00
10
50
TA = 175°C
TA = 125°C
TA = −55°C
TA = 25°C
TA = 150°C
TA = 125°C
TA = −55°C
TA = 25°C
TA = 150°C
TA = 125°C
TA = 25°C
TA = 150°C
TA = 125°C
TA = 25°C
1.E−01
Figure 6. Current Derating
TC, CASE TEMPERATURE (°C)
140
130
170
160
110
100
0
5
10
15
25
30
20
120
150
Square Wave
DC
RqJC = 1.3°C/W
TJ = 25°C
0.6
0.8
0.4
0.7
40
TA = 150°C
TA = 175°C
TA = 175°C
TA = 175°C


Similar Part No. - NRVTS1545EMFST1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NRVTS1545MFS ONSEMI-NRVTS1545MFS Datasheet
67Kb / 5P
   Schottky Rectifier
July, 2014 ??Rev. 0
NRVTS1545MFST1G ONSEMI-NRVTS1545MFST1G Datasheet
67Kb / 5P
   Schottky Rectifier
July, 2014 ??Rev. 0
NRVTS1545MFST3G ONSEMI-NRVTS1545MFST3G Datasheet
67Kb / 5P
   Schottky Rectifier
July, 2014 ??Rev. 0
More results

Similar Description - NRVTS1545EMFST1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NRVTS560ETFS ONSEMI-NRVTS560ETFS Datasheet
63Kb / 5P
   Exceptionally Low Leakage Trench-based Schottky Rectifier
September, 2016 ??Rev. 0
NTS1045EMFS ONSEMI-NTS1045EMFS Datasheet
71Kb / 5P
   Exceptionally Low Leakage Trench-based Schottky Rectifier
July, 2014 ??Rev. 0
NRVTS560ETFS ONSEMI-NRVTS560ETFS_V01 Datasheet
182Kb / 6P
   Trench-based Schottky Rectifier, Exceptionally Low Leakage
April, 2020 - Rev. 2
NRVTS1260EMFS ONSEMI-NRVTS1260EMFS Datasheet
72Kb / 5P
   Exceptionally Low Leakage Trench-based Schottky Rectifier
May, 2015 ??Rev. 1
NTS1260MFS ONSEMI-NTS1260MFS Datasheet
72Kb / 5P
   Exceptionally Low Forward Voltage Trench-based Schottky Rectifier
November, 2014 ??Rev. 0
NTS860MFS ONSEMI-NTS860MFS Datasheet
72Kb / 5P
   Exceptionally Low Forward Voltage Trench-based Schottky Rectifier
November, 2014 ??Rev. 0
NTSV20H120ECT ONSEMI-NTSV20H120ECT Datasheet
108Kb / 5P
   Low Leakage Trench-based Schottky Rectifier
November, 2014 ??Rev. 1
NRVTSS3100E ONSEMI-NRVTSS3100E Datasheet
66Kb / 5P
   Low Leakage Trench-based Schottky Rectifier
December, 2014 ??Rev. 0
NTSS3100 ONSEMI-NTSS3100 Datasheet
66Kb / 5P
   Low Leakage Trench-based Schottky Rectifier
December, 2014 ??Rev. 0
NRVTSS5100E ONSEMI-NRVTSS5100E_16 Datasheet
72Kb / 6P
   Low Leakage Trench-based Schottky Rectifier
November, 2016 ??Rev. 1
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com