Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NVMFD5483NLT1G Datasheet(PDF) 4 Page - ON Semiconductor

Part # NVMFD5483NLT1G
Description  Power MOSFET Dual N?묬hannel
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NVMFD5483NLT1G Datasheet(HTML) 4 Page - ON Semiconductor

  NVMFD5483NLT1G Datasheet HTML 1Page - ON Semiconductor NVMFD5483NLT1G Datasheet HTML 2Page - ON Semiconductor NVMFD5483NLT1G Datasheet HTML 3Page - ON Semiconductor NVMFD5483NLT1G Datasheet HTML 4Page - ON Semiconductor NVMFD5483NLT1G Datasheet HTML 5Page - ON Semiconductor NVMFD5483NLT1G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
NVMFD5483NL
www.onsemi.com
4
TYPICAL CHARACTERISTICS
Figure 7. Capacitance Variation
Figure 8. Gate−to−Source and
Drain−to−Source Voltage vs. Total Charge
VDS, DRAIN−TO−SOURCE VOLTAGE (V)
Qg, TOTAL GATE CHARGE (nC)
50
40
30
20
60
10
0
0
100
200
300
400
500
1000
12
10
8
6
4
2
0
0
4
10
12
Figure 9. Resistive Switching Time Variation
vs. Gate Resistance
Figure 10. Diode Forward Voltage vs. Current
RG, GATE RESISTANCE (W)
VSD, SOURCE−TO−DRAIN VOLTAGE (V)
100
10
1
1
10
100
1000
0.8
0.6
0.5
0.4
0.3
0.2
0.1
0
0
1
3
4
5
7
9
10
Figure 11. Maximum Rated Forward Biased
Safe Operating Area
VDS, DRAIN−TO−SOURCE VOLTAGE (V)
100
10
1
0.1
0.01
0.1
1
10
1000
TJ = 25°C
VGS = 0 V
Ciss
Coss
Crss
2
6
8
TJ = 25°C
VDD = 48 V
ID = 10 A
QT
Qgs
VDD = 48 V
VGS = 4.5 V
ID = 5 A
tr
tf
td(off)
td(on)
0.7
0.9
2
6
8
TJ = 25°C
VGS = 0 V
TC = 25°C
VGS = 10 V
Single Pulse
RDS(on) Limit
Thermal Limit
Package Limit
10
ms
10 ms
dc
600
700
24
18
16
14
Qgd
100
800
900
20 22
100
ms
1 ms


Similar Part No. - NVMFD5483NLT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NVMFD5485NL ONSEMI-NVMFD5485NL Datasheet
86Kb / 6P
   Power MOSFET
May, 2015 ??Rev. 3
NVMFD5485NLT1G ONSEMI-NVMFD5485NLT1G Datasheet
86Kb / 6P
   Power MOSFET
May, 2015 ??Rev. 3
NVMFD5485NLT3G ONSEMI-NVMFD5485NLT3G Datasheet
86Kb / 6P
   Power MOSFET
May, 2015 ??Rev. 3
NVMFD5485NLWFT1G ONSEMI-NVMFD5485NLWFT1G Datasheet
86Kb / 6P
   Power MOSFET
May, 2015 ??Rev. 3
NVMFD5485NLWFT3G ONSEMI-NVMFD5485NLWFT3G Datasheet
86Kb / 6P
   Power MOSFET
May, 2015 ??Rev. 3
More results

Similar Description - NVMFD5483NLT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTLUS3A90PZC ONSEMI-NTLUS3A90PZC Datasheet
138Kb / 6P
   Power MOSFET Dual N?묬hannel
May, 2013 ??Rev. 0
NVMFD5875NL ONSEMI-NVMFD5875NL Datasheet
82Kb / 6P
   Dual N?묬hannel Power MOSFET
November, 2015 ??Rev. P1
NVDD5894NL ONSEMI-NVDD5894NL Datasheet
125Kb / 6P
   Dual N?묬hannel Power MOSFET
December, 2013 ??Rev. 0
NTLUD4C26N ONSEMI-NTLUD4C26N Datasheet
131Kb / 7P
   Power MOSFET Dual N?묬hannel
October, 2015 ??Rev. 0
NTMFS4957N ONSEMI-NTMFS4957N Datasheet
122Kb / 7P
   Power MOSFET Dual N?묬hannel
January, 2014 ??Rev. 1
NTMFS5C404NLT ONSEMI-NTMFS5C404NLT Datasheet
127Kb / 6P
   Power MOSFET Dual N?묬hannel
May, 2015 ??Rev. 0
NVJD5121N ONSEMI-NVJD5121N Datasheet
69Kb / 5P
   Power MOSFET Dual N?묬hannel
June, 2014 ??Rev. 0
NTMFS5C430NL ONSEMI-NTMFS5C430NL Datasheet
126Kb / 6P
   Power MOSFET Dual N?묬hannel
July, 2015 ??Rev. 0
NTTFS4C10N ONSEMI-NTTFS4C10N Datasheet
119Kb / 7P
   Power MOSFET Dual N?묬hannel
May, 2013 ??Rev. 2
NVMFD5853N ONSEMI-NVMFD5853N Datasheet
130Kb / 6P
   Dual N?묬hannel Power MOSFET
September, 2013 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com