Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P2027AG-08TR Datasheet(PDF) 2 Page - ON Semiconductor

Part # P2027AG-08TR
Description  General Purpose EMI Reduction IC
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

P2027AG-08TR Datasheet(HTML) 2 Page - ON Semiconductor

  P2027AG-08TR Datasheet HTML 1Page - ON Semiconductor P2027AG-08TR Datasheet HTML 2Page - ON Semiconductor P2027AG-08TR Datasheet HTML 3Page - ON Semiconductor P2027AG-08TR Datasheet HTML 4Page - ON Semiconductor P2027AG-08TR Datasheet HTML 5Page - ON Semiconductor P2027AG-08TR Datasheet HTML 6Page - ON Semiconductor P2027AG-08TR Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
P2027A
http://onsemi.com
2
VCO
PLL
VSS
ModOUT
VDD
Output
Divider
Loop Filter
XIN
XOUT
Crystal
Oscillator
Frequency
Divider
Feedback
Divider
Phase
Detector
Modulation
MRA SR0 SSON
Figure 1. Block Diagram
Table 1. PIN DESCRIPTION
Pin#
Pin Name
Type
Description
1
XIN / CLKIN
I
Crystal connection or external reference frequency input. This pin has dual functions. It can
be connected to either an external crystal or an external reference clock.
2
XOUT
O
Crystal connection. Input connection for an external crystal. If using an external reference,
this pin must be left unconnected.
3
MRA
I
Digital logic input used to select Modulation Rate (see Table 2). This pin has an internal
pull−up resistor.
4
VSS
P
Ground Connection. Connect to system ground.
5
SSON
I
Digital logic input used to enable Spread Spectrum function (Active Low). Spread Spectrum
function enable when low. This pin has an internal pull−low resistor.
6
ModOUT
O
Spread Spectrum Clock Output.
7
SR0
I
Digital logic input used to select Spreading Range (see Table 2). This pin has an internal
pull−up resistor.
8
VDD
P
Connect to +3.3 V Power Supply.
Table 2. MODULATION AND SPREADING SELECTION
MRA
SR0
Spread Range
Modulation Rate
0
0
Reserve
Reserve
0
1
±0.30%
(Fin/10)*34.72 KHz
1
0
±0.20%
(Fin/10)*20.83 KHz
1
1
±0.60%
(Fin/10)*20.83 KHz


Similar Part No. - P2027AG-08TR

ManufacturerPart #DatasheetDescription
logo
PulseCore Semiconductor
P2027AG-08TR PULSECORE-P2027AG-08TR Datasheet
176Kb / 8P
   General Purpose EMI Reduction IC
More results

Similar Description - P2027AG-08TR

ManufacturerPart #DatasheetDescription
logo
PulseCore Semiconductor
P2027A PULSECORE-P2027A Datasheet
176Kb / 8P
   General Purpose EMI Reduction IC
logo
ON Semiconductor
P2781 ONSEMI-P2781 Datasheet
154Kb / 8P
   General Purpose EMI Reduction IC
JANUARY 2010 ??Rev. 2
logo
Alliance Semiconductor ...
P2681A ALSC-P2681A Datasheet
471Kb / 10P
   General Purpose EMI Reduction IC
logo
ON Semiconductor
P2008A ONSEMI-P2008A Datasheet
124Kb / 7P
   General Purpose EMI Reduction IC
August, 2011 ??Rev. 3
logo
Alliance Semiconductor ...
P2027A ALSC-P2027A Datasheet
549Kb / 9P
   General Purpose EMI Reduction IC
P2008A ALSC-P2008A Datasheet
172Kb / 9P
   General Purpose EMI Reduction IC
logo
PulseCore Semiconductor
P2008A PULSECORE-P2008A Datasheet
173Kb / 8P
   General Purpose EMI Reduction IC
P2781 PULSECORE-P2781 Datasheet
184Kb / 11P
   General Purpose EMI Reduction IC
logo
Alliance Semiconductor ...
P2781 ALSC-P2781 Datasheet
169Kb / 11P
   General Purpose EMI Reduction IC
logo
ON Semiconductor
PCS3P8103A ONSEMI-PCS3P8103A Datasheet
138Kb / 7P
   General Purpose Peak EMI Reduction IC
APRIL 2010 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com