Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UC2843AAY Datasheet(PDF) 8 Page - Microsemi Corporation

Part # UC2843AAY
Description  CURRENT MODE PWM CONTROLLER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

UC2843AAY Datasheet(HTML) 8 Page - Microsemi Corporation

  UC2843AAY Datasheet HTML 1Page - Microsemi Corporation UC2843AAY Datasheet HTML 2Page - Microsemi Corporation UC2843AAY Datasheet HTML 3Page - Microsemi Corporation UC2843AAY Datasheet HTML 4Page - Microsemi Corporation UC2843AAY Datasheet HTML 5Page - Microsemi Corporation UC2843AAY Datasheet HTML 6Page - Microsemi Corporation UC2843AAY Datasheet HTML 7Page - Microsemi Corporation UC2843AAY Datasheet HTML 8Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
C URRENT M ODE PWM C ONTROLLER
UC184xA/284xA/384xA
PRODUCT DA T ABOOK 1996/1997
Copyright © 1995
Rev. 1.2
12/95
8
P RODUCTION D ATA S HEET
TYPICAL APPLICA TION CIRCUITS
(continued)
FIGURE 8. — OFF-LINE FLYBACK REGULATOR
SPECIFICATIONS
Input line voltage:
90VAC to 130VAC
Input frequency:
50 or 60Hz
Switching frequency:
40KHz ±10%
Output power:
25W maximum
Output voltage:
5V +5%
Output current:
2 to 5A
Line regulation:
0.01%/V
Load regulation:
8%/A*
Efficiency @ 25 Watts,
V
IN = 90VAC:
70%
V
IN = 130VAC:
65%
Output short-circuit current:
2.5Amp average
* This circuit uses a low-cost feedback scheme in which the DC
voltage developed from the primary-side control winding is
sensed by the UC3844A error amplifier. Load regulation is
therefore dependent on the coupling between secondary and
control windings, and on transformer leakage inductance.
7
150k
W
100pF
V
FB
COMP
V
REF
R
T/CT
4700µF
10V
5V
2-5A
ISOLATION
BOUNDARY
3600pF
400V
1N4935
820pF
2.5k
W
27k
W
0.01µF
10µF
20V
1N4935
1k
W
470pF
0.85k
W
MBR735
TI
4.7k
W
2W
140k
W
1/2W
220µF
250V
4.7k
W
1W
1N4004
1N4004
1N4004
1N4004
AC
INPUT
V
CC
OUT
CUR
SEN
GND
UC3844A
20k
W
3.6k
W
10k
W
.0022µF
0.01µF
16V
3
6
2
1
8
4
5


Similar Part No. - UC2843AAY

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UC2843A STMICROELECTRONICS-UC2843A Datasheet
167Kb / 16P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
UC2843A STMICROELECTRONICS-UC2843A Datasheet
129Kb / 15P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
logo
Texas Instruments
UC2843A TI-UC2843A Datasheet
517Kb / 7P
[Old version datasheet]   Current Mode PWM Controller
UC2843A TI-UC2843A Datasheet
591Kb / 15P
[Old version datasheet]   CURRENT-MODE PWM CONTROLLER
UC2843A TI1-UC2843A Datasheet
3Mb / 29P
[Old version datasheet]   Current Mode PWM Controller
More results

Similar Description - UC2843AAY

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UC3842 PHILIPS-UC3842 Datasheet
74Kb / 8P
   Current-mode PWM controller
August 31, 1994
logo
Daewoo Semiconductor
DBL3842 DAEWOO-DBL3842 Datasheet
467Kb / 8P
   CURRENT MODE PWM CONTROLLER
logo
BCD Semiconductor Manuf...
AP384XC BCDSEMI-AP384XC Datasheet
176Kb / 13P
   CURRENT MODE PWM CONTROLLER
logo
Cystech Electonics Corp...
MC7731N6 CYSTEKEC-MC7731N6 Datasheet
363Kb / 10P
   Current Mode PWM Controller
logo
BCD Semiconductor Manuf...
AP3842C BCDSEMI-AP3842C Datasheet
359Kb / 14P
   CURRENT MODE PWM CONTROLLER
logo
Texas Instruments
UC1846AJ TI-UC1846AJ Datasheet
3Mb / 13P
[Old version datasheet]   Current Mode PWM Controller
UC3844Q TI1-UC3844Q Datasheet
708Kb / 28P
[Old version datasheet]   CURRENT MODE PWM CONTROLLER
UC1843 TI-UC1843 Datasheet
937Kb / 3P
[Old version datasheet]   Current Mode PWM Controller
UC2846J TI-UC2846J Datasheet
463Kb / 8P
[Old version datasheet]   Current Mode PWM Controller
logo
List of Unclassifed Man...
AMC3842B ETC-AMC3842B Datasheet
365Kb / 10P
   CURRENT MODE PWM CONTROLLER
CM3842 ETC-CM3842 Datasheet
638Kb / 12P
   CURRENT MODE PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com