Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HER3001 Datasheet(PDF) 1 Page - GOOD-ARK Electronics

Part # HER3001
Description  High Efficient Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 3.0 Amperes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

HER3001 Datasheet(HTML) 1 Page - GOOD-ARK Electronics

  HER3001_15 Datasheet HTML 1Page - GOOD-ARK Electronics HER3001_15 Datasheet HTML 2Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Notes:
1. Measured with I
F=0.5A,IR=1A,IRR=0.25A.
2. Measured at 1.0MHz and applied reverse voltage of 4.0V DC.
3. Thermal Resistance Junction to Ambient.
a
t
a
D
l
a
c
i
n
a
h
c
e
M
s
e
r
u
t
a
e
F
217
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C
l
a
c
i
r
t
c
e
l
E
d
n
a
s
g
n
i
t
a
R
m
u
m
i
x
a
M
Ratings at 25oC ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Low cost
Diffused junction
Ultra fast switching for high efficiency
Low reverse leakage current
Low forward voltage drop
High current capability
The plastic material carries UL recognition 94V-0
T
J is 150
oC (Max.) and T
STG is 175
oC (Max.) with PI glue
Case : JEDEC DO-201AD molded plastic
Polarity : Color band denotes cathode
Weight : 0.042 ounce, 1.19 grams
Mounting position : Any
r
e
t
e
m
a
r
a
Ps
l
o
b
m
y
S
R
E
H
1
0
0
3
R
E
H
2
0
0
3
R
E
H
3
0
0
3
R
E
H
4
0
0
3
R
E
H
5
0
0
3
R
E
H
6
0
0
3
R
E
H
7
0
0
3
s
t
i
n
U
e
g
a
t
l
o
v
e
s
r
e
v
e
r
k
a
e
p
e
v
i
t
i
t
e
p
e
r
m
u
m
i
x
a
MV
M
R
R
0
50
0
10
0
20
0
40
0
60
0
80
0
0
1s
t
l
o
V
e
g
a
t
l
o
v
S
M
R
m
u
m
i
x
a
MV
S
M
R
5
30
70
4
10
8
20
2
40
6
50
0
7s
t
l
o
V
e
g
a
t
l
o
v
g
n
i
k
c
o
l
b
C
D
m
u
m
i
x
a
MV
C
D
0
50
0
10
0
20
0
40
0
60
0
80
0
0
1s
t
l
o
V
d
r
a
w
r
o
f
e
g
a
r
e
v
a
m
u
m
i
x
a
M
t
n
e
r
r
u
c
d
e
i
f
i
t
c
e
rT
@
A
5
5
=
oC
I
)
V
A
(
0
.
3s
p
m
A
t
n
e
r
r
u
c
e
g
r
u
s
d
r
a
w
r
o
f
k
a
e
P
e
v
a
w
-
e
n
i
s
f
l
a
h
e
l
g
n
i
s
s
m
3
.
8
)
d
o
h
t
e
M
C
E
D
E
J
(
d
a
o
l
d
e
t
a
r
n
o
d
e
s
o
p
m
i
r
e
p
u
s
I
M
S
F
0
.
0
5
1s
p
m
A
C
D
A
0
.
3
t
a
e
g
a
t
l
o
v
d
r
a
w
r
o
f
m
u
m
i
x
a
MV
F
0
.
13
.
17
.
1s
t
l
o
V
t
n
e
r
r
u
c
e
s
r
e
v
e
r
C
D
m
u
m
i
x
a
M
e
g
a
t
l
o
v
g
n
i
k
c
o
l
b
C
D
d
e
t
a
r
t
a
T
@
J
5
2
=
oC
T
@
J
0
0
1
=
oC
I
R
0
.
5
0
0
1
uA
uA
)
1
e
t
o
N
(
e
m
i
t
y
r
e
v
o
c
e
r
e
s
r
e
v
e
r
m
u
m
i
x
a
Mt
r
r
0
55
7
nS
)
2
e
t
o
N
(
e
c
n
a
t
i
c
a
p
a
c
n
o
i
t
c
n
u
j
l
a
c
i
p
y
TC
J
5
70
5
pF
)
3
e
t
o
N
(
e
c
n
a
t
s
i
s
e
r
l
a
m
r
e
h
t
l
a
c
i
p
y
TR
θ A
J
0
2
o
W
/
C
e
g
n
a
r
e
r
u
t
a
r
e
p
m
e
t
n
o
i
t
c
n
u
j
g
n
i
t
a
r
e
p
OT
J
5
2
1
+
o
t
5
5
-
oC
e
g
n
a
r
e
r
u
t
a
r
e
p
m
e
t
e
g
a
r
o
t
ST
G
T
S
0
5
1
+
o
t
5
5
-
oC
7
0
0
3
R
E
H
u
r
h
t
1
0
0
3
R
E
H
s
r
e
i
f
i
t
c
e
R
t
n
e
i
c
i
f
f
E
h
g
i
H
s
e
r
e
p
m
A
0
.
3
t
n
e
r
r
u
C
d
r
a
w
r
o
F
s
t
l
o
V
0
0
0
1
o
t
0
5
e
g
a
t
l
o
V
e
s
r
e
v
e
R


Similar Part No. - HER3001_15

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
HER3001A THINKISEMI-HER3001A Datasheet
1Mb / 3P
   30 Ampere Heat Sink Dual Common Anode High Efficiency Rectifier Diodes
logo
Rectron Semiconductor
HER3001C RECTRON-HER3001C Datasheet
26Kb / 2P
   HIGH EFFICIENCY RECTIFIER (VOLTAGE RANGE 50 to 200 Volts CURRENT 30 Amperes)
logo
Thinki Semiconductor Co...
HER3001C THINKISEMI-HER3001C Datasheet
1Mb / 3P
   30 Ampere Heat Sink Dual Common Cathode High Efficiency Rectifier Diodes
HER3001D THINKISEMI-HER3001D Datasheet
1Mb / 3P
   30 Ampere Heat Sink Dual Doubler Polarity High Efficiency Rectifier Diodes
logo
GOOD-ARK Electronics
HER3001G GOOD-ARK-HER3001G Datasheet
155Kb / 2P
   Glass Passivated High Efficient Rectifiers
More results

Similar Description - HER3001_15

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
HER301 GOOD-ARK-HER301_15 Datasheet
190Kb / 2P
   High Efficient Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 3.0 Amperes
HS3A GOOD-ARK-HS3A Datasheet
193Kb / 2P
   High Efficient Surface Mount Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 3.0 Amperes
HER3001G GOOD-ARK-HER3001G_15 Datasheet
156Kb / 2P
   Glass Passivated High Efficient Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 3.0 Amperes
HER301G GOOD-ARK-HER301G_15 Datasheet
187Kb / 2P
   Glass Passivated High Efficient Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 3.0 Amperes
HS3A GOOD-ARK-HS3A_15 Datasheet
194Kb / 2P
   High Efficient Surface Mount Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 3.0 Amperes
HER151 GOOD-ARK-HER151_15 Datasheet
196Kb / 2P
   High Efficient Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 1.5 Amperes
HER201 GOOD-ARK-HER201_15 Datasheet
190Kb / 2P
   High Efficient Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 2.0 Amperes
HER2001 GOOD-ARK-HER2001_15 Datasheet
153Kb / 2P
   High Efficient Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 2.0 Amperes
HER601 GOOD-ARK-HER601_15 Datasheet
194Kb / 2P
   High Efficient Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 6.0 Amperes
SF301 GOOD-ARK-SF301_15 Datasheet
185Kb / 2P
   Super Fast Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 3.0 Amperes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com