Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE-W137S001-6 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE-W137S001-6
Description  WR-137 Commercial Grade Straight Waveguide Section 6 Inch Length with UG-344 - U Flange Operating from 5.85 GHz to 8.2 GHz
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE-W137S001-6 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE-W137S001-6 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE-W137S001-6 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TECHNICAL DATA SHEET
TECHNICAL DATA SHEET
1
Pasternack’s waveguide sections are constructed of a high quality copper alloy designed to provide VSWR as low as 1.03:1.
Waveguide sections range from WR-12 up to WR-137 and include grooved and non-grooved designs. Standard lengths of
Pasternack waveguide sections range from 3” to 12” in 3” increments and each waveguide section is labeled for easy identifi-
cation. Custom lengths are also available on request. Standard sections of waveguide are painted in blue and our instrumen-
tation-grade versions are gold plated.
• WR-12 to WR-137 Waveguide Sections
• Grooved and Non-Grooved Flanges Available
• Sections Covering Frequencies from 5.8 to 90 GHz
• E-Bends, H-Bends, Filters, Terminations and Waveguide to Coax adapters are also available
• Custom lengths are also available on request
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
5.85
8.2
GHz
VSWR
1.03:1
Insertion Loss
0.1 [0.33]
dB/ft [dB/m]
.
Mechanical Specifications
Waveguide Size
WR-137
Waveguide Design
Commercial Grade
Section Length
6 in [152.4 mm]
Description
Flange 1
Waveguide
Flange 2
Interface
UG-344/U
WR-137
UG-344/U
Material
Copper Alloy
Copper Alloy
Copper Alloy
Plating
Paint
Paint
Paint
Color
Blue
Blue
Blue
...
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Notes:
• Values at +25 °C, sea level
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: WR-137 Commercial Grade Straight Waveguide Section 6 Inch Length with UG-344/U Flange
Operating from 5.85 GHz to 8.2 GHz PE-W137S001-6
PE-W137S001-6 REV 1.0
PE-W137S001-6
WR-137 Commercial Grade Straight Waveguide
Section 6 Inch Length with UG-344/U Flange
Operating from 5.85 GHz to 8.2 GHz


Similar Part No. - PE-W137S001-6

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE-W137S001-12 PASTERNACK-PE-W137S001-12 Datasheet
312Kb / 2P
   WR-137 Commercial Grade Straight Waveguide Section 12 Inch Length with UG-344 - U Flange Operating from 5.85 GHz to 8.2 GHz
PE-W137S001-3 PASTERNACK-PE-W137S001-3 Datasheet
313Kb / 2P
   WR-137 Commercial Grade Straight Waveguide Section 3 Inch Length with UG-344 - U Flange Operating from 5.85 GHz to 8.2 GHz
PE-W137S001-9 PASTERNACK-PE-W137S001-9 Datasheet
312Kb / 2P
   WR-137 Commercial Grade Straight Waveguide Section 9 Inch Length with UG-344 - U Flange Operating from 5.85 GHz to 8.2 GHz
More results

Similar Description - PE-W137S001-6

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE-W137S001-12 PASTERNACK-PE-W137S001-12 Datasheet
312Kb / 2P
   WR-137 Commercial Grade Straight Waveguide Section 12 Inch Length with UG-344 - U Flange Operating from 5.85 GHz to 8.2 GHz
PE-W137S001-3 PASTERNACK-PE-W137S001-3 Datasheet
313Kb / 2P
   WR-137 Commercial Grade Straight Waveguide Section 3 Inch Length with UG-344 - U Flange Operating from 5.85 GHz to 8.2 GHz
PE-W137S001-9 PASTERNACK-PE-W137S001-9 Datasheet
312Kb / 2P
   WR-137 Commercial Grade Straight Waveguide Section 9 Inch Length with UG-344 - U Flange Operating from 5.85 GHz to 8.2 GHz
PE-W137SF005-12 PASTERNACK-PE-W137SF005-12 Datasheet
397Kb / 4P
   WR-137 Flexible Straight Waveguide Section 12 Inch Length with UG-344 - U Flange Operating from 5.85 GHz to 8.2 GHz
PE-W137SF005-24 PASTERNACK-PE-W137SF005-24 Datasheet
397Kb / 4P
   WR-137 Flexible Straight Waveguide Section 24 Inch Length with UG-344 - U Flange Operating from 5.85 GHz to 8.2 GHz
PE-W137SF005-36 PASTERNACK-PE-W137SF005-36 Datasheet
398Kb / 4P
   WR-137 Flexible Straight Waveguide Section 36 Inch Length with UG-344 - U Flange Operating from 5.85 GHz to 8.2 GHz
PE-W137B002 PASTERNACK-PE-W137B002 Datasheet
329Kb / 2P
   WR-137 Waveguide H-Bend with UG-344-U Flange Operating from 5.85 GHz to 8.2 GHz
PEWSP1011 PASTERNACK-PEWSP1011 Datasheet
466Kb / 3P
   WR-137 Waveguide Pressurizing Section 4.25 Inch Length, UG-344/U Round Cover Flange from 5.85 GHz to 8.2 GHz
PE-W137S002-6 PASTERNACK-PE-W137S002-6 Datasheet
359Kb / 2P
   WR-137 Commercial Grade Straight Waveguide Section 6 Inch Length with CPR-137G Flange Operating from 5.85 GHz to 8.2 GHz
PE-W137TF005-24 PASTERNACK-PE-W137TF005-24 Datasheet
393Kb / 4P
   WR-137 Flexible Waveguide Twist With a UG-344 - U Flange Operating From 5.85 GHz to 8.2 GHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com