Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VS-10MQ040NPBF Datasheet(PDF) 1 Page - Vishay Siliconix

Part # VS-10MQ040NPBF
Description  High Performance Schottky Rectifier, 1 A
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-10MQ040NPBF Datasheet(HTML) 1 Page - Vishay Siliconix

  VS-10MQ040NPBF_15 Datasheet HTML 1Page - Vishay Siliconix VS-10MQ040NPBF_15 Datasheet HTML 2Page - Vishay Siliconix VS-10MQ040NPBF_15 Datasheet HTML 3Page - Vishay Siliconix VS-10MQ040NPBF_15 Datasheet HTML 4Page - Vishay Siliconix VS-10MQ040NPBF_15 Datasheet HTML 5Page - Vishay Siliconix VS-10MQ040NPBF_15 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
VS-10MQ040NPbF
www.vishay.com
Vishay Semiconductors
Revision: 16-Feb-15
1
Document Number: 94117
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
High Performance Schottky Rectifier, 1 A
FEATURES
• Small foot print, surface mountable
• Low forward voltage drop
• High frequency operation
• Guard ring for enhanced ruggedness and long term
reliability
• Meets MSL level 1, per J-STD-020, LF maximum peak
of 260 °C
• Designed and qualified for industrial level
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
DESCRIPTION
The VS-10MQ040NPbF surface mount Schottky rectifier
has been designed for applications requiring low forward
drop and very small foot prints on PC boards. Typical
applications are in disk drives, switching power supplies,
converters, freewheeling diodes, battery charging, and
reverse battery protection.
PRODUCT SUMMARY
Package
DO-214AC (SMA)
IF(AV)
1 A
VR
40 V
VF at IF
0.54 V
IRM
26 mA at 125 °C
TJ max.
150 °C
Diode variation
Single die
EAS
3.0 mJ
Cathode
Anode
DO-214AC (SMA)
MAJOR RATINGS AND CHARACTERISTICS
SYMBOL
CHARACTERISTICS
VALUES
UNITS
IF(AV)
Rectangular waveform
1
A
VRRM
40
V
IFSM
tp = 5 μs sine
120
A
VF
1.5 Apk, TJ = 125 °C
0.56
V
TJ
Range
-55 to +150
°C
VOLTAGE RATINGS
PARAMETER
SYMBOL
VS-10MQ040NPbF
UNITS
Maximum DC reverse voltage
VR
40
V
Maximum working peak reverse voltage
VRWM
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum average forward current
See fig. 4
IF(AV)
50 % duty cycle at TL = 123 °C, rectangular waveform
On PC board 9 mm2 island (0.013 mm thick copper pad area)
1.5
A
50 % duty cycle at TL = 132 °C, rectangular waveform
On PC board 9 mm2 island (0.013 mm thick copper pad area)
1
Maximum peak one cycle
non-repetitive surge current
See fig. 6
IFSM
5 μs sine or 3 μs rect. pulse
Following any rated load
condition and with rated
VRRM applied
120
A
10 ms sine or 6 ms rect. pulse
30
Non-repetitive avalanche energy
EAS
TJ = 25 °C, IAS = 1 A, L = 6 mH
3.0
mJ
Repetitive avalanche current
IAR
Current decaying linearly to zero in 1 μs
Frequency limited by TJ maximum VA = 1.5 x VR typical
1.0
A


Similar Part No. - VS-10MQ040NPBF_15

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-10MQ040NPBF VISHAY-VS-10MQ040NPBF_15 Datasheet
121Kb / 6P
   High Performance Schottky Rectifier, 1 A
Revision: 16-Feb-15
More results

Similar Description - VS-10MQ040NPBF_15

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-10MQ060HM3 VISHAY-VS-10MQ060HM3 Datasheet
139Kb / 6P
   High Performance Schottky Rectifier, 1 A
Revision: 02-Apr-15
VS-10BQ100HM3 VISHAY-VS-10BQ100HM3 Datasheet
143Kb / 7P
   High Performance Schottky Rectifier, 1 A
Revision: 17-Dec-14
VS-10MQ100HM3 VISHAY-VS-10MQ100HM3 Datasheet
128Kb / 6P
   High Performance Schottky Rectifier, 1 A
Revision: 02-Apr-15
VS-10BQ100HM3 VISHAY-VS-10BQ100HM3_V01 Datasheet
137Kb / 7P
   High Performance Schottky Rectifier, 1 A
01-Jan-2022
VS-10MQ100HM3 VISHAY-VS-10MQ100HM3_V01 Datasheet
135Kb / 6P
   High Performance Schottky Rectifier, 1 A
01-Jan-2022
VS-10MQ100NTRPBF VISHAY-VS-10MQ100NTRPBF_V01 Datasheet
121Kb / 6P
   High Performance Schottky Rectifier, 1 A
01-Jan-2022
VS-10MQ040-M3 VISHAY-VS-10MQ040-M3_V01 Datasheet
125Kb / 6P
   High Performance Schottky Rectifier, 1 A
01-Jan-2022
VS-10MQ060NTRPBF VISHAY-VS-10MQ060NTRPBF Datasheet
120Kb / 6P
   High Performance Schottky Rectifier, 1 A
Revision: 17-May-17
VS-MBRA140TRPBF VISHAY-VS-MBRA140TRPBF_V01 Datasheet
126Kb / 6P
   High Performance Schottky Rectifier, 1 A
01-Jan-2022
VS-10BQ100-M3 VISHAY-VS-10BQ100-M3_V01 Datasheet
121Kb / 6P
   High Performance Schottky Rectifier, 1 A
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com