Selected language     English  â–Ľ


F-214U Datasheet(PDF) 1 Page - TRIAD MAGNETICS

Part No. F-214U
Description  Chassis Mount: Control Transformer
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TRIAD [TRIAD MAGNETICS]
Homepage  http://www.triadmagnetics.com
Logo 

   
 1 page
background image
P O W E R T R A N S F O R M E R
Chassis Mount: Control Transformer
Web: www.TriadMagnetics.com
Phone 951-277-0757
Fax 951-277-2757
460 Harley Knox Blvd.
Perris, California
92571
Publish Date: December 4, 2013
1
3
2
4
5
7
6
8
1
2
3
4
5
6
7
8
A
D
E
B
C
F-214U
Electrical Specifications (@25C)
1. Maximum Power: 96.0 VA
2. Primary:
Series: 230V 50/60 Hz
Parallel: 115V 50/60 Hz
3. Secondary:
Series: 48.0VCT @ 2.0 Amps
Parallel: 24.0VCT @ 4.0 Amps
4. Voltage Regulation: 10 % TYP @ full load to no load
5. Temperature Rise: 35C TYP (45C MAX allowed)
Description:
The F-214U transformer is part of a series of Triad Control transformers that have secondary
voltages that are commonly utilized in various electronic, electro-magnetic and electrical control
systems. These include such applications as use with relays, solenoids, small motors, speed
changers, pumps, heating elements, control valves for fluid and gases, fans, blowers, electronic
tubes, automatic assembly equipment, recording devices, elevators, door openers, low voltage
lamps, etc.
Construction:
Wound on a single channel nylon bobbin. Materials are UL recognized, Class B (130Âş C) rated.
Safety:
These products are 100% hipot tested with an insulation of 1500V between primary and
secondary windings as well as between the primary / secondary windings and the core.
Dimensions:
Units: In inches
A
B
C
D
E
3.406
2.812
3.187
2.250
2.625
Mounting Holes: 0.203 x 0.375”
Weight:
3.240 lbs
Schematic:
Primary:
Series: 1 to 4, Jumper 3 to 2
Parallel: 1 to 3, Jumper 1 to 2 and 3 to 4
Secondary:
Series: 5 to 8, Jumper 7 to 6
Parallel: 5 to 7, Jumper 5 to 6 and 7 to 8
RoHS Compliance: As of manufacturing date February 2005, all standard products meet
the requirements of 2011/65/EU, known as the RoHS initiative.
* Upon printing, this document is considered “uncontrolled”. Please contact Triad Magnetics’
website for the most current version.




Html Pages

1 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl