Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMCG6069 Datasheet(PDF) 3 Page - Microsemi Corporation

Part # SMCG6069
Description  5.5 thru 185 Volts 1500 Watts Transient Voltage Suppressors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

SMCG6069 Datasheet(HTML) 3 Page - Microsemi Corporation

  SMCG6069 Datasheet HTML 1Page - Microsemi Corporation SMCG6069 Datasheet HTML 2Page - Microsemi Corporation SMCG6069 Datasheet HTML 3Page - Microsemi Corporation SMCG6069 Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MSC1364.PDF 01/06/00
SMCG/J6036
thru
SMCG/J6072A
ELECTRICAL CHARACTERISTICS
ELECTRICAL CHARACTERISTICS @ 25°C
Note 1: A TAZ is normally selected according to the rated "Stand Off Voltage" VRM which should be equal to or greater than the DC or continuous
peak operating voltage level.
Rated
Stand-Off
Voltage
VRM
(See Note 1)
BREAKDOWN
VOLTAGE
V(BR) @ IT
VOLTS
MAXIMUM
CLAMPING
VOLTAGE
VC @ IPP
(1 mSEC
MAXIMUM
STANDOFF
CURRENT
ID @ VRM
PEAK
PULSE
CURRENT
(See Fig. 2)
IPP
Maximum
Temperature
Coefficient
α
V
(BR)
MICROSEMI
PART
NUMBER
MODIFIED
"G"
BEND LEAD
MICROSEMI
PART
NUMBER
MODIFIED
"J"
BEND LEAD
VOLTS
MIN
MAX
mA
VOLTS
µA
A
%/
°C
SMCG6058
SMCJ6058
48.0
55.8
68.2
1
89.0
5
16.9
.104
SMCG6058A
SMCJ6058A
53.0
58.9
65.1
1
85.0
5
17.7
.104
SMCG6059
SMCJ6059
55.0
61.2
74.8
1
98.0
5
15.3
.104
SMCG6059A
SMCJ6059A
58.0
64.6
71.4
1
92.0
5
16.3
.104
SMCG6060
SMCJ6060
60.0
67.5
82.5
1
108.0
5
13.9
.105
SMCG6060A
SMCJ6060A
64.0
71.3
78.8
1
103.0
5
14.6
.105
SMCG6061
SMCJ6061
66.0
73.8
90.2
1
118.0
5
12.7
.105
SMCG6061A
SMCJ6061A
70.0
77.9
86.1
1
113.0
5
13.3
.105
SMCG6062
SMCJ6062
73.0
81.9
100.0
1
131.0
5
11.4
.106
SMCG6062A
SMCJ6062A
75.0
86.5
95.5
1
125.0
5
12.0
.106
SMCG6063
SMCJ6063
81.0
90.0
110.0
1
144.0
5
10.4
.106
SMCG6063A
SMCJ6063A
82.0
95.0
105.0
1
137.0
5
11.0
.106
SMCG6064
SMCJ6064
90.0
99.0
121.0
1
158.0
5
9.5
.107
SMCG6064A
SMCJ6064A
94.0
105.0
116.0
1
152.0
5
9.9
.107
SMCG6065
SMCJ6065
95.0
108.0
132.0
1
176.0
5
8.5
.107
SMCG6065A
SMCJ6065A
100.0
114.0
126.0
1
168.0
5
8.9
.107
SMCG6066
SMCJ6066
105.0
117.0
143.0
1
191.0
5
7.8
.107
SMCG6066A
SMCJ6066A
110.0
124.0
137.0
1
182.0
5
8.2
.107
SMCG6067
SMCJ6067
121.0
135.0
165.0
1
223.0
5
6.7
.108
SMCG6067A
SMCJ6067A
128.0
143.0
158.0
1
213.0
5
7.0
.108
SMCG6068
SMCJ6068
137.0
153.0
187.0
1
258.0
5
5.8
.108
SMCG6068A
SMCJ6068A
145.0
162.0
179.0
1
245.0
5
6.1
.108
SMCG6069
SMCJ6069
145.0
162.0
198.0
1
274.0
5
5.5
.108
SMCG6069A
SMCJ6069A
150.0
171.0
189.0
1
261.0
5
5.7
.108
SMCG6070
SMCJ6070
155.0
171.0
210.0
1
292.0
5
5.1
.108
SMCG6070A
SMCJ6070A
160.0
181.0
200.0
1
278.0
5
5.4
.108
SMCG6071
SMCJ6071
165.0
180.0
220.0
1
308.0
5
4.9
.108
SMCG6071A
SMCJ6071A
170.0
190.0
210.0
1
294.0
5
5.1
.108
SMCG6072
SMCJ6072
175.0
198.0
242.0
1
344.0
5
4.3
.108
SMCG6072A
SMCJ6072A
185.0
209.0
231.0
1
328.0
5
4.6
.108
Microsemi Corp.'s SMC Series (1500W) surface mountable packages are designed specifically for transient voltage suppression. The wide
leads assure a large surface contact and low resistance path for surge current flow to ground. These high-speed transient voltage
suppressors can be used to effectively protect sensitive components such as integrated circuits and MOS devices.


Similar Part No. - SMCG6069

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
SMCG60 GE-SMCG60 Datasheet
103Kb / 5P
   SURFACE MOUNT TRANSZORB??TRANSIENT VOLTAGE SUPPRESSOR
logo
Microsemi Corporation
SMCG60 MICROSEMI-SMCG60 Datasheet
144Kb / 3P
   UNIDIRECTIONAL AND BIDIRECTIONAL SURFACE MOUNT
SMCG60 MICROSEMI-SMCG60 Datasheet
584Kb / 4P
   SURFACE MOUNT 1500 Watt Transient Voltage Suppressor
logo
Vishay Siliconix
SMCG60 VISHAY-SMCG60 Datasheet
114Kb / 6P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 22-Oct-08
logo
Digitron Semiconductors
SMCG60 DIGITRON-SMCG60 Datasheet
520Kb / 4P
   TRANSIENT ABSORPTION ZENER DIODES
More results

Similar Description - SMCG6069

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
P5KE5.0 NJSEMI-P5KE5.0 Datasheet
201Kb / 4P
   5.0 thru 170 volts 500 Watts Transient Voltage Suppressors
logo
Microsemi Corporation
P5KE50 MICROSEMI-P5KE50 Datasheet
77Kb / 5P
   5.0 thru 170 volts 500 Watts Transient Voltage Suppressors
SA50 MICROSEMI-SA50 Datasheet
77Kb / 5P
   5.0 thru 170 volts 500 Watts Transient Voltage Suppressors
logo
Central Semiconductor C...
1.5CE6.8A CENTRAL-1.5CE6.8A_11 Datasheet
336Kb / 2P
   UNI-DIRECTIONAL AND BI-DIRECTIONAL SILICON TRANSIENT VOLTAGE SUPPRESSORS 1500 WATTS, 6.8 THRU 440 VOLTS
logo
DONGGUAN YOU FENG WEI E...
1.5KE6.8-DO27 YFWDIODE-1.5KE6.8-DO27 Datasheet
1,020Kb / 6P
   1500 Watt TRANSIENT Voltage Suppressors 6.8 to 400 Volts
logo
Micro Commercial Compon...
1.5KE6.8 MCC-1.5KE6.8_11 Datasheet
927Kb / 4P
   1500 Watt Transient Voltage Suppressors 6.8V to 550 Volts
15KE68 MCC-15KE68 Datasheet
974Kb / 4P
   1500 Watt Transient Voltage Suppressors 6.8V to 550 Volts
logo
Fairchild Semiconductor
SMCJ10A FAIRCHILD-SMCJ10A Datasheet
127Kb / 5P
   1500 Watt Transient Voltage Suppressors
logo
Micro Commercial Compon...
1.5KE6.8 MCC-1.5KE6.8_15 Datasheet
649Kb / 4P
   1500 Watt Transient Voltage Suppressors 6.8V to 550 Volts
logo
Central Semiconductor C...
15SMC68A CENTRAL-15SMC68A Datasheet
146Kb / 2P
   UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 1500 WATTS, 6.8 THRU 200 VOLTS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com