Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VS-20TQ035S-M3 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # VS-20TQ035S-M3
Description  High Performance Schottky Rectifier, 20 A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-20TQ035S-M3 Datasheet(HTML) 4 Page - Vishay Siliconix

  VS-20TQ035S-M3_15 Datasheet HTML 1Page - Vishay Siliconix VS-20TQ035S-M3_15 Datasheet HTML 2Page - Vishay Siliconix VS-20TQ035S-M3_15 Datasheet HTML 3Page - Vishay Siliconix VS-20TQ035S-M3_15 Datasheet HTML 4Page - Vishay Siliconix VS-20TQ035S-M3_15 Datasheet HTML 5Page - Vishay Siliconix VS-20TQ035S-M3_15 Datasheet HTML 6Page - Vishay Siliconix VS-20TQ035S-M3_15 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
VS-20TQ035S-M3, VS-20TQ040S-M3, VS-20TQ045S-M3
www.vishay.com
Vishay Semiconductors
Revision: 26-Feb-14
4
Document Number: 94931
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 5 - Maximum Allowable Case Temperature vs.
Average Forward Current
Fig. 6 - Forward Power Loss Characteristics
Fig. 7 - Maximum Non-Repetitive Surge Current
Fig. 8 - Unclamped Inductive Test Circuit
115
145
135
125
155
IF(AV) - Average Forward Current (A)
520
25
30
10
0
15
20TQ
R
thJC (DC) = 1.50 °C/W
DC
0
8
6
4
2
18
16
14
12
10
IF(AV) - Average Forward Current (A)
515
30
20
10
025
D = 0.08
D = 0.17
D = 0.25
D = 0.33
D = 0.50
RMS limit
DC
100
1000
10 000
tp - Square Wave Pulse Duration (µs)
100
10 000
1000
10
At any rated load condition
and with rated V
RRM applied
following surge
Current
monitor
High-speed
switch
D.U.T.
R
g = 25 Ω
+
Freewheel
diode
V
d = 25 V
L
IRFP460
40HFL40S02


Similar Part No. - VS-20TQ035S-M3_15

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-20TQ035S-M3 VISHAY-VS-20TQ035S-M3_V01 Datasheet
225Kb / 8P
   High Performance Schottky Rectifier, 20 A
01-Jan-2022
More results

Similar Description - VS-20TQ035S-M3_15

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-20TQ035SPBF VISHAY-VS-20TQ035SPBF_15 Datasheet
147Kb / 8P
   High Performance Schottky Rectifier, 20 A
Revision: 08-Dec-14
VS-20TQ035-M3 VISHAY-VS-20TQ035-M3_V01 Datasheet
184Kb / 7P
   High Performance Schottky Rectifier, 20 A
01-Jan-2022
VS-20L15TSPBF VISHAY-VS-20L15TSPBF_15 Datasheet
134Kb / 8P
   High Performance Schottky Rectifier, 20 A
Revision: 24-Jul-14
VS-20TQ035THN3 VISHAY-VS-20TQ035THN3_V01 Datasheet
180Kb / 7P
   High Performance Schottky Rectifier, 20 A
01-Jan-2022
VS-20TQ035-M3 VISHAY-VS-20TQ035-M3 Datasheet
168Kb / 7P
   High Performance Schottky Rectifier, 20 A
Revision: 07-May-2020
VS-20TQ035THN3 VISHAY-VS-20TQ035THN3 Datasheet
163Kb / 7P
   High Performance Schottky Rectifier, 20 A
Revision: 27-Jul-2020
VS-20L15TS-M3 VISHAY-VS-20L15TS-M3 Datasheet
148Kb / 7P
   High Performance Schottky Rectifier, 20 A
Revision: 28-Jul-14
VS-STPS20L15G-M3 VISHAY-VS-STPS20L15G-M3 Datasheet
148Kb / 7P
   High Performance Schottky Rectifier, 20 A
Revision: 18-Feb-16
VS-STPS20L15GPBF VISHAY-VS-STPS20L15GPBF_V01 Datasheet
121Kb / 7P
   High Performance Schottky Rectifier, 20 A
08-Feb-17
VS-20L15T-M3 VISHAY-VS-20L15T-M3 Datasheet
161Kb / 7P
   High Performance Schottky Rectifier, 20 A
Revision: 23-Nov-17
VS-STPS20L15D-M3 VISHAY-VS-STPS20L15D-M3_V01 Datasheet
166Kb / 7P
   High Performance Schottky Rectifier, 20 A
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com