Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

J0100-303-3-000 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # J0100-303-3-000
Description  40mm Servo Motor, 100W
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

J0100-303-3-000 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  J0100-303-3-000 Datasheet HTML 1Page - List of Unclassifed Manufacturers J0100-303-3-000 Datasheet HTML 2Page - List of Unclassifed Manufacturers J0100-303-3-000 Datasheet HTML 3Page - List of Unclassifed Manufacturers J0100-303-3-000 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Part Number:
J0100-303-3-000
Frame Size:
40 mm
Continuous Torque:
2.83 in-lb
Peak Torque:
8.5 in-lb
Rated Power:
100 watts
Rated Voltage:
24 DC volts
Rated Speed:
3000 rpm
Peak Speed:
6000 rpm
Rated Current:
5.2 A rms
Peak Current:
15.6 A rms
Torque Constant:
.54 in-lb/A
Voltage Constant:
3.8 V/krpm
Armature Resistance:
0.48 Line-to-Line ohms
Armature Inductance:
0.58 Line-to-Line mH
Motor Length:
4.33 inch
Rotor Inertia:
0.00059 oz-in-sec
Weight:
1.2 lbs
Integral Holding
Brake:
No
Storage Temperature:
-20 to 80 °C
Operating
Temperature:
0 to 40 °C
Insulation Class:
Class B (130 ºC)
Maximum Radial Load:
13.5 lbs
Maximum Thrust
Load:
11 lbs
Perpendicularity:
0.0015 inches
Concentricity:
0.0015 inches
Specifcations
2


Similar Part No. - J0100-303-3-000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
J0100-301-3-000 ETC2-J0100-301-3-000 Datasheet
162Kb / 4P
   40mm Servo Motor, 100W
More results

Similar Description - J0100-303-3-000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
J0100-301-3-000 ETC2-J0100-301-3-000 Datasheet
162Kb / 4P
   40mm Servo Motor, 100W
A0100-104-3-000 ETC2-A0100-104-3-000 Datasheet
137Kb / 3P
   40mm Servo Motor, 100W
A0100-102-3-000 ETC2-A0100-102-3-000 Datasheet
159Kb / 3P
   40mm Servo Motor, 100W
M0100-101-3-000 ETC2-M0100-101-3-000 Datasheet
139Kb / 3P
   40mm Servo Motor, 100W
A0100-101-3-000 ETC2-A0100-101-3-000 Datasheet
137Kb / 3P
   40mm Servo Motor, 100W
J0100-353-3-000 ETC2-J0100-353-3-000 Datasheet
142Kb / 4P
   40mm Servo Motor, 100W, with Brake
J0100-351-3-000 ETC2-J0100-351-3-000 Datasheet
142Kb / 4P
   40mm Servo Motor, 100W, with Brake
A0050-104-3-000 ETC2-A0050-104-3-000 Datasheet
137Kb / 3P
   40mm Servo Motor, 50W
M0050-153-3-000 ETC2-M0050-153-3-000 Datasheet
138Kb / 3P
   40mm Servo Motor, 50W
M0030-153-3-000 ETC2-M0030-153-3-000 Datasheet
138Kb / 3P
   40mm Servo Motor, 30W
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com