Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

J0200-351-4-000 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # J0200-351-4-000
Description  60mm Servo Motor, 200W, with Brake
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

J0200-351-4-000 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  J0200-351-4-000 Datasheet HTML 1Page - List of Unclassifed Manufacturers J0200-351-4-000 Datasheet HTML 2Page - List of Unclassifed Manufacturers J0200-351-4-000 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Product Datasheet
www.Applied-Motion.com
J0200-351-4-000
60mm Servo Motor, 200W, with Brake
1pc. - 505.00
50pc. - 378.75
Product Features
High torque density
Low rotor inertia
Compact size
High-resolution, incremental encoders (2500 lines,
10000 counts)
Brake
IP65 rated for harsh environments
Applied Motion Products, Inc.
404 Westridge Dr.
Watsonville, CA 95076, USA
1-800-525-1609
Tel (831) 761-6555
Fax (831) 761-
6544
Part Number:
J0200-351-4-000
Frame Size:
60 mm
Continuous Torque:
5.66 in-lb
Peak Torque:
15 in-lb
Rated Power:
200 watts
Rated Voltage:
110 AC volts
Rated Speed:
3000 rpm
Peak Speed:
6000 rpm
Rated Current:
2.8 A rms
Peak Current:
8.4 A rms
Torque Constant:
2.03 in-lb/A
Voltage Constant:
24.1 V/krpm
High performance brushless AC servo motor with brake.
Standard configuration includes high-resolution, incremental encoder feedback.
This motor is UL Recognized in the US and Canada, file no. E472271.
Description
Specifcations


Similar Part No. - J0200-351-4-000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
J0200-352-4-000 ETC2-J0200-352-4-000 Datasheet
145Kb / 4P
   60mm Servo Motor, 200W, with Brake
J0200-354-4-000 ETC2-J0200-354-4-000 Datasheet
145Kb / 4P
   60mm Servo Motor, 200W, with Brake
More results

Similar Description - J0200-351-4-000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
J0200-354-4-000 ETC2-J0200-354-4-000 Datasheet
145Kb / 4P
   60mm Servo Motor, 200W, with Brake
J0200-352-4-000 ETC2-J0200-352-4-000 Datasheet
145Kb / 4P
   60mm Servo Motor, 200W, with Brake
M0200-102-4-000 ETC2-M0200-102-4-000 Datasheet
152Kb / 3P
   60mm Servo Motor, 200W
A0200-101-4-000 ETC2-A0200-101-4-000 Datasheet
172Kb / 3P
   60mm Servo Motor, 200W
J0200-302-4-000 ETC2-J0200-302-4-000 Datasheet
143Kb / 4P
   60mm Servo Motor, 200W
M0200-151-4-000 ETC2-M0200-151-4-000 Datasheet
127Kb / 3P
   60mm Servo Motor, 200W
J0200-304-4-000 ETC2-J0200-304-4-000 Datasheet
143Kb / 4P
   60mm Servo Motor, 200W
M0200-104-4-000 ETC2-M0200-104-4-000 Datasheet
152Kb / 3P
   60mm Servo Motor, 200W
M0200-101-4-000 ETC2-M0200-101-4-000 Datasheet
152Kb / 3P
   60mm Servo Motor, 200W
J0200-301-4-000 ETC2-J0200-301-4-000 Datasheet
143Kb / 4P
   60mm Servo Motor, 200W
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com