Electronic Components Datasheet Search
Selected language     English  ▼


J0200-351-4-000 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part No. J0200-351-4-000
Description  60mm Servo Motor, 200W, with Brake
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC2 [List of Unclassifed Manufacturers]
Homepage  
Logo 

   
 2 page
background image
Part Number
Frame Size
Continuous Torque
Peak Torque
Motor Length
Rated Power
Rotor Inertia
1pc./50pc.
40 mm
2.8
8.1
4.33
100
0.00059
$296.00 / $222.00
J0200-351-4-000
Part No. J0200-351-4-000
1pc.
$505.00
25pc.
$434.30
50pc.
$378.75
100pc.
Request a Quote for 100+ piece pricing.
Pricing
Products in the Series J Series Servo Motors
J0100-301-3-000
Armature Resistance:
1.78 Line-to-Line ohms
Armature Inductance:
6.1 Line-to-Line mH
Motor Length:
5.45 inch
Rotor Inertia:
0.00133 oz-in-sec
Weight:
2.3 lbs
Integral Holding
Brake:
Yes
Storage Temperature:
-20 to 80 °C
Operating
Temperature:
0 to 40 °C
Insulation Class:
Class B (130 ºC)
Maximum Radial Load:
45 lbs
Maximum Thrust
Load:
15 lbs
Perpendicularity:
0.0015 inches
Concentricity:
0.0015 inches
Datasheet:
http://s3.amazonaws.com/applied-motion-pdf/J0200-351-4-000.pdf
2D Drawing:
J0200-351-4-000_RevD.pdf
3D Drawing:
J0200-351-4-000A2.igs
Speed-Torque Curves:
speed torque J0200-301-4-000 bluac5.pdf
speed torque J0200-301-4-000 svac3.pdf
2
Downloads




Html Pages

1  2  3 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl