Selected language     English  ▼


J0200-352-4-000 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part No. J0200-352-4-000
Description  60mm Servo Motor, 200W, with Brake
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC2 [List of Unclassifed Manufacturers]
Homepage  
Logo 

   
 2 page
background image
Part Number:
J0200-352-4-000
Frame Size:
60 mm
Continuous Torque:
5.66 in-lb
Peak Torque:
15.04 in-lb
Rated Power:
200 watts
Rated Voltage:
220 AC volts
Rated Speed:
3000 rpm
Peak Speed:
6000 rpm
Rated Current:
1.4 A rms
Peak Current:
4.2 A rms
Torque Constant:
4.07 in-lb/A
Voltage Constant:
48.2 V/krpm
Armature Resistance:
8.6 Line-to-Line ohms
Armature Inductance:
25 Line-to-Line mH
Motor Length:
5.45 inch
Rotor Inertia:
0.00133 oz-in-sec
Weight:
3.5 lbs
Integral Holding
Brake:
Yes
Storage Temperature:
-20 to 80 °C
Operating
Temperature:
0 to 40 °C
Insulation Class:
Class B (130 ºC)
Maximum Radial Load:
45 lbs
Maximum Thrust
Load:
15 lbs
Perpendicularity:
0.0015 inches
Concentricity:
0.0015 inches
Specifcations
2




Html Pages

1  2  3  4 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl