Selected language     English  ▼


J0400-305-4-000 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part No. J0400-305-4-000
Description  60mm Servo Motor, 400W
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC2 [List of Unclassifed Manufacturers]
Homepage  
Logo 

   
 2 page
background image
Part Number:
J0400-305-4-000
Frame Size:
60 mm
Continuous Torque:
11.24 in-lb
Peak Torque:
30.97 in-lb
Rated Power:
400 watts
Rated Voltage:
60 DC volts
Rated Speed:
3000 rpm
Peak Speed:
6000 rpm
Rated Current:
6.6 A rms
Peak Current:
19.8 A rms
Torque Constant:
1.69 in-lb/A
Voltage Constant:
20.0 V/krpm
Armature Resistance:
0.57 Line-to-Line ohms
Armature Inductance:
2 Line-to-Line mH
Motor Length:
4.68 inch
Rotor Inertia:
0.00269 oz-in-sec
Weight:
3.1 lbs
Integral Holding
Brake:
No
Storage Temperature:
-20 to 80 °C
Operating
Temperature:
0 to 40 °C
Insulation Class:
Class B (130 ºC)
Maximum Radial Load:
54 lbs
Maximum Thrust
Load:
15 lbs
Perpendicularity:
0.0015 inches
Concentricity:
0.0015 inches
Specifcations
2




Html Pages

1  2  3  4 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl