Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMR02C Datasheet(PDF) 1 Page - GOOD-ARK Electronics

Part # LMR02C
Description  Low Profile Miniature Single Phase Surface Mount Bridge Rectifiers Reverse Voltage 200~1000V Output Current 0.5A
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

LMR02C Datasheet(HTML) 1 Page - GOOD-ARK Electronics

  LMR02C_15 Datasheet HTML 1Page - GOOD-ARK Electronics LMR02C_15 Datasheet HTML 2Page - GOOD-ARK Electronics LMR02C_15 Datasheet HTML 3Page - GOOD-ARK Electronics LMR02C_15 Datasheet HTML 4Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
LMR02C thru LMR10C
Low Profile Miniature Single Phase Surface Mount Bridge Rectifiers
Reverse Voltage 200~1000V Output Current 1.5A
www.goodark.com
1/4
2014.06-Rev.A
Features
• Glass passivated Fast Recovery bridge rectifiers
• Ideal for automated placement
• Low forward voltage drop
• Low leakage current
• Moisture sensitivity: level 1 per J STD 020
• Moisture sensitivity: level 1, per J-STD-020
• Solder dip 260 °C, 10 s
• Low profile,Max Height 1.30mm
Typical Applications
For use of general purpose AC to DC bridge rectification in power supply,charger,office appliance,
home appliance and telecome device.
LPMB
pp
VRRM
200
400
600
800
1000
V
VRMS
140
280
420
560
700
V
VDC
200
400
600
800
1000
V
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Maximum Ratings (TA = 25 °C unless otherwise noted)
Parameter
Symbol
LMR02C
LMR04C
LMR06C
LMR08C
LMR10C
Unit
VDC
200
400
600
800
1000
V
IFSM
A
I
2t
A
2sec
TJ,
°C
Operating junction and storage temperature
- 55 to + 150
A
1.5
(2)
Peak forward surge current 8.3 ms single half
sine-wave superimposed on rated load
50
Rating for fusing(t<8.3ms)
10.0
0.75
(1)
Maximum DC blocking voltage
Maximum average output rectified current
Io(AV)
TSTG
°C
Maximum instantaneous
forward voltage
IF=0.75A, TA=25
VF
Volts
TA 25℃
1.3
range
- 55 to + 150
Electrical Characteristics (TA = 25 °C unless otherwise noted)
Parameter
Test Conditions
Symbol
LMR02C
LMR04C
LMR06C
LMR08C
LMR10C
Unit
TA=25℃
TA=125℃
IF=0.5A,IR=1.0A,
Irr=0.25A
Typical junction
capacitance
4.0 V, 1 MHz
CJ
pF
20
Maximum DC reverse
current at rated DC
blocking voltage
IR
5
µA
100
nS
Typical reverse recovery
time
trr
150
250
500
RθJA
(1)
RθJA
(2)
RθJC
(1)
Notes:
1. On glass epoxy PCB, mounted on 1.3*1.3mm solder pads
2. On 20*20mm aluminum substrate PCB with 1.3*1.3mm solder pads
Typical thermal resistance
60
/W
50
20
Thermal Characteristics
Parameter
Symbol
LMR02C
LMR04C
LMR06C
LMR08C
LMR10C
Unit
www.goodark.com
1/4
2014.06-Rev.A


Similar Part No. - LMR02C_15

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
LMR02C GOOD-ARK-LMR02C Datasheet
389Kb / 4P
   Low Profile Miniature Single Phase Surface Mount Bridge Rectifiers
More results

Similar Description - LMR02C_15

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
LMD02 GOOD-ARK-LMD02_15 Datasheet
223Kb / 4P
   Low Profile Miniature Single Phase Surface Mount Bridge Rectifiers Reverse Voltage 200~1000V Output Current 0.5A
LMR02A GOOD-ARK-LMR02A_15 Datasheet
227Kb / 4P
   Low Profile Miniature Single Phase Surface Mount Bridge Rectifiers Reverse Voltage 200~1000V Output Current 1.2
LM102 GOOD-ARK-LM102_15 Datasheet
219Kb / 4P
   Low Profile Miniature Single Phase Surface Mount Bridge Rectifiers Reverse Voltage 200~1000V Output Current 1.0A
LM02 GOOD-ARK-LM02_15 Datasheet
217Kb / 4P
   Low Profile Miniature Single Phase Surface Mount Bridge Rectifiers Reverse Voltage 200~1000V Output Current 0.8A
LM210 GOOD-ARK-LM210_15 Datasheet
220Kb / 4P
   Low Profile Miniature Single Phase Surface Mount Bridge Rectifiers Reverse Voltage 1000V Output Current 2.0A
LM202 GOOD-ARK-LM202_15 Datasheet
215Kb / 4P
   Low Profile Miniature Single Phase Surface Mount Bridge Rectifiers Reverse Voltage 200~800V Output Current 2.0A
LBXSB GOOD-ARK-LBXSB_15 Datasheet
207Kb / 3P
   Low Profile Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifier Reverse Voltage 200 and 1000V Forward Current 0.8A
LBXSA GOOD-ARK-LBXSA_15 Datasheet
172Kb / 3P
   Low Profile Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifier Reverse Voltage 200 and 1000V Forward Current 0.8A
LBXS GOOD-ARK-LBXS_15 Datasheet
207Kb / 3P
   Low Profile Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifier Reverse Voltage 200 and 1000V Forward Current 0.8A
E9736A GOOD-ARK-E9736A_15 Datasheet
223Kb / 4P
   Low Profile Surface Mount Single Phase Bridge Rectifiers Reverse Voltage 800V Output Current 3A
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com