Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MA000872056 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # MA000872056
Description  Material Content Data Sheet
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

MA000872056 Datasheet(HTML) 1 Page - Infineon Technologies AG

  MA000872056 Datasheet HTML 1Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1.
2.
3.
Material Content Data Sheet
Sales Product Name
TDA7100
Issued
28. August 2013
MA#
MA000872056
Package
PG-TSSOP-10-3
Weight*
25.37 mg
Construction Element
Material Group
Substances
CAS#
if applicable
Weight
[mg]
Average
Mass
[%]
Sum
[%]
Average
Mass
[ppm]
Sum
[ppm]
chip
inorganic material
silicon
7440-21-3
3.875
15.28
15.28
152772
152772
leadframe
inorganic material
silicon
7440-21-3
0.002
0.01
70
non noble metal
titanium
7440-32-6
0.009
0.04
350
non noble metal
chromium
7440-47-3
0.027
0.10
1049
non noble metal
copper
7440-50-8
8.828
34.80
34.95
348043
349512
wire
noble metal
gold
7440-57-5
0.100
0.40
0.40
3953
3953
encapsulation
organic material
carbon black
1333-86-4
0.055
0.22
2171
plastics
brominated resin
-
0.069
0.27
2713
inorganic material
antimonytrioxide
1309-64-4
0.138
0.54
5426
plastics
epoxy resin
-
1.253
4.94
49381
inorganic material
silicondioxide
60676-86-0
5.368
21.16
27.13
211631
271322
leadfinish
non noble metal
tin
7440-31-5
0.505
1.99
1.99
19921
19921
plating
noble metal
silver
7440-22-4
0.836
3.29
3.29
32939
32939
glue
plastics
epoxy resin
-
0.860
3.39
33916
noble metal
silver
7440-22-4
3.441
13.57
16.96
135665
169581
*deviation
< 10%
Sum in total:
100,00
1000000
Important Remarks:
Infineon Technologies AG provides full material declaration based on information provided by third parties and
has taken and continues to take reasonable steps to provide representative and accurate information.
Infineon Technologies AG and Infineon Technologies AG suppliers consider certain information to be
proprietary, and thus CAS numbers and other limited information may not be available for release.
All statements are based on our present knowledge, are provided 'as is' and may be subject to change at any
time due to technical requirements and development without notification.
Company
Infineon Technologies AG
Address
81726 München
Internet
www.infineon.com


Similar Part No. - MA000872056

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
MA000872050 INFINEON-MA000872050 Datasheet
24Kb / 1P
   Material Content Data Sheet
28. August 2013
More results

Similar Description - MA000872056

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4253E INFINEON-TLE4253E_15 Datasheet
32Kb / 1P
   Material Content Data Sheet
7. October 2015
MA001010846 INFINEON-MA001010846_15 Datasheet
33Kb / 1P
   Material Content Data Sheet
29. June 2015
MA001011684 INFINEON-MA001011684_15 Datasheet
33Kb / 1P
   Material Content Data Sheet
29. June 2015
MA001025832 INFINEON-MA001025832_15 Datasheet
33Kb / 1P
   Material Content Data Sheet
28. July 2015
MA001075538 INFINEON-MA001075538_15 Datasheet
33Kb / 1P
   Material Content Data Sheet
29. June 2015
MA001126876 INFINEON-MA001126876_15 Datasheet
32Kb / 1P
   Material Content Data Sheet
2. July 2015
MA001147172 INFINEON-MA001147172_15 Datasheet
33Kb / 1P
   Material Content Data Sheet
24. April 2015
MA001276174 INFINEON-MA001276174_15 Datasheet
33Kb / 1P
   Material Content Data Sheet
29. June 2015
IPA126N10N3G INFINEON-IPA126N10N3G_15 Datasheet
33Kb / 1P
   Material Content Data Sheet
3. September 2015
IPB60R160P6 INFINEON-IPB60R160P6_15 Datasheet
33Kb / 1P
   Material Content Data Sheet
27. August 2015
IPB60R230P6 INFINEON-IPB60R230P6_15 Datasheet
33Kb / 1P
   Material Content Data Sheet
27. August 2015
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com