Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SK3826 Datasheet(PDF) 2 Page - ON Semiconductor

Part # 2SK3826
Description  General-Purpose Switching Device Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2SK3826 Datasheet(HTML) 2 Page - ON Semiconductor

  2SK3826 Datasheet HTML 1Page - ON Semiconductor 2SK3826 Datasheet HTML 2Page - ON Semiconductor 2SK3826 Datasheet HTML 3Page - ON Semiconductor 2SK3826 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2SK3826
Rev.0 I Page 2 of 4 I www.onsemi.com
Continued from preceding page.
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Input Capacitance
Ciss
VDS=20V, f=1MHz
2150
pF
Output Capacitance
Coss
VDS=20V, f=1MHz
160
pF
Reverse Transfer Capacitance
Crss
VDS=20V, f=1MHz
110
pF
Turn-ON Delay Time
td(on)
See specified Test Circuit.
20
ns
Rise Time
tr
See specified Test Circuit.
34
ns
Turn-OFF Delay Time
td(off)
See specified Test Circuit.
185
ns
Fall Time
tf
See specified Test Circuit.
62
ns
Total Gate Charge
Qg
VDS=50V, VGS=10V, ID=26A
42
nC
Gate-to-Source Charge
Qgs
VDS=50V, VGS=10V, ID=26A
7.2
nC
Gate-to-Drain “Miller” Charge
Qgd
VDS=50V, VGS=10V, ID=26A
9.2
nC
Diode Forward Voltage
VSD
IS=26A, VGS=0
1.0
1.2
V
Package Dimensions
unit : mm
2052C
Switching Time Test Circuit
Avalanche Resistance Test Circuit
1 : Gate
2 : Drain
3 : Source
SANYO : TO-220
10.2
5.1
3.6
1.2
0.8
1.3
4.5
0.4
2.55
2.55
12
3
PW=10µs
D.C.≤1%
P.G
50Ω
G
S
D
ID=13A
RL=3.85Ω
VDD=50V
VOUT
2SK3826
VIN
10V
0V
VIN
50Ω
10V
0V
≥50Ω
VDD
L
2SK3826


Similar Part No. - 2SK3826

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SK3826 SANYO-2SK3826 Datasheet
42Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device
logo
Inchange Semiconductor ...
2SK3826 ISC-2SK3826 Datasheet
333Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - 2SK3826

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SK3352 SANYO-2SK3352_05 Datasheet
42Kb / 4P
   General-Purpose Switching Device Applications
2SJ662 SANYO-2SJ662 Datasheet
42Kb / 4P
   General-Purpose Switching Device Applications
2SJ666 SANYO-2SJ666 Datasheet
41Kb / 4P
   General-Purpose Switching Device Applications
CPH3430 SANYO-CPH3430 Datasheet
52Kb / 4P
   General-Purpose Switching Device Applications
SCH2806 SANYO-SCH2806 Datasheet
47Kb / 6P
   General-Purpose Switching Device Applications
SCH1311 SANYO-SCH1311 Datasheet
35Kb / 4P
   General-Purpose Switching Device Applications
2SK3706 SANYO-2SK3706 Datasheet
48Kb / 5P
   General-Purpose Switching Device Applications
2SK3708 SANYO-2SK3708 Datasheet
45Kb / 4P
   General-Purpose Switching Device Applications
FW341 SANYO-FW341 Datasheet
64Kb / 6P
   General-Purpose Switching Device Applications
CPH3337 SANYO-CPH3337 Datasheet
45Kb / 4P
   General-Purpose Switching Device Applications
CPH6415 SANYO-CPH6415 Datasheet
54Kb / 4P
   General-Purpose Switching Device Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com