Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPS120E Datasheet(PDF) 1 Page - Microsemi Corporation

Part # UPS120E
Description  SCHOTTKY BARRIER RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

UPS120E Datasheet(HTML) 1 Page - Microsemi Corporation

  UPS120E Datasheet HTML 1Page - Microsemi Corporation UPS120E Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MSC1360.PDF 02-16-99
UPS120E
PRELIMINARY
SURFACE MOUNT
1A SCHOTTKY RECTIFIER
POWERMITE
®
® Power Surface Mount Package
Features:
Features:
Low Profile -- Maximum Height of 1.1 mm
Small Footprint -- Footprint Area of 8.45 mm
2
Low VF Provides Higher Efficiency and Extends Battery Life
Supplied in 12 mm Tape and Reel -- 12,000 Units per Reel
Low Thermal Resistance with Direct Thermal Path of Die on Exposed
Cathode Heat Sink
Mechanical Characteristics:
Mechanical Characteristics:
Powermite is JEDEC Registered as DO-216AA
Case: Molded Epoxy
Epoxy Meets UL94, VO at 1/8"
Weight: 62 mg (appoximately)
Device Marking: S20
Lead and Mounting Surface Temperature for Soldering Purposes,
260
°°C Maximum for 10 Seconds
Description:
Description:
The UPS120E Powermite Schottky rectifier is designed to offer optimized reverse leakage characteristics for
battery powered portable products such as cellular and cordless phones, chargers, notebook computers,
printers, PDA's and PCMCIA cards. Typical applications include ac/dc and dc-dc converters, reverse battery
protection and "Oring" of multiple supply voltages.
The Powermite's patented heat sink design offers the same thermal performance rating as an SMA while being
50% smaller in footprint area and less than 1 mm in overall height. The result is a unique, highly efficient
Schottky rectifier in a space saving surface mount package.
Maximum Ratings
RATING
SYMBOL
VALUE
UNIT
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
20
V
Average Rectified Forward Current (At Rated VR, TC = 130
°°C)
IO
1.0
A
Peak Repetitive Forward Current
(At Rated VR, Square Wave, 20 KHz, TC = 135
°°C
IFRM
2.0
A
Non-Repetitive Peak Surge Current
(Non-Repetitive peak surge current, halfwave, single phase, 60 Hz)
IFSM
50
A
Storage / Operating Case Temperature
Tstg, TC
-55 to 150
°°C
Operating Junction Temperature
TJ
-55 to 125
°°C
Voltage Rate of Change (Rated VR, TJ = 25
°°C)
dv/dt
10,000
V/
µµs
Thermal Characteristics
Thermal Resistance - Junction-to-Lead (Anode) (1)
Thermal Resistance - Junction-to-Tab (Cathode) (1)
Thermal Resistance - Junction-to-Ambient (1)
Rtjl
Rtjtab
Rtja
35
15
248
°°C/W
(1) Pulse Test: Pulse Width
≤≤ 250 µµs, Duty Cycle ≤≤ 2%.
580 Pleasant St.
Watertown, MA 02472
PH: (617) 926-0404
FAX: (617) 924-1235
SCHOTTKY BARRIER
RECTIFIER
1.0 AMPERES
20 VOLTS


Similar Part No. - UPS120E

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
UPS120E MCC-UPS120E Datasheet
98Kb / 3P
   1 Amp Schottky Rectifier 20 to 40 Volts
logo
Microsemi Corporation
UPS120E3 MICROSEMI-UPS120E3 Datasheet
423Kb / 4P
   Schottky Barrier Rectifier
More results

Similar Description - UPS120E

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
   Schottky Barrier Rectifier Schottky Barrier Type
logo
Shenzhen Ping Sheng Ele...
SS12 PFS-SS12 Datasheet
559Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Sanken electric
FMW-2156 SANKEN-FMW-2156 Datasheet
209Kb / 4P
   Schottky Barrier Rectifier
logo
Micro Commercial Compon...
1N60 MCC-1N60 Datasheet
419Kb / 3P
   Schottky Barrier Rectifier
LL60 MCC-LL60 Datasheet
400Kb / 3P
   Schottky Barrier Rectifier
logo
Vishay Siliconix
1N5820 VISHAY-1N5820_09 Datasheet
68Kb / 4P
   Schottky Barrier Rectifier
Revision: 20-Oct-09
logo
Galaxy Semi-Conductor H...
S5817 BILIN-S5817 Datasheet
57Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Vishay Siliconix
SBL1030 VISHAY-SBL1030 Datasheet
142Kb / 5P
   Schottky Barrier Rectifier
Revision: 25-Apr-08
logo
Chenmko Enterprise Co. ...
MPL1035PT CHENMKO-MPL1035PT Datasheet
260Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL270CTPT CHENMKO-SPL270CTPT Datasheet
161Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL320LLPT CHENMKO-SPL320LLPT Datasheet
153Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com