Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC709006A Datasheet(PDF) 3 Page - ON Semiconductor

Part # LC709006A
Description  I/O-Expander for Microcontroller
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC709006A Datasheet(HTML) 3 Page - ON Semiconductor

  LC709006A Datasheet HTML 1Page - ON Semiconductor LC709006A Datasheet HTML 2Page - ON Semiconductor LC709006A Datasheet HTML 3Page - ON Semiconductor LC709006A Datasheet HTML 4Page - ON Semiconductor LC709006A Datasheet HTML 5Page - ON Semiconductor LC709006A Datasheet HTML 6Page - ON Semiconductor LC709006A Datasheet HTML 7Page - ON Semiconductor LC709006A Datasheet HTML 8Page - ON Semiconductor LC709006A Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
LC709006A
No.8265-3/14
Allowable Operating Conditions at Ta = -40 to +85
°C, VSS = VSS P0= VSSP2 = 0V
Parameter
Symbol
Pin/Remarks
Conditions
Specification (Note 3)
Unit
VDD[V]
min
typ
max
Operating supply voltage
VDD(1)
VDD
2.0
6.0
V
VDD(2)
VDDP0
Supply voltage must
be within VDD (1)'s
specification.
VDD-3.0
VDD
VDD(3)
VDDP1, VDDP2
Supply voltage must
be within VDD (1)'s
specification.
VDD
VDD+3.0
High level input voltage
VIH(1)
DIN, ports 0 to 2
4.5 to 6.0
0.3VDD+0.7
VDDPx
VIH(2)
DIN, ports 0 to 2
2.0 to 6.0
0.3VDD+0.7
VDDPx
VIH(3)
RES, CS, CLK
4.5 to 6.0
0.4VDD+0.7
VDD
VIH(4)
RES, CS, CLK
2.0 to 6.0
0.4VDD+0.7
VDD
Low level input voltage
VIL(1)
DIN, ports 0 to 2
4.5 to 6.0
VSS
0.2VDD+0.1
VIL(2)
DIN, ports 0 to 2
2.0 to 6.0
VSS
0.2VDD+0.1
VIL(3)
RES, CS, CLK
4.5 to 6.0
VSS
0.1VDD+0.2
VIL(4)
RES, CS, CLK
2.0 to 6.0
VSS
0.1VDD+0.2
Note 3: VDDPx denote the power supply pin (VDDP0,VDDP1,VDDP2) for port pins.


Similar Part No. - LC709006A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LC709004A ONSEMI-LC709004A Datasheet
118Kb / 13P
   I/O-Expander for Microcontroller
May, 2013 Ver.0.22
More results

Similar Description - LC709006A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LC709004A ONSEMI-LC709004A Datasheet
118Kb / 13P
   I/O-Expander for Microcontroller
May, 2013 Ver.0.22
logo
ELAN Microelectronics C...
EM83010 EMC-EM83010 Datasheet
283Kb / 9P
   I/O EXPANDER
logo
Analog Devices
ADP5588 AD-ADP5588 Datasheet
522Kb / 28P
   Keypad I/O Expander
REV. A
logo
Microchip Technology
MCP25050-IP MICROCHIP-MCP25050-IP Datasheet
1Mb / 66P
   CAN I/O Expander Family
12/08/06
MCP25050-I MICROCHIP-MCP25050-I Datasheet
1Mb / 66P
   CAN I/O Expander Family
12/08/06
MCP25020-E MICROCHIP-MCP25020-E Datasheet
668Kb / 66P
   CAN I/O Expander Family
12/08/06
logo
Mitsubishi Electric Sem...
M66006P MITSUBISHI-M66006P Datasheet
102Kb / 5P
   12-BIT I/O EXPANDER
M60006P MITSUBISHI-M60006P Datasheet
75Kb / 5P
   12-bit I/O EXPANDER
logo
ON Semiconductor
JLC1562BE ONSEMI-JLC1562BE Datasheet
90Kb / 9P
   I2C Bus I/O Expander
November, 2005 ??Rev. 5
logo
Renesas Technology Corp
M66008P RENESAS-M66008P Datasheet
1Mb / 7P
   16-BIT I/O EXPANDER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com