Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP1124AP100G Datasheet(PDF) 10 Page - ON Semiconductor

Part # NCP1124AP100G
Description  High Voltage Switcher
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1124AP100G Datasheet(HTML) 10 Page - ON Semiconductor

Back Button NCP1124AP100G Datasheet HTML 6Page - ON Semiconductor NCP1124AP100G Datasheet HTML 7Page - ON Semiconductor NCP1124AP100G Datasheet HTML 8Page - ON Semiconductor NCP1124AP100G Datasheet HTML 9Page - ON Semiconductor NCP1124AP100G Datasheet HTML 10Page - ON Semiconductor NCP1124AP100G Datasheet HTML 11Page - ON Semiconductor NCP1124AP100G Datasheet HTML 12Page - ON Semiconductor NCP1124AP100G Datasheet HTML 13Page - ON Semiconductor NCP1124AP100G Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
NCP1124, NCP1126, NCP1129
www.onsemi.com
10
TYPICAL CHARACTERISTICS
Figure 21. NCP1124 fOSC vs. Junction
Temperature
TEMPERATURE (
°C)
−50
120
125
100
−25
0
25
50
75
65 kHz
100 kHz
Figure 22. NCP1124 VCC(OVP) vs. Junction
Temperature
TEMPERATURE (
°C)
−50
27.85
125
100
−25
0
25
50
75
27.8
27.75
27.7
27.65
27.6
27.55
100 kHz
65 kHz
100
80
60
40
20
0
Figure 23. NCP1126 fOSC vs. Junction
Temperature
TEMPERATURE (
°C)
0
20
40
60
80
100
120
125
85
25
0
−40
65 kHz
100 kHz
Figure 24. NCP1126 VCC(OVP) vs. Junction
Temperature
TEMPERATURE (
°C)
−50
27.85
125
100
−25
0
25
50
75
27.8
27.75
27.7
27.65
27.6
27.55
100 kHz
65 kHz
Figure 25. NCP1129 fOSC vs. Junction
Temperature
TEMPERATURE (
°C)
40
50
60
70
80
90
100
110
125
100
85
25
0
−25
−40
65 kHz
100 kHz
Figure 26. NCP1129 VCC(OVP) vs. Junction
Temperature
TEMPERATURE (
°C)
125
100
85
25
0
−25
−40
28.15
28.20
28.25
28.30
28.35
28.40
28.45
65 kHz
100 kHz


Similar Part No. - NCP1124AP100G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP112 ONSEMI-NCP112 Datasheet
125Kb / 10P
   Supervisory IC for Desktop Power Supply Monitoring
October, 2006 ??Rev. 3
NCP1126 ONSEMI-NCP1126_12 Datasheet
512Kb / 13P
   High Voltage Switcher for Offline Power Supplies
October, 2012 ??Rev. P0
NCP112D ONSEMI-NCP112D Datasheet
125Kb / 10P
   Supervisory IC for Desktop Power Supply Monitoring
October, 2006 ??Rev. 3
NCP112DG ONSEMI-NCP112DG Datasheet
125Kb / 10P
   Supervisory IC for Desktop Power Supply Monitoring
October, 2006 ??Rev. 3
NCP112DR2 ONSEMI-NCP112DR2 Datasheet
125Kb / 10P
   Supervisory IC for Desktop Power Supply Monitoring
October, 2006 ??Rev. 3
More results

Similar Description - NCP1124AP100G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1060 ONSEMI-NCP1060 Datasheet
369Kb / 30P
   High-Voltage Switcher
December, 2015 ??Rev. 1
NCP11367 ONSEMI-NCP11367 Datasheet
393Kb / 24P
   High Voltage Primary Side PWM Switcher
December, 2017 ??Rev. P1
NCP1126 ONSEMI-NCP1126_12 Datasheet
512Kb / 13P
   High Voltage Switcher for Offline Power Supplies
October, 2012 ??Rev. P0
NCP10970 ONSEMI-NCP10970 Datasheet
554Kb / 24P
   High-Voltage Switcher with Linearly Regulated Output
March, 2020 ??Rev. 0
NCP1136 ONSEMI-NCP1136 Datasheet
243Kb / 13P
   High Voltage Switcher for Offline Power Supplies
May, 2014 - Rev. 0
NCP1072 ONSEMI-NCP1072 Datasheet
814Kb / 26P
   High-Voltage Switcher for Low Power Offline SMPS
November, 2012 ??Rev. 2
NCP1072 ONSEMI-NCP1072 Datasheet
810Kb / 26P
   High-Voltage Switcher for Low Power Offline SMPS
November, 2012 ??Rev. 2
NCP1060 ONSEMI-NCP1060_16 Datasheet
390Kb / 31P
   High-Voltage Switcher for Low Power Offline SMPS
April, 2016 ??Rev. 3
NCP10670B ONSEMI-NCP10670B Datasheet
423Kb / 25P
   High-Voltage Switcher for Low Power Offline SMPS
February, 2019 ??Rev. 0
NCP1075P065G ONSEMI-NCP1075P065G Datasheet
839Kb / 28P
   High-Voltage Switcher for Low Power Offline SMPS
February, 2014 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com