Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP3232N Datasheet(PDF) 9 Page - ON Semiconductor

Part # NCP3232N
Description  High Current Synchronous Buck Converter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP3232N Datasheet(HTML) 9 Page - ON Semiconductor

Back Button NCP3232N Datasheet HTML 5Page - ON Semiconductor NCP3232N Datasheet HTML 6Page - ON Semiconductor NCP3232N Datasheet HTML 7Page - ON Semiconductor NCP3232N Datasheet HTML 8Page - ON Semiconductor NCP3232N Datasheet HTML 9Page - ON Semiconductor NCP3232N Datasheet HTML 10Page - ON Semiconductor NCP3232N Datasheet HTML 11Page - ON Semiconductor NCP3232N Datasheet HTML 12Page - ON Semiconductor NCP3232N Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
NCP3232N
www.onsemi.com
9
TYPICAL CHARACTERISTICS
Figure 15. Output UVP vs. Junction
Temperature
TJ, JUNCTION TEMPERATURE (°C)
540
544
546
548
550
554
556
560
110
80
50
20
5
−10
−25
−40
35
65
95
125
542
552
558
Figure 16. Efficiency vs. Load Current (Vin=12 V)
Figure 17. Efficiency vs. Load Current (Vin=5.5 V)


Similar Part No. - NCP3232N

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP3230 ONSEMI-NCP3230 Datasheet
156Kb / 15P
   High Current Synchronous Buck Converter
August, 2016 ??Rev. 0
NCP3230MNTXG ONSEMI-NCP3230MNTXG Datasheet
156Kb / 15P
   High Current Synchronous Buck Converter
August, 2016 ??Rev. 0
NCP3231 ONSEMI-NCP3231 Datasheet
157Kb / 15P
   High Current Synchronous Buck Converter
May, 2015 ??Rev. 5
NCP3231A ONSEMI-NCP3231A Datasheet
153Kb / 14P
   High Current Synchronous Buck Converter
May, 2015 ??Rev. 3
NCP3231AMNTXG ONSEMI-NCP3231AMNTXG Datasheet
153Kb / 14P
   High Current Synchronous Buck Converter
May, 2015 ??Rev. 3
More results

Similar Description - NCP3232N

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP3235 ONSEMI-NCP3235 Datasheet
318Kb / 16P
   High Current Synchronous Buck Converter
May, 2016 ??Rev. 0
NCP3233 ONSEMI-NCP3233 Datasheet
128Kb / 17P
   High Current Synchronous Buck Converter
November, 2015 ??Rev. 4
NCP3231B ONSEMI-NCP3231B Datasheet
296Kb / 14P
   Buck Converter - Synchronous, High Current
August, 2019 ??Rev. 0
NCP3231A ONSEMI-NCP3231A Datasheet
153Kb / 14P
   High Current Synchronous Buck Converter
May, 2015 ??Rev. 3
NCP3233 ONSEMI-NCP3233_16 Datasheet
135Kb / 17P
   High Current Synchronous Buck Converter
February, 2016 ??Rev. 5
NCP3230 ONSEMI-NCP3230 Datasheet
156Kb / 15P
   High Current Synchronous Buck Converter
August, 2016 ??Rev. 0
NCP3231 ONSEMI-NCP3231 Datasheet
157Kb / 15P
   High Current Synchronous Buck Converter
May, 2015 ??Rev. 5
logo
Texas Instruments
TPS56121 TI1-TPS56121_16 Datasheet
1Mb / 31P
[Old version datasheet]   Input High-Current Synchronous Buck SWIFT Converter
logo
Linear Technology
LTC3861EUHE LINER-LTC3861EUHE Datasheet
603Kb / 12P
   High Current, Dual Output Synchronous Buck Converter
LTC3838EUHF-1 LINER-LTC3838EUHF-1 Datasheet
2Mb / 12P
   High Current, Dual Output Synchronous Buck Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com