Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCS2300 Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCS2300
Description  Headset Detection Interface Interface
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCS2300 Datasheet(HTML) 1 Page - ON Semiconductor

  NCS2300 Datasheet HTML 1Page - ON Semiconductor NCS2300 Datasheet HTML 2Page - ON Semiconductor NCS2300 Datasheet HTML 3Page - ON Semiconductor NCS2300 Datasheet HTML 4Page - ON Semiconductor NCS2300 Datasheet HTML 5Page - ON Semiconductor NCS2300 Datasheet HTML 6Page - ON Semiconductor NCS2300 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© Semiconductor Components Industries, LLC, 2014
June, 2014 − Rev. 5
1
Publication Order Number:
NCS2300/D
NCS2300
Headset Detection
Interface
The NCS2300 is a compact and cost effective headset detection
interface IC. It integrates a comparator, OR gate, and N−channel
MOSFET to detect the presence of a stereo headset with a
microphone. Pull−up resistors for the detection pins are internalized.
A built in resistor divider provides the reference voltage for detecting
the left audio channel. The logic low output of the OR gate indicates
the headset has been connected properly. The NCS2300 comes in a
space saving UDFN6 package (1.2 x 1.0 mm).
Features
Supply Voltage: 1.6 V to 2.75 V
Low Quiescent Supply Current: 7.5 mA typical @ VDD = 1.8 V
Integrated Resistors, Comparator, OR Gate, and N−Channel
MOSFET
Space Saving UDFN6 Package
These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
Typical Applications
Cell Phones, Smartphones
Tablets
Notebooks
UDFN6
MU SUFFIX
CASE 517AA
http://onsemi.com
MARKING
DIAGRAM
Device
Package
Shipping
ORDERING INFORMATION
NCS2300MUTAG
UDFN6
(Pb−Free)
3000 / Tape &
Reel
PIN DIAGRAM
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specification
Brochure, BRD8011/D.
1
A
= Specific Device Code
M
= Date Code
G
= Pb−Free Package
M
G
1
3
2
4
5
6
Top View
GND
MIC
GND_detect
OUT
VDD
L_detect


Similar Part No. - NCS2300

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCS2302 ONSEMI-NCS2302 Datasheet
81Kb / 8P
   Headset Detection Interface Interface
June, 2014 ??Rev. 3
NCS2302MUTAG ONSEMI-NCS2302MUTAG Datasheet
81Kb / 8P
   Headset Detection Interface Interface
June, 2014 ??Rev. 3
More results

Similar Description - NCS2300

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCS2302 ONSEMI-NCS2302 Datasheet
81Kb / 8P
   Headset Detection Interface Interface
June, 2014 ??Rev. 3
logo
Motorola, Inc
MC33993 MOTOROLA-MC33993 Datasheet
869Kb / 28P
   Multiple Switch Detection Interface
logo
STMicroelectronics
STUSBCD01B STMICROELECTRONICS-STUSBCD01B Datasheet
460Kb / 19P
   USB charger detection interface
logo
Freescale Semiconductor...
MC33993 FREESCALE-MC33993 Datasheet
1Mb / 28P
   Multiple Switch Detection Interface
33993 FREESCALE-33993 Datasheet
1Mb / 28P
   Multiple Switch Detection Interface
logo
Analog Devices
EVAL-ADGS1412SDZ AD-EVAL-ADGS1412SDZ Datasheet
717Kb / 12P
   SPI interface with error detection
logo
Texas Instruments
TPA6166A2 TI1-TPA6166A2 Datasheet
1Mb / 49P
[Old version datasheet]   3.5-mm Jack Detect and Headset Interface IC
logo
NXP Semiconductors
CD1020 NXP-CD1020 Datasheet
1Mb / 56P
   22 channel multiple switch detection interface
Rev. 4, 7/2019
logo
Texas Instruments
TPA6166A2 TI-TPA6166A2_15 Datasheet
1Mb / 49P
[Old version datasheet]   TPA6166A2 3.5-mm Jack Detect and Headset Interface IC
logo
Motorola, Inc
MC33972 MOTOROLA-MC33972 Datasheet
506Kb / 28P
   Multiple Switch Detection Interface with Suppressed Wake-Up
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com