Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP1129BP100G Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCP1129BP100G
Description  High Voltage Switcher
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1129BP100G Datasheet(HTML) 4 Page - ON Semiconductor

  NCP1129BP100G Datasheet HTML 1Page - ON Semiconductor NCP1129BP100G Datasheet HTML 2Page - ON Semiconductor NCP1129BP100G Datasheet HTML 3Page - ON Semiconductor NCP1129BP100G Datasheet HTML 4Page - ON Semiconductor NCP1129BP100G Datasheet HTML 5Page - ON Semiconductor NCP1129BP100G Datasheet HTML 6Page - ON Semiconductor NCP1129BP100G Datasheet HTML 7Page - ON Semiconductor NCP1129BP100G Datasheet HTML 8Page - ON Semiconductor NCP1129BP100G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
NCP1124, NCP1126, NCP1129
www.onsemi.com
4
Table 4. MAXIMUM RATINGS (Note 5)
Rating
Symbol
Value
Unit
Drain Input Voltage (Referenced to Source Terminal)
NCP112x
VDrain
−0.3 to 650
V
Drain Maximum Pulsed Current
NCP1129
(10
ms Single Pulse, TJ = 25°C)
NCP1126
NCP1124
IDM
27
11
7
A
Single Pulse Avalanche Energy
NCP1126, NCP1129
NCP1124
EAS
96
60
mJ
Supply Input Voltage
VCC(MAX)
−0.3 to 35
V
Current Sense Input Voltage
VCS
−0.3 to 10
V
Feedback Input Voltage
VFB
−0.3 to 10
V
Operating Junction Temperature
TJ
−40 to 150
_C
Storage Temperature Range
TSTG
–60 to 150
_C
Power Dissipation (TA = 25_C, 2 Oz Cu, 600 mm2 Printed Circuit Copper Clad)
PD
1.5
W
Thermal Resistance, Junction to Ambient 2 Oz Cu Printed Circuit Copper Clad
Low Conductivity (Note 6)
High Conductivity (Note 7)
RθJA
128
78
_C/W
ESD Capability (Note 8)
Human Body Model ESD Capability per JEDEC JESD22−A114F.
Machine Model ESD Capability per JEDEC JESD22−A115C.
Charged−Device Model ESD Capability per JEDEC JESD22−C101E.
2000
200
500
V
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
5. This device contains Latch−Up protection and exceeds
±100 mA per JEDEC Standard JESD78.
6. Low Conductivity Board. As mounted on 40 x 40 x 1.5 mm FR4 substrate with a single layer of 50 mm2 of 2 oz copper trances and heat
spreading area. As specified for a JEDEC 51 low conductivity test PCB. Test conditions were under natural convection of zero air flow.
7. High Conductivity Board. As mounted on 40 x 40 x 1.5 mm FR4 substrate with a single layer of 600 mm2 of 2 oz copper trances and heat
spreading area. As specified for a JEDEC 51 high conductivity test PCB. Test conditions were under natural convection of zero air flow.
8. The Drain pins (5 and 6), are rated to the maximum voltage of the device, or 650 V.


Similar Part No. - NCP1129BP100G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP112 ONSEMI-NCP112 Datasheet
125Kb / 10P
   Supervisory IC for Desktop Power Supply Monitoring
October, 2006 ??Rev. 3
NCP1126 ONSEMI-NCP1126_12 Datasheet
512Kb / 13P
   High Voltage Switcher for Offline Power Supplies
October, 2012 ??Rev. P0
NCP112D ONSEMI-NCP112D Datasheet
125Kb / 10P
   Supervisory IC for Desktop Power Supply Monitoring
October, 2006 ??Rev. 3
NCP112DG ONSEMI-NCP112DG Datasheet
125Kb / 10P
   Supervisory IC for Desktop Power Supply Monitoring
October, 2006 ??Rev. 3
NCP112DR2 ONSEMI-NCP112DR2 Datasheet
125Kb / 10P
   Supervisory IC for Desktop Power Supply Monitoring
October, 2006 ??Rev. 3
More results

Similar Description - NCP1129BP100G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1060 ONSEMI-NCP1060 Datasheet
369Kb / 30P
   High-Voltage Switcher
December, 2015 ??Rev. 1
NCP11367 ONSEMI-NCP11367 Datasheet
393Kb / 24P
   High Voltage Primary Side PWM Switcher
December, 2017 ??Rev. P1
NCP1126 ONSEMI-NCP1126_12 Datasheet
512Kb / 13P
   High Voltage Switcher for Offline Power Supplies
October, 2012 ??Rev. P0
NCP10970 ONSEMI-NCP10970 Datasheet
554Kb / 24P
   High-Voltage Switcher with Linearly Regulated Output
March, 2020 ??Rev. 0
NCP1136 ONSEMI-NCP1136 Datasheet
243Kb / 13P
   High Voltage Switcher for Offline Power Supplies
May, 2014 - Rev. 0
NCP1072 ONSEMI-NCP1072 Datasheet
814Kb / 26P
   High-Voltage Switcher for Low Power Offline SMPS
November, 2012 ??Rev. 2
NCP1072 ONSEMI-NCP1072 Datasheet
810Kb / 26P
   High-Voltage Switcher for Low Power Offline SMPS
November, 2012 ??Rev. 2
NCP1060 ONSEMI-NCP1060_16 Datasheet
390Kb / 31P
   High-Voltage Switcher for Low Power Offline SMPS
April, 2016 ??Rev. 3
NCP10670B ONSEMI-NCP10670B Datasheet
423Kb / 25P
   High-Voltage Switcher for Low Power Offline SMPS
February, 2019 ??Rev. 0
NCP1075P065G ONSEMI-NCP1075P065G Datasheet
839Kb / 28P
   High-Voltage Switcher for Low Power Offline SMPS
February, 2014 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com