Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HR22-12 Datasheet(PDF) 1 Page - B. B. Battery Co., Ltd.

Part # HR22-12
Description  VRLA Rechargeable Battery
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BB-BATTERY [B. B. Battery Co., Ltd.]
Direct Link  http://www.bb-battery.com
Logo BB-BATTERY - B. B. Battery Co., Ltd.

HR22-12 Datasheet(HTML) 1 Page - B. B. Battery Co., Ltd.

  HR22-12_15 Datasheet HTML 1Page - B. B. Battery Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Nominal Voltage
Nominal Capacity
20Ah @ 10 hour rate F.V.(1.75V/cell)
Terminals
9m
6.0 A
oo
o
o
Charge
0 C~40 C(32 F~104 F)
oo
o
o
Discharge
-20 C~50 C(-4 F~122 F)
oo
o
o
Storage.
-20 C~40 C(-4 F~104 F)
Internal Resistance
Length
181±1.5
Width
76±1.5
Container Height
166±1.5
Total Height
OUTER DIMENSIONS
TERMINAL TYPE
12 V
Max. Charge Current
Container Material
DIMENSION(mm/inch)
6500g(14.33lbs.)
VRLA Rechargeable Battery
HR22-12
Technology
Measures
Innovation
Values
166±1.5
B.B. Battery Co., Ltd.
Powered by
REV. Dec. 2013
A/3
APPLICATION
FEATURES
SPECIFICATIONS
Approx. Weight
Max. Discharge Current
300 A (5 sec.)
(Fully Charged )
Operating Temperature Range
(7.13±0.06)
(2.99±0.06)
(6.54±0.06)
(6.54±0.06)
All data and artworks shall be changed without prior notice, BB reserves the right to explain and update the information contained hereinto.
B1 (Fitting M5 bolt & nut) , T2 and I1 are optional
Terminal Hardware Initial Torque: B1(2.5Nm±5%),I1(4.0Nm±5%)
UPS
Booster
Fishing Lights
Emergency Lights
Video Camcorders(VCR)
Lawn Mowers
Terminal T2
3.4(0.13)
7.95(0.31)
Terminal B1
[M5 BOLT & NUT]
12.0(0.47)
2.0(0.08)
Terminal I1
[M5 BOLT & NUT]
M5x0.8
(V/cell)
F.V.
Discharge
Time
5 Min
10 Min
15 Min
20 Min
Unit: W
o
o
Constant power discharge characteristics at 25 C/77 F
30 Min
40 Min
50 Min
60 Min
120 Min
902.0
1078.0
1155.0
1188.0
1210.0
1221.0
616.0
687.5
723.3
737.0
746.9
753.5
446.1
485.1
507.1
518.1
524.2
528.0
380.6
403.2
418.0
424.6
428.5
431.2
289.3
301.4
308.0
311.9
314.1
315.7
220.0
228.3
233.8
236.5
238.2
239.3
183.7
189.8
193.6
195.8
197.5
198.6
161.7
165.6
168.3
170.0
171.1
171.6
89.2
90.9
92.4
92.9
93.1
93.4
Unit: W
(V/cell)
F.V.
Discharge
Time
5 Min
10 Min
15 Min
20 Min
Unit: A
o
o
Constant current discharge characteristics at 25 C/77 F
30 Min
40 Min
50 Min
60 Min
120 Min
80.54
98.00
105.00
108.00
110.00
111.00
54.04
60.31
63.45
64.65
65.52
66.10
38.59
41.96
43.87
44.82
45.35
45.67
32.64
34.58
35.85
36.42
36.75
36.98
24.52
25.54
26.10
26.43
26.62
26.75
18.50
19.20
19.66
19.89
20.03
20.13
15.37
15.88
16.20
16.38
16.53
16.62
13.48
13.80
14.03
14.17
14.26
14.30
7.43
7.58
7.70
7.74
7.76
7.78
1.80V
1.70V
1.60V
1.50V
1.40V
1.30V
1.80V
1.70V
1.60V
1.50V
1.40V
1.30V
IEC 61056-1
JIS C 8702-1
GB/T 19639.1
Maintenance free(no water topping-up required).
No free acid(Non-spillable battery).
Low self-discharge rate, lower than 3% capacity loss per month.
Can be used in any orientation(excluding used inverted).
The battery is designed for high rate usage.
Absorbent Glass Mat technology for efficient gas recombination.
The power density at 5 min~15min discharging rate is 30% higher
than BP series.
Standard: ABS( UL 94-HB)
HR22-12
HR22-12FR
Optional: Flame Retardant ABS(UL 94-V0)


Similar Part No. - HR22-12_15

ManufacturerPart #DatasheetDescription
logo
B. B. Battery Co., Ltd.
HR22-12-B1 BB-BATTERY-HR22-12-B1 Datasheet
341Kb / 1P
   VRLA Rechargeable Battery
HR22-12FR BB-BATTERY-HR22-12FR Datasheet
222Kb / 1P
   VRLA Rechargeable Battery
logo
Hirose Electric
HR22-12P-T01 HIROSE-HR22-12P-T01 Datasheet
937Kb / 8P
   High Performance, Miniature Circular Connectors
HR22-12TJD-20P HIROSE-HR22-12TJD-20P Datasheet
937Kb / 8P
   High Performance, Miniature Circular Connectors
HR22-12TJD-20S HIROSE-HR22-12TJD-20S Datasheet
937Kb / 8P
   High Performance, Miniature Circular Connectors
More results

Similar Description - HR22-12_15

ManufacturerPart #DatasheetDescription
logo
B. B. Battery Co., Ltd.
BP10-6 BB-BATTERY-BP10-6 Datasheet
200Kb / 1P
   VRLA Rechargeable Battery
BP10-12 BB-BATTERY-BP10-12 Datasheet
207Kb / 1P
   VRLA Rechargeable Battery
BP17-12 BB-BATTERY-BP17-12 Datasheet
216Kb / 1P
   VRLA Rechargeable Battery
BP26-12 BB-BATTERY-BP26-12 Datasheet
394Kb / 1P
   VRLA Rechargeable Battery
BP45-12 BB-BATTERY-BP45-12 Datasheet
218Kb / 1P
   VRLA Rechargeable Battery
BP55-12RT BB-BATTERY-BP55-12RT Datasheet
269Kb / 1P
   VRLA Rechargeable Battery
BP65-12 BB-BATTERY-BP65-12 Datasheet
219Kb / 1P
   VRLA Rechargeable Battery
BPL12-12 BB-BATTERY-BPL12-12 Datasheet
199Kb / 1P
   VRLA Rechargeable Battery
EB20-12 BB-BATTERY-EB20-12 Datasheet
203Kb / 1P
   VRLA Rechargeable Battery
EP26-12 BB-BATTERY-EP26-12 Datasheet
221Kb / 1P
   VRLA Rechargeable Battery
EP40-12 BB-BATTERY-EP40-12 Datasheet
404Kb / 1P
   VRLA Rechargeable Battery
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com